Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-2531-520E Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-2531-520E
Description  Dual Channel, High Speed Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2531-520E Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-2531-520E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-2531-520E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2531-520E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2531-520E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-2531-520E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-2531-520E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-2531-520E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-2531-520E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-2531-520E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
Electrical Specifications (DC)
Over recommended temperature (TA = 0°C to 70°C) unless otherwise specified. See note 9.
Parameter
Sym.
Device
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Current
CTR
HCPL-2530/
7
18
50
%
TA = 25°C
IF = 16mA,
1, 2
1, 2
Transfer
0530
VCC = 4.5 V
4
Ratio
5
VO = 0.5 V
HCPL-2531/
19
24
50
%
TA = 25°C
0531
HCPL-4534/
15
0534
Logic Low
VOL
HCPL-2530/
0.1
0.5
V
TA = 25°C
IO = 1.1 mA
IF = 16 mA,
1
1
Output
0530
VCC = 4.5 V
Voltage
0.5
IO = 0.8 mA
HCPL-2531/
0.1
0.5
V
TA = 25°C
IO = 3.0 mA
0531
HCPL-4534/
0.5
IO = 2.4 mA
0534
Logic High
IOH
0.003
0.5
μA
TA = 25°C VCC = VO = 5.5V, IF = 0 mA
6
1
Output
IF = 0 mA
Current
50
TA = 25°C VCC = VO = 15V,
IF = 0 mA
Logic Low
ICCL
100
400
μA
IF = 16 mA, VO = Open,
Supply
VCC = 15 V
Current
Logic High
ICCH
0.05
4
μA
IF = 0 mA, VO = Open,
Supply
VCC = 15 V
Current
Input
VF
1.5
1.7
V
TA = 25°C
3
1
Forward
IF = 16 mA
Voltage
1.8
Input
BVR
5
V
IR=10 μA
1
Reverse
Breakdown
Voltage
Temperature
ΔVF
-1.6
mV/
IF = 16 mA
Coefficient
ΔTA
°C
of Forward
Voltage
Input
CIN
60
pF
f = 1 MHz, VF = 0 V
1
Capacitance
*All typicals at TA = 25°C.


Similar Part No. - HCPL-2531-520E

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HCPL-2531 QT-HCPL-2531 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL-2531 FAIRCHILD-HCPL-2531 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-2531 HP-HCPL-2531 Datasheet
207Kb / 12P
   Dual Channel, High Speed Optocouplers
logo
Fairchild Semiconductor
HCPL-2531 FAIRCHILD-HCPL-2531 Datasheet
577Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL-2531 FAIRCHILD-HCPL-2531 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results

Similar Description - HCPL-2531-520E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL2530 HP-HCPL2530 Datasheet
207Kb / 12P
   Dual Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2530 AVAGO-HCPL-2530 Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers High density packaging
logo
Agilent(Hewlett-Packard...
6N135 HP-6N135 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Shenzhen Tenand Technol...
6N138 TENAND-6N138 Datasheet
698Kb / 15P
   Single Channel, High Speed Optocouplers
logo
Lite-On Technology Corp...
6N135 LITEON-6N135 Datasheet
623Kb / 15P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136-500E AVAGO-6N136-500E Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers
HCPL-4503-500E AVAGO-HCPL-4503-500E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
6N136-020E AVAGO-6N136-020E Datasheet
479Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW136-300E AVAGO-HCNW136-300E Datasheet
444Kb / 16P
   Single Channel, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com