Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9249 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9249
Description  16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9249 Datasheet(HTML) 3 Page - Analog Devices

  AD9249 Datasheet HTML 1Page - Analog Devices AD9249 Datasheet HTML 2Page - Analog Devices AD9249 Datasheet HTML 3Page - Analog Devices AD9249 Datasheet HTML 4Page - Analog Devices AD9249 Datasheet HTML 5Page - Analog Devices AD9249 Datasheet HTML 6Page - Analog Devices AD9249 Datasheet HTML 7Page - Analog Devices AD9249 Datasheet HTML 8Page - Analog Devices AD9249 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Data Sheet
AD9249
Rev. 0 | Page 3 of 36
FUNCTIONAL BLOCK DIAGRAM
Figure 2.
AD9249
AVDD
PDWN
DATA
RATE
MULTIPLIER
SERIAL PORT
INTERFACE
FCO+1, FCO+2
FCO–1, FCO–2
DCO+1, DCO+2
DCO–1, DCO–2
REF
SELECT
VREF
VCM1, VCM2
1.0V
SYNC
SENSE
RBIAS1,
RBIAS2
GND CSB1,
CSB2
CLK+ CLK–
SDIO/
DFS
SCLK/
DTP
DRVDD
VIN+A1
VIN–A1
ADC
SERIAL
LVDS
D+A1
D–A1
14
VIN+A2
VIN–A2
ADC
SERIAL
LVDS
D+A2
D–A2
14
VIN+B1
VIN–B1
ADC
SERIAL
LVDS
D+B1
D–B1
14
VIN+B2
VIN–B2
ADC
SERIAL
LVDS
D+B2
D–B2
14
VIN+C1
VIN–C1
ADC
SERIAL
LVDS
D+C1
D–C1
14
VIN+C2
VIN–C2
ADC
SERIAL
LVDS
D+C2
D–C2
14
VIN+D1
VIN–D1
ADC
SERIAL
LVDS
D+D1
D–D1
14
VIN+D2
VIN–D2
ADC
SERIAL
LVDS
D+D2
D–D2
14
VIN+E1
VIN–E1
ADC
SERIAL
LVDS
D+E1
D–E1
14
VIN+E2
VIN–E2
ADC
SERIAL
LVDS
D+E2
D–E2
14
VIN+F1
VIN–F1
ADC
SERIAL
LVDS
D+F1
D–F1
14
VIN+F2
VIN–F2
ADC
SERIAL
LVDS
D+F2
D–F2
14
VIN+G1
VIN–G1
ADC
SERIAL
LVDS
D+G1
D–G1
14
VIN+G2
VIN–G2
ADC
SERIAL
LVDS
D+G2
D–G2
14
VIN+H1
VIN–H1
ADC
SERIAL
LVDS
D+H1
D–H1
14
VIN+H2
VIN–H2
ADC
SERIAL
LVDS
D+H2
D–H2
14


Similar Part No. - AD9249

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9249 AD-AD9249 Datasheet
1Mb / 37P
   16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
AD9249-65EBZ AD-AD9249-65EBZ Datasheet
1Mb / 37P
   16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
AD9249BBCZ-65 AD-AD9249BBCZ-65 Datasheet
1Mb / 37P
   16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
AD9249BBCZRL7-65 AD-AD9249BBCZRL7-65 Datasheet
1Mb / 37P
   16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
AD9249 AD-AD9249_17 Datasheet
1Mb / 37P
   16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
More results

Similar Description - AD9249

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9249 AD-AD9249_17 Datasheet
1Mb / 37P
   16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
AD9212 AD-AD9212_15 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9212 AD-AD9212_11 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9259 AD-AD9259_15 Datasheet
1Mb / 52P
   Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9219 AD-AD9219_17 Datasheet
1Mb / 57P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
AD9252ABCPZ-50 AD-AD9252ABCPZ-50 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9219ABCPZ-40 AD-AD9219ABCPZ-40 Datasheet
2Mb / 56P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9633 AD-AD9633_17 Datasheet
1Mb / 42P
   125 MSPS, Serial LVDS 1.8 V ADC
AD9287 AD-AD9287_15 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS, Serial LVDS 1.8 V ADC
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com