Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9249BBCZRL7-65 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9249BBCZRL7-65
Description  16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9249BBCZRL7-65 Datasheet(HTML) 5 Page - Analog Devices

  AD9249BBCZRL7-65 Datasheet HTML 1Page - Analog Devices AD9249BBCZRL7-65 Datasheet HTML 2Page - Analog Devices AD9249BBCZRL7-65 Datasheet HTML 3Page - Analog Devices AD9249BBCZRL7-65 Datasheet HTML 4Page - Analog Devices AD9249BBCZRL7-65 Datasheet HTML 5Page - Analog Devices AD9249BBCZRL7-65 Datasheet HTML 6Page - Analog Devices AD9249BBCZRL7-65 Datasheet HTML 7Page - Analog Devices AD9249BBCZRL7-65 Datasheet HTML 8Page - Analog Devices AD9249BBCZRL7-65 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Data Sheet
AD9249
Rev. 0 | Page 5 of 36
AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2 V p-p differential input, 1.0 V internal reference, AIN = −1.0 dBFS, unless otherwise noted.
Table 2.
Parameter1
Temp
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 9.7 MHz
25°C
75.4
dBFS
fIN = 19.7 MHz
Full
74.4
75.3
dBFS
fIN = 48 MHz
25°C
74.7
dBFS
fIN = 69.5 MHz
25°C
74.4
dBFS
fIN = 118 MHz
25°C
72.8
dBFS
fIN = 139.5 MHz
25°C
72.2
dBFS
SIGNAL-TO-NOISE AND DISTORTION RATIO (SINAD)
fIN = 9.7 MHz
25°C
75.4
dBFS
fIN = 19.7 MHz
Full
74.0
75.3
dBFS
fIN = 48 MHz
25°C
74.7
dBFS
fIN = 69.5 MHz
25°C
74.4
dBFS
fIN = 118 MHz
25°C
72.6
dBFS
fIN = 139.5 MHz
25°C
71.8
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 9.7 MHz
25°C
12.2
Bits
fIN = 19.7 MHz
Full
12.0
12.2
Bits
fIN = 48 MHz
25°C
12.1
Bits
fIN = 69.5 MHz
25°C
12.1
Bits
fIN = 118 MHz
25°C
11.8
Bits
fIN = 139.5 MHz
25°C
11.6
Bits
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 9.7 MHz
25°C
95
dBc
fIN = 19.7 MHz
Full
85
93
dBc
fIN = 48 MHz
25°C
94
dBc
fIN = 69.5 MHz
25°C
92
dBc
fIN = 118 MHz
25°C
83
dBc
fIN = 139.5 MHz
25°C
82
dBc
WORST HARMONIC (SECOND OR THIRD)
fIN = 9.7 MHz
25°C
−98
dBc
fIN = 19.7 MHz
Full
−93
−85
dBc
fIN = 48 MHz
25°C
−94
dBc
fIN = 69.5 MHz
25°C
−92
dBc
fIN = 118 MHz
25°C
−83
dBc
fIN = 139.5 MHz
25°C
−82
dBc
WORST OTHER (EXCLUDING SECOND OR THIRD)
fIN = 9.7 MHz
25°C
−95
dBc
fIN = 19.7 MHz
Full
−96
−86
dBc
fIN = 48 MHz
25°C
−94
dBc
fIN = 69.5 MHz
25°C
−92
dBc
fIN = 118 MHz
25°C
−90
dBc
fIN = 139.5 MHz
25°C
−90
dBc
TWO-TONE INTERMODULATION DISTORTION (IMD)—AIN1 AND AIN2 = −7.0 dBFS
fIN1 = 30.1 MHz, fIN2 = 32.1 MHz
25°C
92
dBc
CROSSTALK, WORST ADJACENT CHANNEL2
25°C
−90
dB
Crosstalk, Worst Adjacent Channel Overrange Condition3
25°C
−85
dB
ANALOG INPUT BANDWIDTH, FULL POWER
25°C
650
MHz
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
2
Crosstalk is measured at 10 MHz, with −1.0 dBFS analog input on one channel and no input on the adjacent channel.
3
Overrange condition is defined as 3 dB above input full scale.


Similar Part No. - AD9249BBCZRL7-65

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9249BBCZRL7-65 AD-AD9249BBCZRL7-65 Datasheet
1Mb / 37P
   16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
More results

Similar Description - AD9249BBCZRL7-65

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9249 AD-AD9249_17 Datasheet
1Mb / 37P
   16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
AD9212 AD-AD9212_15 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9212 AD-AD9212_11 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9259 AD-AD9259_15 Datasheet
1Mb / 52P
   Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9219 AD-AD9219_17 Datasheet
1Mb / 57P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
AD9252ABCPZ-50 AD-AD9252ABCPZ-50 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9219ABCPZ-40 AD-AD9219ABCPZ-40 Datasheet
2Mb / 56P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9633 AD-AD9633_17 Datasheet
1Mb / 42P
   125 MSPS, Serial LVDS 1.8 V ADC
AD9287 AD-AD9287_15 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS, Serial LVDS 1.8 V ADC
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com