Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHC1G50 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74VHC1G50
Description  The MC74VHC1G50 is an advanced high speed CMOS buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G50 Datasheet(HTML) 4 Page - ON Semiconductor

  MC74VHC1G50 Datasheet HTML 1Page - ON Semiconductor MC74VHC1G50 Datasheet HTML 2Page - ON Semiconductor MC74VHC1G50 Datasheet HTML 3Page - ON Semiconductor MC74VHC1G50 Datasheet HTML 4Page - ON Semiconductor MC74VHC1G50 Datasheet HTML 5Page - ON Semiconductor MC74VHC1G50 Datasheet HTML 6Page - ON Semiconductor MC74VHC1G50 Datasheet HTML 7Page - ON Semiconductor MC74VHC1G50 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74VHC1G50
http://onsemi.com
4
VCC
GND
50%
50% VCC
AorB
Y
tPLH
tPHL
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 4. Switching Waveforms
Figure 5. Test Circuit
DEVICE ORDERING INFORMATION
Device Order Number
Device Nomenclature
Package Type
Tape and
Reel Size
Circuit
Indicator
Temp
Range
Identifier
Technology
Device
Function
Package
Suffix
Tape &
Reel
Suffix
MC74VHC1G50DFT1
MC
74
VHC1G
50
DF
T1
SC--88A /
SOT--353 / SC--70
178 mm (7”)
3000 Unit
MC74VHC1G50DFT2
MC
74
VHC1G
50
DF
T2
SC--88A /
SOT--353 / SC--70
178 mm (7”)
3000 Unit
MC74VHC1G50DTT1
MC
74
VHC1G
50
DT
T1
TSOP--5 / SOT--23
/SC--59
178 mm (7”)
3000 Unit
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MC74VHC1G50

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G50 ONSEMI-MC74VHC1G50 Datasheet
184Kb / 8P
   Buffer
February, 2000 ??Rev. 0
MC74VHC1G50 ONSEMI-MC74VHC1G50 Datasheet
254Kb / 8P
   Buffer
March, 2006 -- Rev. 12
MC74VHC1G50 ONSEMI-MC74VHC1G50 Datasheet
250Kb / 8P
   Buffer
March, 2006 -- Rev. 12
MC74VHC1G50 ONSEMI-MC74VHC1G50 Datasheet
203Kb / 14P
   Buffer
November, 2018 ??Rev. 13
MC74VHC1G50 ONSEMI-MC74VHC1G50 Datasheet
203Kb / 14P
   Buffer
November, 2018 ??Rev. 13
More results

Similar Description - MC74VHC1G50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G04 STMICROELECTRONICS-74V1G04_07 Datasheet
114Kb / 9P
   The 74V1G04 is an advanced high-speed
July 2001
logo
ams AG
TMD2620 AMSCO-TMD2620 Datasheet
630Kb / 33P
   The device is an advanced proximity sensor
logo
ON Semiconductor
NLVASB3157 ONSEMI-NLVASB3157 Datasheet
139Kb / 10P
   The NLASB3157 is an advanced CMOS analog switch fabricated with silicon gate CMOS technology
August, 2013 ??Rev. 13
logo
Littelfuse
SE-330 LITTELFUSE-SE-330 Datasheet
359Kb / 2P
   The SE-330 is an advanced ground-fault
logo
Unisonic Technologies
U74LVC1G66 UTC-U74LVC1G66 Datasheet
175Kb / 7P
   The U74LVC1G66 is a high-speed CMOS device.
logo
List of Unclassifed Man...
MDT75C271 ETC1-MDT75C271 Datasheet
43Kb / 5P
   The MDT75C271 is an OTP Encoder using CMOS technology.
logo
Nexperia B.V. All right...
74AHC1GU04-Q100 NEXPERIA-74AHC1GU04-Q100 Datasheet
703Kb / 13P
   The 74AHC1GU04-Q100 is a high-speed Si-gate CMOS device. It provides an inverting single stage function
logo
Renesas Technology Corp
R5F56108VNFP RENESAS-R5F56108VNFP Datasheet
1Mb / 85P
   The RX610 Group is an MCU with the high-speed, high-performance RX CPU as its core.
logo
List of Unclassifed Man...
ABB3007 ETC1-ABB3007 Datasheet
80Kb / 5P
   High Speed Translator Buffer to CMOS
logo
NXP Semiconductors
74AHC2G00 PHILIPS-74AHC2G00 Datasheet
94Kb / 17P
   The 74AHC2G/AHCT2G00 is a high-speed Si-gate CMOS device
2004 Jan 21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com