Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2962 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # 2962
Description  DUAL SOLENOID/MOTOR DRIVER .PULSE-WIDTH MODULATED CURRENT CONTROL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2962 Datasheet(HTML) 7 Page - Allegro MicroSystems

  2962 Datasheet HTML 1Page - Allegro MicroSystems 2962 Datasheet HTML 2Page - Allegro MicroSystems 2962 Datasheet HTML 3Page - Allegro MicroSystems 2962 Datasheet HTML 4Page - Allegro MicroSystems 2962 Datasheet HTML 5Page - Allegro MicroSystems 2962 Datasheet HTML 6Page - Allegro MicroSystems 2962 Datasheet HTML 7Page - Allegro MicroSystems 2962 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2962
DUAL PWM
SOLENOID/MOTOR DRIVER
www.allegromicro.com
Dimensions in Millimeters
(for reference only)
Dwg. MP-007 mm
32.00
31.49
19.69
19.45
0.51
3.94
3.68
ø
4.57
MAX
1.40
1.14
3.43
2.54
7.36 MIN
2.03
1.77
9.27
2.54
±0.254
0.76
0.51
1.65
0.89
1
0.59
0.45
3.56
14.48
13.71
6.22
5.71
12
INDEX
AREA
The products described here are manufactured under one or more U.S.
patents or U.S. patents pending.
Allegro MicroSystems, Inc. reserves the right to make, from time to time,
such departures from the detail specifications as may be required to permit
improvements in the performance, reliability, or manufacturability of its
products. Before placing an order, the user is cautioned to verify that the
information being relied upon is current.
Allegro products are not authorized for use as critical components in life-
support devices or systems without express written approval.
The information included herein is believed to be accurate and reliable.
However, Allegro MicroSystems, Inc. assumes no responsibility for its use; nor
for any infringement of patents or other rights of third parties which may result
from its use.
NOTES: 1. Lead thickness is measured at seating plane or below.
2. Lead spacing tolerance is non-cumulative.
3. Exact body and lead configuration at vendor’s option within limits shown.
4. Lead gauge plane is 0.762 mm below seating plane.
5. Supplied in standard sticks/tubes of 15 devices.


Similar Part No. - 2962

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2962 KR-2962 Datasheet
69Kb / 3P
   70 MHz Center Frequency
logo
Heyco.
2962 HEYCO-2962 Datasheet
111Kb / 1P
   Connector Caps and Plugs
logo
PHOENIX CONTACT
2962023 PHOENIX-2962023 Datasheet
132Kb / 4P
   UM-16 RELS/KSR-G24/ 1/N/PE/PLC
2962036 PHOENIX-2962036 Datasheet
130Kb / 4P
   UM-16 RELS/KSR-G24/1/NPE/E/PLC
2962191 PHOENIX-2962191 Datasheet
128Kb / 4P
   UM-16 RELS/KSR-G24/21-21/PLC
More results

Similar Description - 2962

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MCZ3001D SHINDENGEN-MCZ3001D Datasheet
154Kb / 2P
   Pulse Width Modulated Control Circuit
logo
National Semiconductor ...
LM494 NSC-LM494 Datasheet
159Kb / 8P
   Pulse Width Modulated Control Circuit
logo
Linear Dimensions Semic...
LND-SA55 LINEAR_DIMENSIONS-LND-SA55 Datasheet
112Kb / 1P
   Pulse Width Modulated Amplifier
logo
Unisonic Technologies
TL1451 UTC-TL1451_05 Datasheet
254Kb / 14P
   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL1451A TI-TL1451A Datasheet
425Kb / 29P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1453C TI-TL1453C Datasheet
116Kb / 7P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL1451A-Q1 TI1-TL1451A-Q1 Datasheet
392Kb / 24P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451A-EP TI-TL1451A-EP_15 Datasheet
574Kb / 26P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Unisonic Technologies
TL1451 UTC-TL1451_15 Datasheet
404Kb / 14P
   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL1451AC TI1-TL1451AC Datasheet
494Kb / 21P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com