Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDN2961B Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # UDN2961B
Description  HIGH-CURRENT HALF-BRIDGE PRINTHEAD/MOTOR DRIVER.WITH INTERNAL CURRENT SENSING AND CONTROL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

UDN2961B Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button UDN2961B Datasheet HTML 4Page - Allegro MicroSystems UDN2961B Datasheet HTML 5Page - Allegro MicroSystems UDN2961B Datasheet HTML 6Page - Allegro MicroSystems UDN2961B Datasheet HTML 7Page - Allegro MicroSystems UDN2961B Datasheet HTML 8Page - Allegro MicroSystems UDN2961B Datasheet HTML 9Page - Allegro MicroSystems UDN2961B Datasheet HTML 10Page - Allegro MicroSystems UDN2961B Datasheet HTML 11Page - Allegro MicroSystems UDN2961B Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
2961
HIGH-CURRENT
HALF-BRIDGE
PRINTHEAD/MOTOR DRIVER
UDN2961W
Dimensions in Millimeters
(for reference only)
NOTES: 1. Lead thickness is measured at seating plane or below.
2. Lead spacing tolerance is non-cumulative
3. Exact body and lead configuration at vendor’s option within limits shown.
4. Lead gauge plane is 0.762 mm below seating plane.
Dwg. MP-007 mm
32.00
31.49
19.69
19.45
0.51
3.94
3.68
ø
4.57
MAX
1.40
1.14
3.43
2.54
7.36 MIN
2.03
1.77
9.27
2.54
±0.254
0.76
0.51
1.65
0.89
1
0.59
0.45
3.56
14.48
13.71
6.22
5.71
12
INDEX
AREA


Similar Part No. - UDN2961B

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UDN2962 ALLEGRO-UDN2962 Datasheet
141Kb / 8P
   DUAL SOLENOID/MOTOR DRIVER .PULSE-WIDTH MODULATED CURRENT CONTROL
UDN2962W ALLEGRO-UDN2962W Datasheet
141Kb / 8P
   DUAL SOLENOID/MOTOR DRIVER .PULSE-WIDTH MODULATED CURRENT CONTROL
More results

Similar Description - UDN2961B

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2943 ALLEGRO-2943 Datasheet
97Kb / 6P
   HIGH-CURRENT HALF-BRIDGE MOTOR DRIVER
logo
Infineon Technologies A...
BTN8962TA INFINEON-BTN8962TA Datasheet
1Mb / 26P
   High Current PN Half Bridge
Rev. 1.0, 2013-05-17
BTN8960 INFINEON-BTN8960 Datasheet
6Mb / 94P
   High Current PN Half Bridge
Rev. 0.6 2017-02-21
BTN8982TA INFINEON-BTN8982TA Datasheet
1Mb / 26P
   High Current PN Half Bridge
Rev. 1.0, 2013-05-17
logo
Allegro MicroSystems
2955-2 ALLEGRO-2955-2 Datasheet
260Kb / 3P
   HIGH-CURRENT HALF-BRIDGE POWER DRIVER
logo
Infineon Technologies A...
BTN7933B INFINEON-BTN7933B Datasheet
737Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7963B INFINEON-BTN7963B Datasheet
735Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7930 INFINEON-BTN7930 Datasheet
784Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
logo
Monolithic Power System...
MP8040 MPS-MP8040 Datasheet
249Kb / 8P
   High Current Integrated Half Bridge Driver
logo
Infineon Technologies A...
BTN7975B INFINEON-BTN7975B Datasheet
709Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, March 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com