Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC3479FN Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC3479FN
Description  Stepper Motor Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC3479FN Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC3479FN Datasheet HTML 2Page - ON Semiconductor MC3479FN Datasheet HTML 3Page - ON Semiconductor MC3479FN Datasheet HTML 4Page - ON Semiconductor MC3479FN Datasheet HTML 5Page - ON Semiconductor MC3479FN Datasheet HTML 6Page - ON Semiconductor MC3479FN Datasheet HTML 7Page - ON Semiconductor MC3479FN Datasheet HTML 8Page - ON Semiconductor MC3479FN Datasheet HTML 9Page - ON Semiconductor MC3479FN Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MC3479
http://onsemi.com
7
Figure 7. Output Sequence
Phase A
Output
(a) Full Step Mode
A
CW/CCW
A
A
A
A
Bias/Set
Clk
Phase A
Output
Phase A
A
(c) Half Step Mode
CD
L3
L4
F
L1
E
C
L1
L2
L2
L3
L4
BD
L1
CD
B
H
G
D
BC
E
F
(b) Half Step Mode
L2
L3
L4
GH
B
B
C
D
B
C
B
= Logic 0"
= Logic 1"
= Logic 1"
= High Impedance
CW/CCW
= Logic 0"
F/HS
= Logic 1", OIC = Logic 0"
D
BC
= High Impedance
= Logic 0"
= Don
′t Care
F/HS
OIC
CW/CCW
F/HS
OIC
The value of RB (between this pin and ground) is then
determined by:
R
B +
V
M *
0.7 V
I
BS
b) When this pin is opened (raised to VM) such that IBS is
< 5.0
mA, the internal logic is set to the Phase A condition, and
the four driver outputs are put into a high impedance state.
The Phase A output (Pin 11) goes active (low), and input
signals at the controls are ignored during this time. Upon
re−establishing IBS, the driver outputs become active, and
will be in the Phase A position (L1 = L3 = VOHD, L2 = L4
= VOLD). The circuit will then respond to the inputs at the
controls.
The Set function (opening this pin) can be used as a
powerup reset while supply voltages are settling. A CMOS
logic gate (powered by VM) can be used to control this pin as
shown in Figure 12.
c) Whenever the motor is not being stepped, power
dissipation in the IC and in the motor may be lowered by
reducing IBS, so as to reduce the output (motor) current.
Setting IBS to 75 mA will reduce the motor current, but will
not reset the internal logic as described above. See Figure 13
for a suggested circuit.
Power Dissipation
The power dissipated by the MC3479 must be such that
the junction temperature (TJ) does not exceed 150°C. The
power dissipated can be expressed as:
P = (VM  IM) + (2  IOD) [(VM − VOHD) + VOLD]
where
VM = Supply voltage;
IM = Supply current other than IOD;
IOD = Output current to each motor coil;
VOHD = Driver output high voltage;
VOLD = Driver output low voltage.
The power supply current (IM) is obtained from Figure 8.
After the power dissipation is calculated, the junction
temperature can be calculated using:
TJ = (P  RqJA) + TA
where
RqJA = Junction−to−ambient thermal resistance
(52
°C/W for the DIP, 72°C/W for the FN Package);
TA = Ambient Temperature.


Similar Part No. - MC3479FN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC3479 ONSEMI-MC3479 Datasheet
110Kb / 10P
   Stepper Motor Driver
June, 2006 ??Rev. 7
logo
MEMSIC Semiconductor (T...
MC3479 MEMSIC-MC3479 Datasheet
1Mb / 82P
   3-Axis Accelerometer
APS-048-0072v1.2.1
logo
ON Semiconductor
MC3479P ONSEMI-MC3479P Datasheet
110Kb / 10P
   Stepper Motor Driver
June, 2006 ??Rev. 7
MC3479PG ONSEMI-MC3479PG Datasheet
110Kb / 10P
   Stepper Motor Driver
June, 2006 ??Rev. 7
More results

Similar Description - MC3479FN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
   Stepper motor driver
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
   STEPPER MOTOR DRIVER
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
   Stepper Motor Driver
December, 2001 - Rev. 2
logo
New Japan Radio
NJM37770 NJRC-NJM37770 Datasheet
152Kb / 10P
   STEPPER MOTOR DRIVER
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
   STEPPER MOTOR DRIVER
logo
System Logic Semiconduc...
PBL3717A SLS-PBL3717A_03 Datasheet
826Kb / 11P
   STEPPER MOTOR DRIVER
logo
STMicroelectronics
TEA3717 STMICROELECTRONICS-TEA3717 Datasheet
137Kb / 8P
   STEPPER MOTOR DRIVER
April 1993
TEA3718 STMICROELECTRONICS-TEA3718 Datasheet
288Kb / 16P
   STEPPER MOTOR DRIVER
December 1991
logo
Sanken electric
SLA4708M SANKEN-SLA4708M Datasheet
25Kb / 2P
   Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com