Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

593826A0000E Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # 593826A0000E
Description  LGA775 Intel Core2 Duo ATX Industrial Motherboard with Intel Q45 ICH10DO Chipset, iAMT, iTPM and RAID
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

593826A0000E Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  593826A0000E Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
155
* All specifications and photos are subject to change without notice.
www.axiomtek.com
DualView
System
D I/O
USB
SATA-300
ACPI conn.
DDR3 DIMM
LGA775
PS/2
K/B+M/S
Audio
PCIe x16
PCIe x4
PCIe x1
COM+VGA+LPT
Ethernet
+USB 3/4
Ethernet
+USB 1/2
ATX power conn.
COM 2/3/4
PCI 1/2/3/4
Intel
® GMA X4500 graphics Core
®
Memory Size
Memory Size
Intel
® DVMT 5.0 compliant
®
1 x VGA
Display
Quick installation guide, user's manual/utility CD, cable
Part Number
593826A0000E
59380402010E
Description
SATA signal cable 500mm
COM port cable w/ bracket
Qty
1
1
LGA775 Intel® Core™2 Duo ATX Industrial Motherboard with
Intel® Q45 + ICH10DO Chipset, iAMT, iTPM and RAID
IMB203
I/O
Features
LGA775 for Intel® Core™2 Duo/ Celeron® processor
with 800/1066/1333 MHz MT/s
Intel® Q45 + ICH10DO chipset
4 DDR3-800/1066 DIMM support up to 8 GB
Intel® Gen 5 high performance integrated graphics
controller with DX10 and OpenGL 2.1
RAID 0, 1, 10 and 5
Intel® AMT & TPM supported
Supports x16 PCI Express 2.0
LGA775 socket for Intel
® Core
®
™2 Duo/ Celeron
® processors
®
with FSB 800/1066/1333 MHz
System Memory
System Memory
4 x 240-pin DIMM supports DDR3-800/1066 max. up to 8 GB
Intel
® Q45 + ICH10DO
®
BIOS
BIOS
AMI
1 x USB DoM
Watchdog Timer
Watchdog Timer
255 levels, 1~255 sec.
1 x PCIe x16
1 x PCIe x4 (default)
1 x PCIe x1 (refer to user's manual for setting)
4 x PCI
Battery
Battery
Lithium 3V/220 mAH
Intel
® Core
®
™2 Quad Q9400 @2.66 GHz, 2GB DDR3
Max. RMS: +5V_SBY @ 1.289A, +3.3V @ 0.492A,
+5V @ 1.807A, +12V @ 2.928A, -12V @ 0.061A
Size
Size
305 x 244 mm
1.6 mm
Temperature
Temperature
0°C ~ +60°C (32°F ~ 140°F), operation
10% ~ 95% relative humidity, non-condensing
1 x LPT; with SPP/EPP/ECP supported
1 x FDD (optional; w/o AMT function)
1 x PS/2 keyboard
1 x PS/2 mouse
3 x RS-232 (COM 2/3/4)
1 x RS-232/422/485 (COM 1)
SATA
SATA
6 x SATA-300 with RAID 0/1/10/5
Detect CPU/system temperature, voltage and fan speed
Ethernet
Ethernet
1
st port as 10/100/1000Mbps supports Wake-on-LAN,
RPL/PXE Boot ROM with Intel
® 82574L
®
2
nd port as 10/100/1000Mbps supports iAMT,
Wake-on-LAN, RPL/PXE Boot ROM with Intel
® 82567LM
®
HD Codec audio as MIC-in/Line-in/Line-out/speaker-out
with Realtek ALC888
USB
USB
12 x USB 2.0
System Management Bus for advanced
monitoring/control interface
Digital I/O
Digital I/O
8 channels IN/OUT programmable
Packing List
Ordering Information
IMB203VGGA
LGA775 socket ATX industrial M/B with VGA,
(P/N: E38F203100) 2 10/100/1000Mbps Ethernet, audio,
iAMT, TPM and RAID
593836A0030E
4-pin power cable to SATA x 2, L=150mm
5938A808010E
2 x USB port cable, L=190mm
LGA775
Intel® Q45
4 DDR3
12 USB 2.0
4 PCI
iAMT
USB DoM
iAMT & TPM
RAID 0,1,10,5
Side view
DualView
System
Features
LGA775
Intel® Q35
RS-232/422/485
10 USB 2.0
4 PCI
1 PCIe x16
USB DoM
p
Intel
® GMA 3100 graphics Core
g p
®
Memory Size
Memory Size
Intel
® DVMT 4.0 compliant
®
1 x VGA
Display
Quick installation guide, user's manual/utility CD, cable
Part Number
59380402010E
593826A0000E
Description
COM port cable w/ bracket
SATA signal cable 500mm
Qty
1
1
LGA775 Intel® Core™2 Quad ATX Industrial Motherboard with
Intel® Q35 + ICH9DO Chipset, Dual LANs and Audio
IMB202
I/O
LGA775 for Intel® Core™2 Quad/ Core™2 Duo/
Celeron® processor with 800/1066/1333 MHz
Intel® Q35 + ICH9-DO chipset
4 DDR2-533/667/800 DIMM support up to 8 GB
6 Serial ATA ports support data transfer rate
up to 3Gb/s with RAID 0, 1, 10 and 5
LGA775 socket for Intel
® Core
®
™2 Quad/ Core
™2 Duo/
Celeron
® processors with FSB 800/1066/1333 MHz
®
System Memory
System Memory
4 x 240-pin DIMM supports DDR2-667/800 max. up to 8 GB
Intel
® Q35 + ICH9DO
®
BIOS
BIOS
Phoenix-Award
1 x CompactFlash™ type-II (optional)
Watchdog Timer
Watchdog Timer
255 levels, 1~255 sec.
1 x PCIe x16
1 x PCIe x4 (refer to user's manual for setting)
1 x PCIe x1 (refer to user's manual for setting)
4 x PCI
Battery
Battery
Lithium 3V/220 mAH
Intel
® Core
®
™2 Quad Q9400 @2.66 GHz, 4GB DDR2
Max. RMS: +5V_SBY @ 0.026A, +3.3V @ 1.311A,
+5V @ 3.019A, +12V @ 1.781A, -12V @ 0.062A
Size
Size
305 x 244 mm
1.6 mm
Temperature
Temperature
0°C ~ +60°C (32°F ~ 140°F), operation
10% ~ 95% relative humidity, non-condensing
1 x IDE; PATA-100 (optional)
1x FDD
1 x PS/2 keyboard
1 x PS/2 mouse
1 x LPT; with SPP/EPP/ECP supported
3 x RS-232 (COM 2/3/4); with +5V/+12V powered
1 x RS-232/422/485 (COM 1); with +5V/+12V powered
SATA
SATA
6 x SATA-300 with RAID 0/1/10/5
Detect CPU/system temperature, voltage and fan speed
Ethernet
Ethernet
1
st port as 10/100/1000Mbps supports Wake-on-LAN,
RPL/PXE Boot ROM with Realtek RTL8111B
2
nd port as 10/100/1000Mbps supports Wake-on-LAN,
RPL/PXE Boot ROM with Intel
® 82566DM
®
HD Codec audio as MIC-in/Line-out with Realtek ALC888
USB
USB
12 x USB 2.0
2 x IEEE 1394a (optional)
SMBus
SMBus
N/A
8 channels IN/OUT programmable
Packing List
Ordering Information
IMB202VGGA
LGA775 socket ATX industrial M/B with VGA,
(P/N: E38F202101) 2 10/100/1000Mbps Ethernet, audio and RAID
IMB202VGGAF
LGA775 socket ATX industrial M/B with VGA,
(P/N: E38F202100) 2 10/100/1000Mbps Ethernet, audio, RAID
and firewire
593836A0030E
4-pin power cable to SATA x 2, L=150mm
5938A808010E
2 x USB port cable, L=190mm
D I/O
FDD
USB
USB
SATA2
IDE ACPI conn.
DDR2
DIMM
LGA775
PS/2 K/B
+M/S
Audio
PCIe x16
PCIe x4
PCIe x1
COM+VGA+LPT
Ethernet+USB 1/2/3/4
ATX power conn.
IEEE 1394a
COM 2/3/4
PCI


Similar Part No. - 593826A0000E

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
593826A0000E AXIOMTEK-593826A0000E Datasheet
238Kb / 1P
   LGA775 Intel Core2 Duo ATX Industrial Motherboard with Intel Q965 ICH8 Chipset, Dual LANs and Audio
593826A0000E AXIOMTEK-593826A0000E Datasheet
295Kb / 1P
   LGA775 Socket Intel Core 2 Duo Mini ITX SBC with Intel 945GC ICH7 Chipset, DVI-D/LVDS, 6 USB and 6 COM
593826A0000E AXIOMTEK-593826A0000E Datasheet
179Kb / 2P
   2 DDR3-1066/1333 DIMM support up to 16 GB memory
More results

Similar Description - 593826A0000E

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IMB201 AXIOMTEK-IMB201 Datasheet
238Kb / 1P
   LGA775 Intel Core2 Duo ATX Industrial Motherboard with Intel Q965 ICH8 Chipset, Dual LANs and Audio
logo
Protech Systems Co., Lt...
PMB-601LF PROTECHSYSTEMS-PMB-601LF Datasheet
387Kb / 2P
   Intel Q965 ATX Motherboard Supports Intel Core 2 Duo Processors
logo
Adlink Technology Inc.
IMB-M43H ADLINK-IMB-M43H Datasheet
242Kb / 2P
   Industrial ATX Motherboard with Gen Intel Core Processor
logo
AAEON Technology
ATX-Q370A AAEON-ATX-Q370A Datasheet
631Kb / 2P
   ATX Industrial Motherboard with 8th/9th Generation Intel® Core™ Processor, DDR4 DRAM, Supports iAMT 12.0, and Intel® CNVi
2022/10/05
logo
Axiomtek Co., Ltd.
IMB204 AXIOMTEK-IMB204_17 Datasheet
272Kb / 1P
   ATX Industrial Motherboard with LGA1155 Socket Intel Core Processor
logo
AAEON Technology
ATX-C246A AAEON-ATX-C246A Datasheet
631Kb / 2P
   ATX Industrial Motherboard with 8th/9th Generation Intel® Core™ Processor, DDR4 DRAM, Supports iAMT 12.0, and Intel® CNVi
2022/10/05
logo
Intel Corporation
T7600 INTEL-T7600 Datasheet
1Mb / 91P
   Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
logo
Axiomtek Co., Ltd.
IMB208 AXIOMTEK-IMB208_17 Datasheet
284Kb / 1P
   ATX Industrial Motherboard with LGA1155 Socket Intel Core Processor
IMB207 AXIOMTEK-IMB207_17 Datasheet
239Kb / 1P
   ATX Industrial Motherboard with LGA1155 Socket Intel Core Processor
logo
BCM Advanced Research.
RX110H BCM-RX110H Datasheet
559Kb / 1P
   Intel H110 Micro ATX Motherboard
2020/12/14
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com