Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14094BDR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC14094BDR2G
Description  8-Stage Shift/Store Register with Three-State Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14094BDR2G Datasheet(HTML) 4 Page - ON Semiconductor

  MC14094BDR2G Datasheet HTML 1Page - ON Semiconductor MC14094BDR2G Datasheet HTML 2Page - ON Semiconductor MC14094BDR2G Datasheet HTML 3Page - ON Semiconductor MC14094BDR2G Datasheet HTML 4Page - ON Semiconductor MC14094BDR2G Datasheet HTML 5Page - ON Semiconductor MC14094BDR2G Datasheet HTML 6Page - ON Semiconductor MC14094BDR2G Datasheet HTML 7Page - ON Semiconductor MC14094BDR2G Datasheet HTML 8Page - ON Semiconductor MC14094BDR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MC14094B
http://onsemi.com
4
SWITCHING CHARACTERISTICS (5) (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Vdc
Min
Typ (6)
Max
Unit
Output Rise and Fall Time
tTLH, tTHL = (1.35 ns/pF) CL + 33 ns
tTLH, tTHL = (0.6 ns/pF) CL + 20 ns
tTLH, tTHL = (0.4 ns/pF) CL + 20 ns
tTLH,
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time (Figure 1)
Clock to Serial out QS
tPLH, tPHL = (0.90 ns/pF) CL + 305 ns
tPLH, tPHL = (0.36 ns/pF) CL + 107 ns
tPLH, tPHL = (0.26 ns/pF) C L + 82 ns
Clock to Serial out Q’S
tPLH, tPHL = (0.90 ns/pF) CL + 350 ns
tPLH, tPHL = (0.36 ns/pF) CL + 149 ns
tPLH, tPHL = (0.26 ns/pF) CL + 62 ns
Clock to Parallel out
tPLH, tPHL = (0.90 ns/pF) CL + 375 ns
tPLH, tPHL = (0.35 ns/pF) CL + 177 ns
tPLH, tPHL = (0.26 ns/pF) CL + 122 ns
Strobe to Parallel out
tPLH, tPHL = (0.90 ns/pF) CL + 245 ns
tPLH, tPHL = (0.36 ns/pF) C L + 127 ns
tPLH, tPHL = (0.26 ns/pF) CL + 87 ns
Output Enable to Output
tPHZ, tPZL = (0.90 ns/pF) CL + 95 ns
tPHZ, tPZL = (0.36 ns/PF) CL + 57 ns
tPHZ, tPZL = (0.26 ns/pF) CL + 42 ns
tPLZ, tPZH = (0.90 ns/pF) CL + 180 ns
tPLZ, tPZH = (0.36 ns/pF) CL + 77 ns
tPLZ, tPZH = (0.26 ns/pF) CL + 57 ns
tPLH,
tPHL
5.0
10
15
350
125
95
600
250
190
ns
5.0
10
15
230
110
75
460
220
150
5.0
10
15
420
195
135
840
390
270
5.0
10
15
290
145
100
580
290
200
tPHZ,
tPZL
5.0
10
15
140
75
55
280
150
110
tPLZ,
tPZH
5.0
10
15
225
95
70
450
190
140
Setup Time
Data in to Clock
tsu
5.0
10
15
125
55
35
60
30
20
ns
Hold Time
Clock to Data
th
5.0
10
15
0
20
20
– 40
– 10
0
ns
Clock Pulse Width, High
tWH
5.0
10
15
200
100
83
100
50
40
ns
Clock Rise and Fall Time
tr(cl)
tf(cl)
5
10
15
15
5.0
4.0
ms
Clock Pulse Frequency
fcl
5.0
10
15
2.5
5.0
6.0
1.25
2.5
3.0
MHz
Strobe Pulse Width
tWL
5.0
10
15
200
80
70
100
40
35
ns
5. The formulas given are for the typical characteristics only at 25_C.
6. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.


Similar Part No. - MC14094BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14094BDR2G ONSEMI-MC14094BDR2G Datasheet
121Kb / 10P
   8?뭆tage Shift/Store Register with Three?뭆tate Outputs
August, 2005 ??Rev. 6
MC14094BDR2G ONSEMI-MC14094BDR2G Datasheet
136Kb / 9P
   8-Stage Shift/Store Register with Three-State Outputs
August, 2014 ??Rev. 10
More results

Similar Description - MC14094BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14094B ONSEMI-MC14094B Datasheet
232Kb / 8P
   8-Stage Shift/Store Register with Three-State Outputs
March, 2000 ??Rev. 3
MC14094B ONSEMI-MC14094B_14 Datasheet
136Kb / 9P
   8-Stage Shift/Store Register with Three-State Outputs
August, 2014 ??Rev. 10
logo
STMicroelectronics
HCF4094B STMICROELECTRONICS-HCF4094B_04 Datasheet
237Kb / 13P
   8 STAGE SHIFT AND STORE BUS REGISTER WITH 3-STATE OUTPUTS
HCF4094B STMICROELECTRONICS-HCF4094B Datasheet
306Kb / 12P
   8 STAGE SHIFT AND STORE BUS REGISTER WITH 3-STATE OUTPUTS
October 2002
logo
ON Semiconductor
MC14094B ONSEMI-MC14094B_05 Datasheet
121Kb / 10P
   8?뭆tage Shift/Store Register with Three?뭆tate Outputs
August, 2005 ??Rev. 6
logo
Unisonic Technologies
U74HC4094 UTC-U74HC4094 Datasheet
236Kb / 6P
   8-STAGE SHIFT & STORE BUS REGISTER
U74HC4094 UTC-U74HC4094_15 Datasheet
236Kb / 6P
   8-STAGE SHIFT & STORE BUS REGISTER
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B_10 Datasheet
169Kb / 19P
   8-stage shift-and-store register
Rev. 08-2 April 2010
logo
Nexperia B.V. All right...
HEF4094B NEXPERIA-HEF4094B Datasheet
263Kb / 15P
   8-stage shift-and-store register
Rev. 14 - 8 July 2021
logo
NXP Semiconductors
HEF4094BTD-T PHILIPS-HEF4094BTD-T Datasheet
204Kb / 20P
   8-stage shift-and-store register
Rev. 11-29 August 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com