Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV33269 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV33269
Description  800 mA, Adjustable Output, Low Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV33269 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV33269 Datasheet HTML 4Page - ON Semiconductor NCV33269 Datasheet HTML 5Page - ON Semiconductor NCV33269 Datasheet HTML 6Page - ON Semiconductor NCV33269 Datasheet HTML 7Page - ON Semiconductor NCV33269 Datasheet HTML 8Page - ON Semiconductor NCV33269 Datasheet HTML 9Page - ON Semiconductor NCV33269 Datasheet HTML 10Page - ON Semiconductor NCV33269 Datasheet HTML 11Page - ON Semiconductor NCV33269 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MC33269, NCV33269
http://onsemi.com
8
SO−8
D SUFFIX
CASE 751
269AJ
ALYW
G
1
8
1
8
269−3
ALYW
G
1
8
69−12
ALYW
G
269−5
ALYW
G
1
8
MARKING DIAGRAMS
1
2
3
269AJG
ALYWW
1
2
3
69−12G
ALYWW
1
2
3
269−3G
ALYWW
1
2
3
269−5G
ALYWW
DPAK
DT SUFFIX
CASE 369C
TO−220AB
T SUFFIX
CASE 221A
MC
33269T
AWLYWWG
MC
33269T−12
AWLYWWG
MC
33269T−33
AWLYWWG
MC
33269T−5
AWLYWWG
SOT−223
ST SUFFIX
CASE 318E
1
AYW
2693 G
G
23
A
= Assembly Location
L, WL
= Wafer Lot
Y
= Year
W, WW = Work Week
G
= Pb−Free Package
G
= Pb−Free Package
(Note: Microdot may be in either location)
13
2
13
2
13
2
13
2


Similar Part No. - NCV33269

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV33269 ONSEMI-NCV33269 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCV33269 ONSEMI-NCV33269 Datasheet
287Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
NCV33269 ONSEMI-NCV33269 Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
NCV33269 ONSEMI-NCV33269 Datasheet
268Kb / 12P
   800 mA, Adjustable Output,Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
NCV33269 ONSEMI-NCV33269 Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
More results

Similar Description - NCV33269

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33269DR2-50G ONSEMI-MC33269DR2-50G Datasheet
268Kb / 12P
   800 mA, Adjustable Output,Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DG ONSEMI-MC33269DG Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DG ONSEMI-MC33269DG Datasheet
287Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269T-50G ONSEMI-MC33269T-50G Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DT-5.0G ONSEMI-MC33269DT-5.0G Datasheet
287Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269 ONSEMI-MC33269 Datasheet
133Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269T-3.3G ONSEMI-MC33269T-3.3G Datasheet
287Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269 ONSEMI-MC33269 Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269 ONSEMI-MC33269_14 Datasheet
151Kb / 12P
   Adjustable Output Low Dropout Voltage Regulator
August, 2014 ??Rev. 28
logo
Texas Instruments
LM1117 TI1-LM1117_16 Datasheet
2Mb / 36P
[Old version datasheet]   800-mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com