Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-SDP-CB1Z Datasheet(PDF) 9 Page - Analog Devices

Part # EVAL-SDP-CB1Z
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-SDP-CB1Z Datasheet(HTML) 9 Page - Analog Devices

Back Button EVAL-SDP-CB1Z Datasheet HTML 5Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 6Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 7Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 8Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 9Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 10Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 11Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 12Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Data Sheet
ADE7912/ADE7913
Rev. 0 | Page 9 of 44
Figure 5. SPI Interface Timing
Figure 6. Load Circuit for Timing Specifications
MSB
LSB
LSB IN
INTERMEDIATE BITS
INTERMEDIATE BITS
tSFS
tDIS
tSS
tSL
tDF
tSH
tDHD
tDAV
tDSU
tSR
tSF
tDR
MSB IN
MOSI
MISO
SCLK
CS
2mA
IOL
800µA
IOH
1.6V
TO OUTPUT
PIN
CL
50pF


Similar Part No. - EVAL-SDP-CB1Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-SDP-CB1Z AD-EVAL-SDP-CB1Z Datasheet
577Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP
EVAL-SDP-CB1Z AD-EVAL-SDP-CB1Z Datasheet
469Kb / 24P
   16-Bit Lower Power
REV. B
EVAL-SDP-CB1Z AD-EVAL-SDP-CB1Z Datasheet
885Kb / 41P
   3-Channel, Isolated, Sigma-Delta ADC with SPI
Rev. C
EVAL-SDP-CB1Z AD-EVAL-SDP-CB1Z Datasheet
597Kb / 25P
   PulSAR ADC in MSOP and LFCSP
EVAL-SDP-CB1Z AD-EVAL-SDP-CB1Z Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
More results

Similar Description - EVAL-SDP-CB1Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7912 AD-ADE7912_V01 Datasheet
885Kb / 41P
   3-Channel, Isolated, Sigma-Delta ADC with SPI
Rev. C
ADE7903 AD-ADE7903 Datasheet
994Kb / 20P
   3-Channel, Sigma-Delta ADC with SPI
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
AD7192 AD-AD7192_17 Datasheet
559Kb / 41P
   Sigma-Delta ADC with PGA
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com