Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV33269DTRK-012 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV33269DTRK-012
Description  800 mA, Adjustable Output, Low Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV33269DTRK-012 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV33269DTRK-012 Datasheet HTML 2Page - ON Semiconductor NCV33269DTRK-012 Datasheet HTML 3Page - ON Semiconductor NCV33269DTRK-012 Datasheet HTML 4Page - ON Semiconductor NCV33269DTRK-012 Datasheet HTML 5Page - ON Semiconductor NCV33269DTRK-012 Datasheet HTML 6Page - ON Semiconductor NCV33269DTRK-012 Datasheet HTML 7Page - ON Semiconductor NCV33269DTRK-012 Datasheet HTML 8Page - ON Semiconductor NCV33269DTRK-012 Datasheet HTML 9Page - ON Semiconductor NCV33269DTRK-012 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC33269, NCV33269
http://onsemi.com
6
APPLICATIONS INFORMATION
Figures 11 through 15 are typical application circuits. The
output current capability of the regulator is in excess of
800 mA, with a typical dropout voltage of less than 1.0 V.
Internal protective features include current and thermal
limiting.
* The MC33269 requires an external output capacitor for
stability. The capacitor should be at least 10
mF with an
equivalent series resistance (ESR) of less than 10
W but
greater than 0.2
W over the anticipated operating
temperature range. With economical electrolytic capacitors,
cold temperature operation can pose a problem. As
temperature decreases, the capacitance also decreases and
the ESR increases, which could cause the circuit to oscillate.
Also capacitance and ESR of a solid tantalum capacitor is
more stable over temperature. The use of a low ESR ceramic
capacitor placed within close proximity to the output of the
device could cause instability.
** An input bypass capacitor is recommended to improve
transient response or if the regulator is connected to the
supply input filter with long wire lengths. This will reduce
the circuit’s sensitivity to the input line impedance at high
frequencies. A 0.33
mF or larger tantalum, mylar, ceramic,
or other capacitor having low internal impedance at high
frequencies should be chosen. The bypass capacitor should
be mounted with shortest possible lead or track length
directly across the regulator’s input terminals. Applications
should be tested over all operating conditions to insure
stability.
Internal thermal limiting circuitry is provided to protect
the integrated circuit in the event that the maximum junction
temperature is exceeded. When activated, typically at
170C, the output is disabled. There is no hysteresis built
into the thermal limiting circuit. As a result, if the device is
overheating, the output will appear to be oscillating. This
feature is provided to prevent catastrophic failures from
accidental device overheating. It is not intended to be used
as a substitute for proper heat−sinking.
Figure 11. Typical Fixed Output Application
MC33269-XX
Vin
Vout
GND
Co
10
mF
An input capacitor is not necessary for stability, however
it will improve the overall performance.
Figure 12. Typical Adjustable Output Application
MC33269
Vin
Vout
Adj
Co
10
mF
CAdj***
R1
R2
***CAdj is optional, however it will improve the ripple rejection.
The MC34269 develops a 1.25 V reference voltage between the
output and the adjust terminal. Resistor R1, operates with
constant current to flow through it and resistor R2. This current
should be set such that the Adjust Pin current causes negligible
drop across resistor R2. The total current with minimum load
should be greater than 8.0 mA.
Figure 13. Current Regulator
MC33269
Vin
Iout
Adj
RS
Iout +
Figure 14. Battery Backed−Up Power Supply
MC33269-XX
Vin
Vout
MC33269-XX
GND
Co
10
mF
Figure 15. Digitally Controlled Voltage Regulator
MC33269
Vin
Vout
Adj
Co
10
mF
R1
R2
R2 sets the maximum output voltage. Each transistor
reduces the output voltage when turned on.
The Schottky diode in series with the ground leg of the upper
regulator shifts its output voltage higher by the forward
voltage drop of the diode. This will cause the lower device
to remain off until the input voltage is removed.
Vout + 1.25 1 )
R2
R1
) I
Adj
R2
1.25
R
S
Cin
Cin
Cin
Co
10
mF
Cin
Cin
GND
Cin
**
**
**
**
**
**
*
*
*
*
*


Similar Part No. - NCV33269DTRK-012

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV33269DTRK-012 ONSEMI-NCV33269DTRK-012 Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
NCV33269DTRK-012 ONSEMI-NCV33269DTRK-012 Datasheet
268Kb / 12P
   800 mA, Adjustable Output,Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
More results

Similar Description - NCV33269DTRK-012

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33269DR2-50G ONSEMI-MC33269DR2-50G Datasheet
268Kb / 12P
   800 mA, Adjustable Output,Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DG ONSEMI-MC33269DG Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DG ONSEMI-MC33269DG Datasheet
287Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269T-50G ONSEMI-MC33269T-50G Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DT-5.0G ONSEMI-MC33269DT-5.0G Datasheet
287Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269 ONSEMI-MC33269 Datasheet
133Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269T-3.3G ONSEMI-MC33269T-3.3G Datasheet
287Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269 ONSEMI-MC33269 Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269 ONSEMI-MC33269_14 Datasheet
151Kb / 12P
   Adjustable Output Low Dropout Voltage Regulator
August, 2014 ??Rev. 28
logo
Texas Instruments
LM1117 TI1-LM1117_16 Datasheet
2Mb / 36P
[Old version datasheet]   800-mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com