Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32021A3332 Datasheet(PDF) 3 Page - EPCOS

Part # B32021A3332
Description  EMI Suppression Capacitors (MKP)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32021A3332 Datasheet(HTML) 3 Page - EPCOS

  B32021A3332 Datasheet HTML 1Page - EPCOS B32021A3332 Datasheet HTML 2Page - EPCOS B32021A3332 Datasheet HTML 3Page - EPCOS B32021A3332 Datasheet HTML 4Page - EPCOS B32021A3332 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EMI suppression capacitors (MKP)
B3202* Series
Y2 / 300 V AC
FK DC PM
March 2007
Ordering codes and packing units
±0.4 (mm)
CR
Max. dimensions
w × h × l
Ordering code
Ammo
pack
Reel
Untaped
mm
mm
pcs./unit pcs./unit pcs./unit
1.0
nF
4.0 ×
9.0 × 13.0
B32021A3102+***
1000
1700
1000
1.5
nF
4.0 ×
9.0 × 13.0
B32021A3152+***
1000
1700
1000
2.2
nF
4.0 ×
9.0 × 13.0
B32021A3222+***
1000
1700
1000
3.3
nF
4.0 ×
9.0 × 13.0
B32021A3332+***
1000
1700
1000
4.7
nF
5.0 × 11.0 × 13.0
B32021A3472+***
830
1300
1000
5.6
nF
5.0 × 11.0 × 13.0
B32021A3562+***
830
1300
1000
6.8
nF
5.0 × 11.0 × 13.0
B32021A3682+***
830
1300
1000
8.2
nF
6.0 × 12.0 × 13.0
B32021A3822+***
680
1100
1000
10
10
nF
6.0 × 12.0 × 13.0
B32021A3103M***
680
1100
1000
10
nF
5.0 × 10.5 × 18.0
B32022A3103+***
1170
1300
1000
15
nF
6.0 × 11.0 × 18.0
B32022A3153+***
960
1100
1000
22
nF
6.0 × 12.0 × 18.0
B32022A3223M***
960
1100
1000
22
nF
7.0 × 12.5 × 18.0
B32022B3223+***
830
900
1000
33
nF
8.0 × 14.0 × 18.0
B32022A3333+***
730
750
500
47
nF
8.5 × 14.5 × 18.0
B32022A3473M***
680
700
500
47
nF
13.0 × 14.0 × 18.0
B32022T3473+***
-
500
300
47
nF
9.0 × 17.5 × 18.0
B32022B3473+***
640
700
500
56
nF
9.0 × 17.5 × 18.0
B32022A3563+***
640
700
500
68
nF
9.0 × 17.5 × 18.0
B32022A3683M***
640
700
500
15
82
nF
11.0 × 18.5 × 18.0
B32022A3823M***
-
550
300
0.047
µF
6.0 × 15.0 × 26.5
B32023A3473+***
680
700
720
0.056
µF
6.0 × 15.0 × 26.5
B32023A3563M***
680
700
720
0.068
µF
7.0 × 16.0 × 26.5
B32023A3683+***
580
600
630
0.068
µF
7.5 × 14.5 × 26.5
B32023B3683M***
550
500
570
0.082
µF
8.5 × 16.5 × 26.5
B32023A3823+***
480
500
510
0.1
µF
8.5 × 16.5 × 26.5
B32023A3104M***
480
500
510
0.1
µF
10.5 × 16.5 × 26.5
B32023B3104+***
390
400
540
0.15
µF
10.5 × 18.5 × 26.5
B32023A3154M***
390
400
540
0.15
µF
10.5 × 20.5 × 26.5
B32023B3154+***
-
-
540
0.22
µF
12.0 × 22.0 × 26.5
B32023A3224M***
-
-
450
0.22
µF
14.5 × 29.5 × 26.5
B32023B3224+***
-
-
540
0.33
µF
14.5 × 29.5 × 26.5
B32023A3334+***
-
-
540
22.5
0.39
µF
14.5 × 29.5 × 26.5
B32023A3394M***
-
-
540
0.15
µF
11.0 × 19.0 × 31.5
B32024A3154+***
-
350
320
0.22
µF
11.0 × 19.0 × 31.5
B32024A3224M***
-
350
320
0.22
µF
11.0 × 21.0 × 31.5
B32024B3224+***
-
350
320
0.33
µF
13.5 × 23.0 × 31.5
B32024A3334M***
-
250
260
0.33
µF
14.0 × 24.5 × 31.5
B32024B3334+***
-
-
260
0.47
µF
15.0 × 24.5 × 31.5
B32024A3474M***
-
-
240
0.47
µF
18.0 × 27.5 × 31.5
B32024B3474+***
-
-
200
0.47
µF
16.0 × 32.0 × 31.5
B32024C3474+***
-
-
220
0.56
µF
16.0 × 32.0 × 31.5
B32024A3564+***
-
-
220
0.68
µF
19.0 × 30.0 × 31.5
B32024A3684M***
-
-
180
0.68
µF
18.0 × 33.0 × 31.5
B32024B3684+***
-
-
200
0.68
µF
21.0 × 31.0 × 31.5
B32024C3684+***
-
-
180
0.82
µF
22.0 × 36.5 × 31.5
B32024A3824+***
-
-
160
27.5
1.0
µF
22.0 × 36.5 × 31.5
B32024A3105M***
-
-
160
Further E series and intermediate capacitance values are available on request.
Composition of ordering code
+ = Capacitance tolerance code
*** = Packing code
M = ±20%
289 = Ammo pack
K = ±10%
189 = Reel pack
000 = Untaped (lead length 6-1mm)
Please read Cautions and warnings and
Page 3 of 5
Important notes at the end of this document.


Similar Part No. - B32021A3332

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32021A3332 EPCOS-B32021A3332 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors
B32021A3332 EPCOS-B32021A3332 Datasheet
341Kb / 21P
   EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32021A3332K TDK-B32021A3332K Datasheet
200Kb / 25P
   Laser marking for EPCOS film capacitors from Nashik and Zhuhai
April 8, 2016
logo
EPCOS
B32021A3332K000 EPCOS-B32021A3332K000 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32021A3332K189 EPCOS-B32021A3332K189 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results

Similar Description - B32021A3332

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32924C3105M EPCOS-B32924C3105M Datasheet
324Kb / 8P
   EMI Suppression Capacitors (MKP)
B32023A3683M EPCOS-B32023A3683M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32921 TDK-B32921_16 Datasheet
648Kb / 24P
   EMI Suppression Capacitors (MKP)
logo
EPCOS
B32021A3472M EPCOS-B32021A3472M Datasheet
341Kb / 21P
   EMI Suppression Capacitors (MKP)
B32922C3334K189 EPCOS-B32922C3334K189 Datasheet
384Kb / 22P
   EMI Suppression Capacitors (MKP)
B81130C1103289 EPCOS-B81130C1103289 Datasheet
331Kb / 6P
   EMI Suppression Capacitors (MKP)
B32921CD EPCOS-B32921CD Datasheet
324Kb / 8P
   EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B81123 TDK-B81123_16 Datasheet
333Kb / 19P
   EMI Suppression Capacitors (MKP)
logo
EPCOS
B32021A3222K EPCOS-B32021A3222K Datasheet
341Kb / 21P
   EMI Suppression Capacitors (MKP)
B32926E3335M EPCOS-B32926E3335M Datasheet
317Kb / 18P
   EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com