Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDN2987 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # UDN2987
Description  8-CHANNEL SOURCE DRIVER WITH OVER-CURRENT PROTECTION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

UDN2987 Datasheet(HTML) 3 Page - Allegro MicroSystems

  UDN2987 Datasheet HTML 1Page - Allegro MicroSystems UDN2987 Datasheet HTML 2Page - Allegro MicroSystems UDN2987 Datasheet HTML 3Page - Allegro MicroSystems UDN2987 Datasheet HTML 4Page - Allegro MicroSystems UDN2987 Datasheet HTML 5Page - Allegro MicroSystems UDN2987 Datasheet HTML 6Page - Allegro MicroSystems UDN2987 Datasheet HTML 7Page - Allegro MicroSystems UDN2987 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2987
8-CHANNEL
SOURCE DRIVER
ELECTRICAL CHARACTERISTICS at TA = 25°C, VOE = 2.4 V, VS = 35 V
(unless otherwise noted).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Functional Supply Range
VS
7.0
35
V
Output Leakage Current
ICEX
VIN = 0.4 V*
<-5.0
-200
µA
Output Sustaining Voltage
VOUT(sus)
IOUT = -350 mA, L = 2.0 mH
35
V
Output Saturation Voltage
VOUT(SAT)
VIN = 2.4 V, IOUT = -100 mA
1.6
1.8
V
VIN = 2.4 V, IOUT = -225 mA
1.7
1.9
V
VIN = 2.4 V, IOUT = -350 mA
1.8
2.0
V
Channel Shutdown Threshold
IM
VIN = 2.4 V
-370
-500
mA
FAULT Leakage Current
ICEX
VCC = 35 V
<1.0
100
µA
FAULT Saturation Voltage
VCE(SAT)
IC = 30 mA
0.3
0.8
V
Input Voltage
VIN(ON)
2.4
V
VIN(OFF)
0.4
V
Input Current
IIN(ON)
VIN = 2.4 V
125
170
µA
VIN = 5.0 V
840
1020
µA
VIN = 12 V
1500
1800
µA
IIN(OFF)
VIN = 0.4 V
15
µA
Clamp Diode Leakage Current
IR
VR = 35 V, TA = 70°C—
50
µA
Clamp Diode Forward Voltage
VF
IF = 350 mA
1.5
1.8
V
Supply Current
IS(ON)
VIN = 2.4 V*, Outputs Open
13
18
mA
IS(OFF)
VIN = 0.4 V*
8.0
12
mA
Thermal Shutdown
TJ
165
°C
Thermal Hysteresis
∆T
J
—15
°C
Propagation Delay Time
tPLH
RL = 100Ω
0.3
0.6
µs
tPHL
RL = 100Ω
2.0
4.0
µs
Dead Time
td
1.0
µs
*AII inputs simultaneously.


Similar Part No. - UDN2987

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UDN2987-6 ALLEGRO-UDN2987-6 Datasheet
252Kb / 9P
   DABIC-5 8-Channel Source Driver with Overcurrent Protection
UDN2987-6 ALLEGRO-UDN2987-6 Datasheet
268Kb / 9P
   DABIC-5 8-Channel Source Driver with Overcurrent Protection
UDN2987A-6-T ALLEGRO-UDN2987A-6-T Datasheet
656Kb / 9P
   DABIC-5 8-Channel Source Driver with Overcurrent Protection
UDN2987A-6-T ALLEGRO-UDN2987A-6-T Datasheet
268Kb / 9P
   DABIC-5 8-Channel Source Driver with Overcurrent Protection
UDN2987LW-6 ALLEGRO-UDN2987LW-6 Datasheet
268Kb / 9P
   DABIC-5 8-Channel Source Driver with Overcurrent Protection
More results

Similar Description - UDN2987

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UDN2987X-6 ALLEGRO-UDN2987X-6 Datasheet
656Kb / 9P
   DABIC-5 8-Channel Source Driver with Overcurrent Protection
UDN2987-6 ALLEGRO-UDN2987-6 Datasheet
252Kb / 9P
   DABIC-5 8-Channel Source Driver with Overcurrent Protection
UDN2987LW-6 ALLEGRO-UDN2987LW-6 Datasheet
268Kb / 9P
   DABIC-5 8-Channel Source Driver with Overcurrent Protection
2985 ALLEGRO-2985 Datasheet
145Kb / 4P
   8-CHANNEL SOURCE DRIVER
A2982 ALLEGRO-A2982 Datasheet
313Kb / 8P
   8-Channel Source Driver
logo
Infineon Technologies A...
1ED44176N01F INFINEON-1ED44176N01F Datasheet
968Kb / 20P
   Single-channel low-side gate driver IC with over-current protection
V 2.2 2019-10-15
1ED44175N01B INFINEON-1ED44175N01B Datasheet
1Mb / 19P
   Single-channel low-side IGBT gate driver IC with over-current protection
V 1.1 2020-04-15
logo
Will Semiconductor Ltd.
WS3212D WILLSEMI-WS3212D Datasheet
844Kb / 13P
   Over-Voltage Protection IC with 200X constant current source for Li charging
logo
SG Micro Corp
SGM3146 SGMICRO-SGM3146_16 Datasheet
2Mb / 12P
   8-Channel Charge Pump White LED Driver with Low Dropout Current Source
logo
Rohm
BD9B301MUV-LB ROHM-BD9B301MUV-LB Datasheet
1Mb / 33P
   Over Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com