Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC23159YML Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC23159YML
Description  3MHz PWM Dual 2A Buck Regulator with HyperLight Load and Power Good
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC23159YML Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC23159YML Datasheet HTML 1Page - Micrel Semiconductor MIC23159YML Datasheet HTML 2Page - Micrel Semiconductor MIC23159YML Datasheet HTML 3Page - Micrel Semiconductor MIC23159YML Datasheet HTML 4Page - Micrel Semiconductor MIC23159YML Datasheet HTML 5Page - Micrel Semiconductor MIC23159YML Datasheet HTML 6Page - Micrel Semiconductor MIC23159YML Datasheet HTML 7Page - Micrel Semiconductor MIC23159YML Datasheet HTML 8Page - Micrel Semiconductor MIC23159YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Micrel Inc.
MIC23158/9
November 2012
2
M9999-110812-A
Ordering Information
Part Number
Nominal Output Voltage
Output
Auto
Discharge
Junction Temperature Range
Package
VOUT1
VOUT2
MIC23158YML
ADJ
ADJ
NO
–40°C to +125°C
20-Pin 3mm x 4mm MLF
MIC23159YML
ADJ
ADJ
YES
–40°C to +125°C
20-Pin 3mm x 4mm MLF
Notes:
1.
Fixed output voltage options available. Contact Micrel Marketing for details.
2.
MLF is a GREEN RoHS-compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
Pin Configuration
1
1
2
3
4
5
6
16
15
14
13
12
11
7
8
10
9
20
19
17
18
EP
VIN1
SW2
SW1
PGND1
PGND2
VIN2
FB2
PG2
SS2
SS1
PG1
FB1
3mm x 4mm MLF (ML) Adjustable Output Voltage
(Top View)
Pin Description
Pin Number
(Adjustable)
Pin Name
Pin Function
1
VIN1
Power Input Voltage for Regulator 1. Connect a capacitor to ground to decouple noise and switching
transients.
2
PGND1
Power Ground for Regulator 1.
3
SW1
Switch (Output): Internal power MOSFET output switches for regulator 1.
4
SW2
Switch (Output): Internal power MOSFET output switches for regulator 2.
5
PGND2
Power Ground for Regulator 2.
6
VIN2
Power Input Voltage for Regulator 2. Connect a capacitor to ground to decouple noise and switching
transients.
7
AVIN2
Analog Input Voltage for Regulator 2. Tie to VIN2 and connect a capacitor to ground to decouple
noise.


Similar Part No. - MIC23159YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23159YML MICREL-MIC23159YML Datasheet
972Kb / 20P
   3MHz PWM Dual 2A Buck Regulator with HyperLight Load and Power Good
More results

Similar Description - MIC23159YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23158 MICREL-MIC23158 Datasheet
972Kb / 20P
   3MHz PWM Dual 2A Buck Regulator with HyperLight Load and Power Good
MIC23155 MICREL-MIC23155 Datasheet
732Kb / 19P
   3MHz PWM 2A Buck Regulator with HyperLight Load and Power Good
MIC23155 MICREL-MIC23155_12 Datasheet
1,000Kb / 19P
   3MHz PWM 2A Buck Regulator with HyperLight Load짰 and Power Good
MIC23153 MICREL-MIC23153_11 Datasheet
792Kb / 18P
   4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
MIC23450 MICREL-MIC23450 Datasheet
1Mb / 22P
   3MHz, PWM, 2A Triple Buck Regulator with HyperLight Load짰 and Power Good
MIC23450 MICREL-MIC23450_13 Datasheet
1Mb / 22P
   3MHz, PWM, 2A Triple Buck Regulator with HyperLight Load짰 and Power Good
MIC23153 MICREL-MIC23153 Datasheet
761Kb / 18P
   4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
MIC23303 MICREL-MIC23303 Datasheet
1,012Kb / 21P
   4MHz PWM 3A Buck Regulator with HyperLight Load??and Power Good
MIC23150 MICREL-MIC23150_15 Datasheet
1Mb / 18P
   4MHz, PWM, 2A Buck Regulator with HyperLight Load
logo
Microchip Technology
MIC23153 MICROCHIP-MIC23153 Datasheet
3Mb / 26P
   4 MHz PWM 2A Buck Regulator with HyperLight Load짰 and Power Good
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com