Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32022B3223 Datasheet(PDF) 4 Page - EPCOS

Part # B32022B3223
Description  EMI Suppression Capacitors (MKP)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32022B3223 Datasheet(HTML) 4 Page - EPCOS

  B32022B3223 Datasheet HTML 1Page - EPCOS B32022B3223 Datasheet HTML 2Page - EPCOS B32022B3223 Datasheet HTML 3Page - EPCOS B32022B3223 Datasheet HTML 4Page - EPCOS B32022B3223 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EMI suppression capacitors (MKP)
B3202* Series
Y2 / 300 V AC
Ordering codes and packing units
±0.4 (mm)
CR
Max. dimensions
w × h × l
Ordering code
Ammo
pack
Reel
Untaped
mm
mm
pcs./unit pcs./unit pcs./unit
0.33
µF
12.0 × 22.0 × 41.5
B32026A3334+***
-
-
135
0.47
µF
14.0 × 25.0 × 41.5
B32026A3474+***
-
-
115
0.56
µF
14.0 × 25.0 × 41.5
B32026A3564M***
-
-
115
0.56
µF
16.0 × 28.5 × 41.5
B32026B3564+***
-
-
100
0.68
µF
16.0 × 28.5 × 41.5
B32026A3684+***
-
-
100
0.82
µF
16.0 × 28.5 × 41.5
B32026A3824M***
-
-
100
0.82
µF
18.0 × 32.5 × 41.5
B32026B3824+***
-
-
90
1.0
µF
18.0 × 32.5 × 41.5
B32026A3105M***
-
-
90
37.5
1.0
µF
20.0 × 39.5 × 41.5
B32026B3105+***
-
-
75
Further E series and intermediate capacitance values are available on request.
Composition of ordering code
+ = Capacitance tolerance code
*** = Packing code
M = ±20%
289 = Ammo pack
K = ±10%
189 = Reel pack
000 = Untaped (lead length 6-1mm)
Approvals
Standards
Certificate
Marks of Conformity
EN 132400 /
IEC 60384-14 (300 V AC)
UL1414 (250 V AC)
UL1283 (400 V AC)
CSA C22.2 No.1 (250 V AC)
CSA C22.2 No.8 (400 V AC)
40018909
E97863
E301966
E97863
E301966
(¹)
(¹) approved by UL
dV/dt and K0 values
±0.4 (mm)
10
15
22.5
27.5
37.5
dV/dt (V/µs)
800
600
500
400
300
K0 (V
2/µs)
677000
508000
423000
338000
254000
Note: The maximum values of dV/dt and K0 must not be exceeded in order to avoid overheating of the capacitor.
FK DC PM
March 2007
Please read Cautions and warnings and
Page 4 of 5
Important notes at the end of this document.


Similar Part No. - B32022B3223

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32022B3223 EPCOS-B32022B3223 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors
B32022B3223 EPCOS-B32022B3223 Datasheet
341Kb / 21P
   EMI Suppression Capacitors (MKP)
B32022B3223K000 EPCOS-B32022B3223K000 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32022B3223K189 EPCOS-B32022B3223K189 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32022B3223K289 EPCOS-B32022B3223K289 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results

Similar Description - B32022B3223

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32924C3105M EPCOS-B32924C3105M Datasheet
324Kb / 8P
   EMI Suppression Capacitors (MKP)
B32023A3683M EPCOS-B32023A3683M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32921 TDK-B32921_16 Datasheet
648Kb / 24P
   EMI Suppression Capacitors (MKP)
logo
EPCOS
B32021A3472M EPCOS-B32021A3472M Datasheet
341Kb / 21P
   EMI Suppression Capacitors (MKP)
B32922C3334K189 EPCOS-B32922C3334K189 Datasheet
384Kb / 22P
   EMI Suppression Capacitors (MKP)
B81130C1103289 EPCOS-B81130C1103289 Datasheet
331Kb / 6P
   EMI Suppression Capacitors (MKP)
B32921CD EPCOS-B32921CD Datasheet
324Kb / 8P
   EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B81123 TDK-B81123_16 Datasheet
333Kb / 19P
   EMI Suppression Capacitors (MKP)
logo
EPCOS
B32021A3222K EPCOS-B32021A3222K Datasheet
341Kb / 21P
   EMI Suppression Capacitors (MKP)
B32926E3335M EPCOS-B32926E3335M Datasheet
317Kb / 18P
   EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com