Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KX14-60K2B Datasheet(PDF) 4 Page - Japan Aviation Electronics Industry, Ltd.

Part # KX14-60K2B
Description  KX14/15 SERIES CONNECTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

KX14-60K2B Datasheet(HTML) 4 Page - Japan Aviation Electronics Industry, Ltd.

  KX14-60K2B Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. KX14-60K2B Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. KX14-60K2B Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. KX14-60K2B Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. KX14-60K2B Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Dimensions in mm (inches).
7.2 ( .283)
8.7 ( .342)
10.6 ( .417)
16
( .630)
11.2 ( .441)
12.7 ( .500)
14.6 ( .575)
20
( .787)
15.2 ( .598)
16.7 ( .657)
18.6 ( .732)
24
( .945)
19.2 ( .756)
20.7 ( .815)
22.6 ( .890)
28
(1.102)
23.2 ( .913)
24.7 ( .972)
26.6 (1.047)
32
(1.260)
27.2 (1.071)
28.7 (1.130)
30.6 (1.205)
36
(1.417)
31.2 (1.228)
32.7 (1.287)
34.6 (1.362)
40
(1.575)
39.2 (1.543)
40.7 (1.602)
42.6 (1.677)
48
(1.890)
47.2 (1.858)
48.7 (1.917)
50.6 (1.992)
56
(2.205)
55.2 (2.173)
56.7 (2.232)
58.6 (2.307)
64
(2.520)
63.2 (2.488)
64.7 (2.547)
66.6 (2.622)
72
(2.835)
80.8 (3.181)
82.3 (3.240)
84.2 (3.315)
89.6 (3.528)
A ± 0.1 (.004)
C ± 0.2 (.008)
B ± 0.1 (.004)
D ± 0.3 (.012)
0.7 (.028)
0.7 (.028)
0.8 (.031) ± 0.05 (.002)
(PITCH)
0.7 (.028)
± 0.1 (.004)
0.25 (.010) ± 0.1 (.004)
0.7 (.028)
± 0.1 (.004)
4.1 (.161)
± 0.1 (.004)
5 (.197)
± 0.15 (.006)
0.58 (.023) DIA.
± 0.03 (.001)
0.78 (.031) DIA.
± 0.03 (.001) (Note 4)
Lot No.
20
KX15- 20K
*+
KX15- 20N
*+
30
KX15- 30K
*+
KX15- 30N
*+
40
KX15- 40K
*+
KX15- 40N
*+
50
KX15- 50K
*+
KX15- 50N
*+
60
KX15- 60K
*+
KX15- 60N
*+
70
KX15- 70K
*+
KX15- 70N
*+
80
KX15- 80K
*+
KX15- 80N
*+
100
KX15- 100K
*+
KX15- 100N
*+
120
KX15- 120K
*+
KX15- 120N
*+
140
KX15- 140K
*+
KX15- 140N
*+
160
KX15- 160K
*+
KX15- 160N
*+
200
KX15- 200K
*+
KX15- 200N
*+
KX15 • STRAIGHT PLUG
Note 1: Shown below is mounting type D with polarization key.
Note 2: Mounting side configuration for 200 contacts is different. Please consult JAE.
AB
C
D
No. of
Contacts
Part Number (Note 1)
With Polarization Key
Without Polarization Key
Note 1:
– Add stacking height code 2, 3. or 4.
* – Add mounting type code B, C, D, E or F.
+ – Add contact finish code 1 or blank.
Refer to Mounting and Stacking Height Tables.
Note 2: Please consult JAE for availability.
B ± 0.1 (.004)
A ± 0.1 (.004)
2.5 (.098)
± 0.05 (.002)
0.8 (.031)
± 0.05 (.002)
0.7 (.028) DIA.
± 0.03 (.001)
0.9 (.035) DIA.
± 0.03 (.001)
0.5 (.020)
± 0.05 (.002)
2.1 (.083)
± 0.1 (.004)
2.5
(.098)
Applicable PCB Dimension (Ref.)
XY
2
3.25 ( .128)
3.75 ( .148)
3
4.25 ( .167)
4.75 ( .187)
4
5.25 ( .207)
5.75 ( .226)
Stacking
Height Code
Dimension X and Y
KX14/15 SERIES CONNECTORS
0.8mm (.031") Contact Spacing, PCB-to-PCB SMT Connectors


Similar Part No. - KX14-60K2B

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
KX1400 CONEXANT-KX1400 Datasheet
650Kb / 2P
   Description KX1400 Audio Playback IC
KX1400DK-EVK CONEXANT-KX1400DK-EVK Datasheet
650Kb / 2P
   Description KX1400 Audio Playback IC
KX1400EG-11Z CONEXANT-KX1400EG-11Z Datasheet
650Kb / 2P
   Description KX1400 Audio Playback IC
More results

Similar Description - KX14-60K2B

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
SJ038089 JAE-SJ038089 Datasheet
173Kb / 1P
   COPLANARITY 0.1mm MAX STACKIG HEIGHT HEIGHT OF KX15 OF KX14
logo
PHOENIX CONTACT
3212646 PHOENIX-3212646 Datasheet
86Kb / 9P
   Connectors - PP-H 1,5/S/15
logo
Phihong USA Inc.
PSA15A-050P PHIHONG-PSA15A-050P Datasheet
129Kb / 2P
   15 WATT SERIES
logo
Hirose Electric
3210S-15SA41 HIROSE-3210S-15SA41 Datasheet
872Kb / 8P
   15-Pin Connectors for I/O Card Interfaces
logo
TRACO Electronic AG
TRI15 TRACOPOWER-TRI15 Datasheet
940Kb / 4P
   DC/DC Converter TRI 15 Series, 15 Watt
Rev. March 17, 2023
TON15 TRACOPOWER-TON15 Datasheet
220Kb / 3P
   DC/DC Converters TON 15 Series, 15 Watt
Rev. March 9, 2022
THN15 TRACOPOWER-THN15 Datasheet
919Kb / 5P
   DC/DC Converter THN 15 Series, 15 Watt
Rev. November 30, 2022
TEL15 TRACOPOWER-TEL15 Datasheet
240Kb / 3P
   DC/DC Converters TEL 15 Series, 15 Watt
Rev. March 17, 2023
TEN15 TRACOPOWER-TEN15 Datasheet
395Kb / 4P
   DC/DC Converters TEN 15 Series, 15 Watt
Rev. May 7, 2021
logo
Power-One
LES008YD POWER-ONE-LES008YD Datasheet
181Kb / 3P
   LES SERIES - 15 WATT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com