Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3055 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # 3055
Description  MULTIPLEXED TWO-WIRE HALL-EFFECT SENSOR ICs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3055 Datasheet(HTML) 8 Page - Allegro MicroSystems

  3055 Datasheet HTML 1Page - Allegro MicroSystems 3055 Datasheet HTML 2Page - Allegro MicroSystems 3055 Datasheet HTML 3Page - Allegro MicroSystems 3055 Datasheet HTML 4Page - Allegro MicroSystems 3055 Datasheet HTML 5Page - Allegro MicroSystems 3055 Datasheet HTML 6Page - Allegro MicroSystems 3055 Datasheet HTML 7Page - Allegro MicroSystems 3055 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
3055
MULTIPLEXED
TWO-WIRE HALL EFFECT
SENSOR IC
Dimensions in Inches
(controlling dimensions)
Dimensions in Millimeters
(for reference only)
Dwg. MH-003C mm
1.60
1.50
0.46
0.38
0.41
1.27
1
2
3
2.54
45
°
SEE NOTE
4.65
4.52
4.60
4.47
14.22
MIN
2.18
MAX
Dwg. MH-003C in
0.063
0.059
0.018
0.015
0.016
0.050
1
2
3
0.100
45
°
SEE NOTE
0.183
0.178
0.181
0.176
0.560
MIN
0.086
MAX
Allegro MicroSystems, Inc. reserves the right to make, from time to time, such departures from the
detail specifications as may be required to permit improvements in the design of its products.
The information included herein is believed to be accurate and reliable. However, Allegro
MicroSystems, Inc. assumes no responsibility for its use; nor for any infringements of patents or other
rights of third parties which may result from its use.
NOTES: 1. Tolerances on package height and width represent allowable mold offsets. Dimensions given are measured at the widest point (parting
line).
2. Exact body and lead configuration at vendor’s option within limits shown.
3. Height does not include mold gate flash.
4. Recommended minimum PWB hole diameter to clear transition area is 0.035” (0.89 mm).
5. Where no tolerance is specified, dimension is nominal.
6. Minimum lead length was 0.500” (12.70 mm). If existing product to the original specifications is not acceptable, contact sales office before
ordering.


Similar Part No. - 3055

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3055 ETC2-3055 Datasheet
92Kb / 2P
   WASHERS AND NUTS
logo
Alpha Wire
3055 ALPHAWIRE-3055 Datasheet
70Kb / 3P
   Customer Specification
logo
VBsemi Electronics Co.,...
3055 VBSEMI-3055 Datasheet
959Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
Alpha Wire
3055 ALPHAWIRE-3055 Datasheet
98Kb / 4P
   Customer Specification
2/16/2023
logo
Chino-Excel Technology
3055L CET-3055L Datasheet
495Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - 3055

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3054 ALLEGRO-3054 Datasheet
87Kb / 12P
   MULTIPLEXED TWO-WIRE HALL-EFFECT SENSOR ICs
logo
List of Unclassifed Man...
HAL571 ETC-HAL571 Datasheet
185Kb / 20P
   Two-Wire Hall Effect Sensor Family
logo
Micronas
HAL556 MICRONAS-HAL556_1 Datasheet
944Kb / 26P
   Two-Wire Hall-Effect Sensor Family
HAL573 MICRONAS-HAL573 Datasheet
1Mb / 36P
   Two-Wire Hall-Effect Sensor Family
HAL566 MICRONAS-HAL566 Datasheet
231Kb / 21P
   Two-Wire Hall Effect Sensor Family
logo
Infineon Technologies A...
TLE4941 INFINEON-TLE4941 Datasheet
853Kb / 11P
   Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
TLE4942-2 INFINEON-TLE4942-2 Datasheet
802Kb / 9P
   Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
TLE4953 INFINEON-TLE4953 Datasheet
1Mb / 20P
   Differential Two-Wire Hall Effect Sensor IC
V 4.0, 2010-04
TLE4942-1 INFINEON-TLE4942-1 Datasheet
423Kb / 32P
   Differential Two-Wire Hall Effect Sensor IC
V3.1, February 2005
TLE4953C-E0184 INFINEON-TLE4953C-E0184 Datasheet
1Mb / 8P
   Differential Two Wire Hall Effect sensor IC
V 1.1, 2019-04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com