Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

103-383-20 Datasheet(PDF) 4 Page - Marl International Limited

Part # 103-383-20
Description  pcb led indicators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

103-383-20 Datasheet(HTML) 4 Page - Marl International Limited

  103-383-20 Datasheet HTML 1Page - Marl International Limited 103-383-20 Datasheet HTML 2Page - Marl International Limited 103-383-20 Datasheet HTML 3Page - Marl International Limited 103-383-20 Datasheet HTML 4Page - Marl International Limited 103-383-20 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
to order
also available
The products listed above illustrate all of the options available to order. These products may have custom modifications that
alter their operation beyond the generic information contained within this datasheet. Please contact sales for further
information.
BS EN ISO 9001:2008
approved manufacturer
103 series
Part numbers also available in the 103 series:
Part
Number
Colour
Voltage
Vopr
103-000-01-54
Blue
2 mA dc
103-000-04-54
Blue
20 mA dc
103-305-01
Red
2 mA dc
103-305-04-05
Red
20 mA dc
103-311-01
Yellow
2 mA dc
103-311-01-25
Yellow
2 mA dc
103-311-01-6
Yellow
2 mA dc
103-311-04-05
Yellow
20 mA dc
103-311-04-24
Yellow
20 mA dc
103-314-01
Green
2 mA dc
103-314-01-25
Green
2 mA dc
103-314-01-6
Green
2 mA dc
103-314-04-05
Green
20 mA dc
103-314-04-26
Green
20 mA dc
103-314-13
Green
20 mA dc RP
103-320-04
Blue
20 mA dc
103-326-04
Blue
20 mA dc
103-330-01
Red/Green
2 mA dc
103-332-04
Green/Yellow
20 mA dc
103-332-04-25
Green/Yellow
20 mA dc
103-381-20
Red
5/6 Vdc
103-382-30
Yellow
5/6 Vdc RP
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 103 - version 2013-09-24-173125
page 4 of 5


Similar Part No. - 103-383-20

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
103-383-20 MARL-103-383-20 Datasheet
231Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
103-383-20 MARL-103-383-20 Datasheet
210Kb / 2P
   PCB MOUNTING LED
More results

Similar Description - 103-383-20

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
107-305-04 MARL-107-305-04_13 Datasheet
184Kb / 4P
   pcb led indicators
109-305-04 MARL-109-305-04_13 Datasheet
222Kb / 5P
   pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
109-305-04 MARL-109-305-04_13 Datasheet
222Kb / 5P
   pcb led indicators
110-505-04 MARL-110-505-04_13 Datasheet
161Kb / 4P
   pcb led indicators
122-305-04 MARL-122-305-04_13 Datasheet
245Kb / 5P
   pcb led indicators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com