Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3054SU Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A3054SU
Description  MULTIPLEXED TWO-WIRE HALL-EFFECT SENSOR ICs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3054SU Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A3054SU Datasheet HTML 4Page - Allegro MicroSystems A3054SU Datasheet HTML 5Page - Allegro MicroSystems A3054SU Datasheet HTML 6Page - Allegro MicroSystems A3054SU Datasheet HTML 7Page - Allegro MicroSystems A3054SU Datasheet HTML 8Page - Allegro MicroSystems A3054SU Datasheet HTML 9Page - Allegro MicroSystems A3054SU Datasheet HTML 10Page - Allegro MicroSystems A3054SU Datasheet HTML 11Page - Allegro MicroSystems A3054SU Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
3054
MULTIPLEXED
TWO-WIRE
HALL-EFFECT SENSOR ICs
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
In Figure 4, the ADDRESS input provides a TTL-compatible input
to control the bus supply. A HIGH (5 V) input switches Q1 ON and sets
the bus voltage to 6 V through the resistor divider R4, R5, and Zener
Z1. A LOW input switches Q1 OFF and sets the bus voltage to 9 V
(Z1). This voltage is fed into the positive input of the operational
amplifier OP1 and is buffered and made available at BUS SUPPLY (or
sensor supply). Bus reset control is also available in the form of a TTL-
compatible input. When the RESET input is HIGH, Q2 is switched ON
and the positive input of the operational amplifier is set to the satura-
tion voltage of the transistor (approximately 0 V). This resets the bus.
A linear reading of the bus current is made possible by amplifying
the voltage generated across R6 (which is IBUS • R6). The amplifier,
OP2, is a standard differential amplifier of gain R9/R7 (provided that R7
= R8, R9 = R10). The gain of the total transim-pedance amplifier is
given by:
VOUT = IBUS • R6 • R9/R7
This voltage is available at the ANALOG OUT terminal.
Bus Control Software
The processing of the bus current (available at ANALOG OUT) is
best done by feeding it into the A/D input of a microprocessor. If the
flexibility provided by a microprocessor is not desired, this signal could
be fed into threshold detection circuitry; e.g., comparator, and the
output used to drive a display.
Related References
1. G. AVERY, “Two-Terminal Hall Sensor,”
ASSIGNEE: Sprague
Electric Company, North Adams, MA, United States. Patent number
4,374,333; Feb. 1983.
2. T. WROBLEWSKI and F. MEISTERFIELD, “Switch Status
Monitoring System, Single-Wire Bus, Smart Sensor Arrangement
There Of,”
ASSIGNEE: Chrysler Motor Corporation, Highland Park, Ml,
United States. Patent number 4,677,308; June 1987.


Similar Part No. - A3054SU

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3056EU ALLEGRO-A3056EU Datasheet
136Kb / 8P
   HALL EFFECT GEAR-TOOTH SENSORS ZERO SPEED
A3056LU ALLEGRO-A3056LU Datasheet
136Kb / 8P
   HALL EFFECT GEAR-TOOTH SENSORS ZERO SPEED
A3058EU ALLEGRO-A3058EU Datasheet
136Kb / 8P
   HALL EFFECT GEAR-TOOTH SENSORS ZERO SPEED
A3058LU ALLEGRO-A3058LU Datasheet
136Kb / 8P
   HALL EFFECT GEAR-TOOTH SENSORS ZERO SPEED
A3059 ALLEGRO-A3059 Datasheet
144Kb / 10P
   HALL-EFFECT GEAR-TOOTH SENSORS -ACCOUPLED
More results

Similar Description - A3054SU

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3055 ALLEGRO-3055 Datasheet
111Kb / 8P
   MULTIPLEXED TWO-WIRE HALL-EFFECT SENSOR ICs
logo
List of Unclassifed Man...
HAL571 ETC-HAL571 Datasheet
185Kb / 20P
   Two-Wire Hall Effect Sensor Family
logo
Micronas
HAL556 MICRONAS-HAL556_1 Datasheet
944Kb / 26P
   Two-Wire Hall-Effect Sensor Family
HAL573 MICRONAS-HAL573 Datasheet
1Mb / 36P
   Two-Wire Hall-Effect Sensor Family
HAL566 MICRONAS-HAL566 Datasheet
231Kb / 21P
   Two-Wire Hall Effect Sensor Family
logo
Infineon Technologies A...
TLE4941 INFINEON-TLE4941 Datasheet
853Kb / 11P
   Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
TLE4942-2 INFINEON-TLE4942-2 Datasheet
802Kb / 9P
   Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
TLE4953 INFINEON-TLE4953 Datasheet
1Mb / 20P
   Differential Two-Wire Hall Effect Sensor IC
V 4.0, 2010-04
TLE4942-1 INFINEON-TLE4942-1 Datasheet
423Kb / 32P
   Differential Two-Wire Hall Effect Sensor IC
V3.1, February 2005
TLE4953C-E0184 INFINEON-TLE4953C-E0184 Datasheet
1Mb / 8P
   Differential Two Wire Hall Effect sensor IC
V 1.1, 2019-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com