Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82442A1824000 Datasheet(PDF) 5 Page - EPCOS

Part # B82442A1824000
Description  Upright ferrite drum core
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82442A1824000 Datasheet(HTML) 5 Page - EPCOS

  B82442A1824000 Datasheet HTML 1Page - EPCOS B82442A1824000 Datasheet HTML 2Page - EPCOS B82442A1824000 Datasheet HTML 3Page - EPCOS B82442A1824000 Datasheet HTML 4Page - EPCOS B82442A1824000 Datasheet HTML 5Page - EPCOS B82442A1824000 Datasheet HTML 6Page - EPCOS B82442A1824000 Datasheet HTML 7Page - EPCOS B82442A1824000 Datasheet HTML 8Page - EPCOS B82442A1824000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
03/08
Please read Cautions and warnings and
Important notes
at the end of this document.
Characteristics and ordering codes
Closer tolerances on request.
Higher currents possible at temperatures <TR on request.
Sample kit available. Ordering code: B82442X001
For more information refer to chapter “Sample kits”.
1) Replace the + by the code letter for the required inductance tolerance.
2) For Ni-barrier-plated terminals replace the last two digits “00” by “50”.
LR
μH
Tolerance
Qmin
fL; fQ
MHz
IR
mA
Rmax
Ω
fres,min
MHz
Ordering code1)2)
1.0
±10% K
10
7.96
1800
0.024
95
B82442A1102K000
1.2
10
7.96
1700
0.028
70
B82442A1122K000
1.5
10
7.96
1600
0.032
55
B82442A1152K000
1.8
10
7.96
1400
0.040
47
B82442A1182K000
2.2
10
7.96
1300
0.048
42
B82442A1222K000
2.7
10
7.96
1200
0.056
37
B82442A1272K000
3.3
10
7.96
1120
0.064
34
B82442A1332K000
3.9
10
7.96
1050
0.072
32
B82442A1392K000
4.7
10
7.96
950
0.088
29
B82442A1472K000
5.6
10
7.96
880
0.104
26
B82442A1562K000
6.8
10
7.96
810
0.120
24
B82442A1682K000
8.2
10
7.96
750
0.144
22
B82442A1822K000
10
10
2.52
690
0.168
19
B82442A1103K000
12
10
2.52
630
0.20
17
B82442A1123K000
15
10
2.52
580
0.24
16
B82442A1153K000
18
10
2.52
530
0.29
14
B82442A1183K000
22
10
2.52
480
0.35
13
B82442A1223K000
27
10
2.52
440
0.42
11.5
B82442A1273K000
33
±5% J
±10% K
10
2.52
400
0.50
10.5
B82442A1333+000
39
10
2.52
370
0.58
9.5
B82442A1393+000
47
10
2.52
340
0.68
8.5
B82442A1473+000
56
10
2.52
310
0.80
7.8
B82442A1563+000
68
10
2.52
290
0.96
7.0
B82442A1683+000
82
10
2.52
270
1.12
6.4
B82442A1823+000
100
20
0.796
250
1.28
6.0
B82442A1104+000
120
20
0.796
230
1.52
5.4
B82442A1124+000
150
20
0.796
210
1.76
4.8
B82442A1154+000
180
20
0.796
190
2.24
4.4
B82442A1184+000
^
^
^
B82442A
SMT inductors, SIMID series
SIMID 2220-A


Similar Part No. - B82442A1824000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82442A1824A000 EPCOS-B82442A1824A000 Datasheet
180Kb / 9P
   SMT inductors
B82442A1824K000 EPCOS-B82442A1824K000 Datasheet
180Kb / 9P
   SMT inductors
More results

Similar Description - B82442A1824000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82442H EPCOS-B82442H_12 Datasheet
484Kb / 9P
   SMT inductors SIMID series, SIMID 2220-H Upright ferrite drum core
B82432T EPCOS-B82432T_12 Datasheet
476Kb / 8P
   SMT inductors SIMID series, SIMID 1812-T Upright ferrite drum core
logo
Sumida Corporation
CDRH6D38T125 SUMIDA-CDRH6D38T125 Datasheet
202Kb / 4P
   Ferrite drum core construction.
CDRH12D43T125 SUMIDA-CDRH12D43T125 Datasheet
280Kb / 4P
   Ferrite drum core construction
CDRR7D45T125 SUMIDA-CDRR7D45T125 Datasheet
205Kb / 4P
   Ferrite drum core construction
CDRH3D18 SUMIDA-CDRH3D18_12 Datasheet
173Kb / 5P
   Ferrite drum core construction.
CDRH3D23 SUMIDA-CDRH3D23_12 Datasheet
173Kb / 5P
   Ferrite drum core construction.
CDRH4D22 SUMIDA-CDRH4D22_12 Datasheet
181Kb / 6P
   Ferrite drum core construction.
CDRH8D58 SUMIDA-CDRH8D58_12 Datasheet
153Kb / 5P
   Ferrite drum core construction.
CDC90D48 SUMIDA-CDC90D48 Datasheet
159Kb / 2P
   Ferrite drum core construction
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com