Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KX15-200K2B Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # KX15-200K2B
Description  KX14/15 SERIES CONNECTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

KX15-200K2B Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  KX15-200K2B Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. KX15-200K2B Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. KX15-200K2B Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. KX15-200K2B Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. KX15-200K2B Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Dimensions in mm (inches).
KX 15 – **
*
*
*
(Blank)
Series
Connector Type
15 – Plug
No. of Contacts (See Note 1)
20, 30, 40, 50, 60, 70, 80
100, 120, 140, 160
Polarization Key
K – With Polarization Key
N – Without Polarization Key
Termination
L – Right Angle Type
Mounting Type (See Table Below)
D, F, J, N
Contact Finish
Blank – Connecting Area: Gold plating 0.1
µm
(.000004") min. over Nickel
Terminal Area: Gold Flash over Nickel
KX
**
**
*
*
*
*
Series
Connector Type
14 – Receptacle
15 – Plug
No. of Contacts (See Note 1)
20, 30, 40, 50, 60, 70, 80
100, 120, 140, 160, 200
Polarization Key
K – With Polarization Key
N – Without Polarization Key
Stacking Height Code (See Note 2)
(Receptacle) 2, 5, 8, 11, 14
(Plug)
2, 3, 4
Mounting Type (See Table Below)
B, C, D, E, F
Contact Finish
Blank – Connecting Area: Gold plating 0.1
µm
(.000004") min. over Nickel
Terminal Area: Gold Flash over Nickel
1 – Connecting Area: Gold plating 0.1
µm (.000004") min.
over Nickel
Terminal Area: Tin-Lead over Nickel
Note 1: Please consult JAE for availability.
Note 2: Stacking Height = Stacking Height Code of KX14 &
Stacking Height Code of KX15.
Note 1: Please consult JAE for availability.
Positioning Key
Hold Down
Flange
Hook Pin
B
○○
——
C
○○
○○
○○
D
○○
○○
○○
E
○○
○○
F—
○○
○○
Mounting Type for Straight
Positioning Key
Hold Down
Nut
D
○○
○○
F—
○○
J
○○
——
N
○○
○○
Mounting Type for Right Angle
STRAIGHT
RIGHT ANGLE
ORDERING INFORMATION
Stacking Height (Parallel PCB to PCB connection)
2
4 (.157)
5 (.197)
6 (.236)
5
7 (.276)
8 (.315)
9 (.354)
8
10 (.394)
11 (.433)
12 (.472)
11
13 (.512)
14 (.551)
15 (.591)
14
16 (.630)
17 (.669)
18 (.709)
23
4
Plug
Stacking Height
Code
Receptacle
KX14/15 SERIES CONNECTORS
0.8mm (.031") Contact Spacing, PCB-to-PCB SMT Connectors


Similar Part No. - KX15-200K2B

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
KX10M15A PETERMANN-KX10M15A Datasheet
200Kb / 3P
   HIGH RELIABILITY FOR LOW COST NARROW BANDWITH
KX10M15A1 PETERMANN-KX10M15A1 Datasheet
200Kb / 3P
   HIGH RELIABILITY FOR LOW COST NARROW BANDWITH
KX10M15A2 PETERMANN-KX10M15A2 Datasheet
200Kb / 3P
   HIGH RELIABILITY FOR LOW COST NARROW BANDWITH
KX10M15B PETERMANN-KX10M15B Datasheet
200Kb / 3P
   HIGH RELIABILITY FOR LOW COST NARROW BANDWITH
KX10M15B1 PETERMANN-KX10M15B1 Datasheet
200Kb / 3P
   HIGH RELIABILITY FOR LOW COST NARROW BANDWITH
More results

Similar Description - KX15-200K2B

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
SJ038089 JAE-SJ038089 Datasheet
173Kb / 1P
   COPLANARITY 0.1mm MAX STACKIG HEIGHT HEIGHT OF KX15 OF KX14
logo
PHOENIX CONTACT
3212646 PHOENIX-3212646 Datasheet
86Kb / 9P
   Connectors - PP-H 1,5/S/15
logo
Phihong USA Inc.
PSA15A-050P PHIHONG-PSA15A-050P Datasheet
129Kb / 2P
   15 WATT SERIES
logo
Hirose Electric
3210S-15SA41 HIROSE-3210S-15SA41 Datasheet
872Kb / 8P
   15-Pin Connectors for I/O Card Interfaces
logo
TRACO Electronic AG
TRI15 TRACOPOWER-TRI15 Datasheet
940Kb / 4P
   DC/DC Converter TRI 15 Series, 15 Watt
Rev. March 17, 2023
TON15 TRACOPOWER-TON15 Datasheet
220Kb / 3P
   DC/DC Converters TON 15 Series, 15 Watt
Rev. March 9, 2022
THN15 TRACOPOWER-THN15 Datasheet
919Kb / 5P
   DC/DC Converter THN 15 Series, 15 Watt
Rev. November 30, 2022
TEL15 TRACOPOWER-TEL15 Datasheet
240Kb / 3P
   DC/DC Converters TEL 15 Series, 15 Watt
Rev. March 17, 2023
TEN15 TRACOPOWER-TEN15 Datasheet
395Kb / 4P
   DC/DC Converters TEN 15 Series, 15 Watt
Rev. May 7, 2021
logo
Power-One
LES008YD POWER-ONE-LES008YD Datasheet
181Kb / 3P
   LES SERIES - 15 WATT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com