Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1608C0G1H040C Datasheet(PDF) 6 Page - TDK Electronics

Part # C1608C0G1H040C
Description  Multilayer Ceramic Chip Capacitors General use
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C1608C0G1H040C Datasheet(HTML) 6 Page - TDK Electronics

Back Button C1608C0G1H040C Datasheet HTML 2Page - TDK Electronics C1608C0G1H040C Datasheet HTML 3Page - TDK Electronics C1608C0G1H040C Datasheet HTML 4Page - TDK Electronics C1608C0G1H040C Datasheet HTML 5Page - TDK Electronics C1608C0G1H040C Datasheet HTML 6Page - TDK Electronics C1608C0G1H040C Datasheet HTML 7Page - TDK Electronics C1608C0G1H040C Datasheet HTML 8Page - TDK Electronics C1608C0G1H040C Datasheet HTML 9Page - TDK Electronics C1608C0G1H040C Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
(5/30)
007-02 / 20110907 / e412_c.fm
• All specifications are subject to change without notice.
Please read the precautions before using this catalog.
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
• For more information about the products of other capacitance or data, please contact us.
CAPACITANCE RANGES: CLASS 1 (TEMPERATURE COMPENSATION)
TEMPERATURE CHARACTERISTICS: C0G(0±30ppm/°C)
Capacitance
Dimension
L
×W
Thickness
T(mm)
Capacitance
tolerance
Part No.
Rated voltage Edc: 50V
Rated voltage Edc: 35V
Rated voltage Edc: 25V
Rated voltage Edc: 16V
10pF
0402
0.20±0.02
±0.5pF
C0402C0G1C100D(020BA)
0603
0.30±0.03
±0.5pF
C0603C0G1H100D(030BA)
C0603C0G1E100D(030BA)
1005
0.50±0.05
±0.25pF
C1005C0G1H100C(050BA)
±0.5pF
C1005C0G1H100D(050BA)
1608
0.80±0.10
±0.25pF
C1608C0G1H100C(080AA)
±0.5pF
C1608C0G1H100D(080AA)
12pF
0402
0.20±0.02
±5%
C0402C0G1C120J(020BA)
0603
0.30±0.03
±5%
C0603C0G1H120J(030BA)
C0603C0G1E120J(030BA)
1005
0.50±0.05
±5%
C1005C0G1H120J(050BA)
1608
0.80±0.10
±5%
C1608C0G1H120J(080AA)
15pF
0402
0.20±0.02
±5%
C0402C0G1C150J(020BA)
0603
0.30±0.03
±5%
C0603C0G1H150J(030BA)
C0603C0G1E150J(030BA)
1005
0.50±0.05
±5%
C1005C0G1H150J(050BA)
1608
0.80±0.10
±5%
C1608C0G1H150J(080AA)
18pF
0603
0.30±0.03
±5%
C0603C0G1H180J(030BA)
C0603C0G1E180J(030BA)
1005
0.50±0.05
±5%
C1005C0G1H180J(050BA)
1608
0.80±0.10
±5%
C1608C0G1H180J(080AA)
22pF
0603
0.30±0.03
±5%
C0603C0G1H220J(030BA)
C0603C0G1E220J(030BA)
1005
0.50±0.05
±5%
C1005C0G1H220J(050BA)
1608
0.80±0.10
±5%
C1608C0G1H220J(080AA)
27pF
0603
0.30±0.03
±5%
C0603C0G1H270J(030BA)
C0603C0G1E270J(030BA)
1005
0.50±0.05
±5%
C1005C0G1H270J(050BA)
1608
0.80±0.10
±5%
C1608C0G1H270J(080AA)
33pF
0603
0.30±0.03
±5%
C0603C0G1H330J(030BA)
C0603C0G1E330J(030BA)
1005
0.50±0.05
±5%
C1005C0G1H330J(050BA)
1608
0.80±0.10
±5%
C1608C0G1H330J(080AA)
39pF
0603
0.30±0.03
±5%
C0603C0G1H390J(030BA)
C0603C0G1E390J(030BA)
1005
0.50±0.05
±5%
C1005C0G1H390J(050BA)
1608
0.80±0.10
±5%
C1608C0G1H390J(080AA)
47pF
0603
0.30±0.03
±5%
C0603C0G1H470J(030BA)
C0603C0G1E470J(030BA)
1005
0.50±0.05
±5%
C1005C0G1H470J(050BA)
1608
0.80±0.10
±5%
C1608C0G1H470J(080AA)
56pF
0603
0.30±0.03
±5%
C0603C0G1H560J(030BA)
C0603C0G1E560J(030BA)
1005
0.50±0.05
±5%
C1005C0G1H560J(050BA)
1608
0.80±0.10
±5%
C1608C0G1H560J(080AA)
68pF
0603
0.30±0.03
±5%
C0603C0G1H680J(030BA)
C0603C0G1E680J(030BA)
1005
0.50±0.05
±5%
C1005C0G1H680J(050BA)
1608
0.80±0.10
±5%
C1608C0G1H680J(080AA)
82pF
0603
0.30±0.03
±5%
C0603C0G1H820J(030BA)
C0603C0G1E820J(030BA)
1005
0.50±0.05
±5%
C1005C0G1H820J(050BA)
1608
0.80±0.10
±5%
C1608C0G1H820J(080AA)
100pF
0603
0.30±0.03
±5%
C0603C0G1H101J(030BA)
C0603C0G1E101J(030BA)
1005
0.50±0.05
±5%
C1005C0G1H101J(050BA)
1608
0.80±0.10
±5%
C1608C0G1H101J(080AA)
120pF
1005
0.50±0.05
±5%
C1005C0G1H121J(050BA)
1608
0.80±0.10
±5%
C1608C0G1H121J(080AA)
150pF
1005
0.50±0.05
±5%
C1005C0G1H151J(050BA)
1608
0.80±0.10
±5%
C1608C0G1H151J(080AA)
180pF
1005
0.50±0.05
±5%
C1005C0G1H181J(050BA)
1608
0.80±0.10
±5%
C1608C0G1H181J(080AA)
220pF
1005
0.50±0.05
±5%
C1005C0G1H221J(050BA)
1608
0.80±0.10
±5%
C1608C0G1H221J(080AA)
270pF
1005
0.50±0.05
±5%
C1005C0G1H271J(050BA)
1608
0.80±0.10
±5%
C1608C0G1H271J(080AA)
330pF
1005
0.50±0.05
±5%
C1005C0G1H331J(050BA)
1608
0.80±0.10
±5%
C1608C0G1H331J(080AA)
390pF
1005
0.50±0.05
±5%
C1005C0G1H391J(050BA)
1608
0.80±0.10
±5%
C1608C0G1H391J(080AA)
470pF
1005
0.50±0.05
±5%
C1005C0G1H471J(050BA)
1608
0.80±0.10
±5%
C1608C0G1H471J(080AA)
560pF
1005
0.50±0.05
±5%
C1005C0G1H561J(050BA)
1608
0.80±0.10
±5%
C1608C0G1H561J(080AA)
680pF
1005
0.50±0.05
±5%
C1005C0G1H681J(050BA)
1608
0.80±0.10
±5%
C1608C0G1H681J(080AA)
820pF
1005
0.50±0.05
±5%
C1005C0G1H821J(050BA)
1608
0.80±0.10
±5%
C1608C0G1H821J(080AA)


Similar Part No. - C1608C0G1H040C

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1608C0G1H040C TDK-C1608C0G1H040C Datasheet
190Kb / 7P
   Ceramic Capacitors For General Use SMD
C1608C0G1H040C TDK-C1608C0G1H040C Datasheet
70Kb / 7P
   Ceramic Capacitors For General Use SMD
C1608C0G1H040C TDK-C1608C0G1H040C Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C1608C0G1H040C TDK-C1608C0G1H040C Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C1608C0G1H040C TDK-C1608C0G1H040C Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C1608C0G1H040C

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3216X7R1E475K TDK-C3216X7R1E475K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C3216X7R1C474K TDK-C3216X7R1C474K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C2012X7R2A104K TDK-C2012X7R2A104K Datasheet
114Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
C3225C0G2J682J200AA TDK-C3225C0G2J682J200AA Datasheet
124Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
CGA2B3X7R1E104K050BB TDK-CGA2B3X7R1E104K050BB Datasheet
73Kb / 8P
   Multilayer Ceramic Chip Capacitors For automobile(General use)
logo
Murata Manufacturing Co...
C02E MURATA1-C02E_V01 Datasheet
4Mb / 89P
   Chip Multilayer Ceramic Capacitors for General
Nov.27,2017
logo
Murata Manufacturing Co...
GRM0335C1H7R1DA01 MURATA-GRM0335C1H7R1DA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM0335C2AR60BA01 MURATA-GRM0335C2AR60BA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1857U1H332JA44 MURATA-GRM1857U1H332JA44 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1882C1H102JA01 MURATA-GRM1882C1H102JA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com