Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECWF2564 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECWF2564
Description  Metallized Polypropylene Film Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWF2564 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECWF2564 Datasheet HTML 1Page - Panasonic Semiconductor ECWF2564 Datasheet HTML 2Page - Panasonic Semiconductor ECWF2564 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
− FC54 −
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
Metallized Polypropylene Film Capacitors
Type:
ECWF(A)
Designed for high frequency and current applications.
■Features
Small size
Excellent frequency characteristics
Low loss
Low Hum Sound Noise
RoHS directive compliant
■Recommended Applications
250VDC:High frequency and high current circuits
450VDC:Active filter circuits
■Explanation of Part Numbers
123456789
10
11
E
C
W
F
A
Products code
Dielectric &
construction
Rated
voltage
Cap. Tol.
Suffix
Suffix
Capacitance
● Explanation of Part Numbers for Odd Size Taping
E
C
W
F
R
A
Products code
Dielectric &
construction
Rated voltage
Suffix
Cap. Tol.
Suffix
Capacitance
Suffix
Blank
B
Q
C
Lead form
Straight
Crimped Lead
Crimped Lead
Cut lead
■Specifications
Category temp. range
(Including temperature-rise on unit surface)
Rated voltage
Capacitance range
Capacitance tolerance
Withstand voltage
Dissipation factor (tan )
–40 ˚C to +105 ˚C
450 VDC
Peak to peak voltage applied on the capacitor should be less than
240Vp-p, and zero to peak voltage should be less than 450V.
250 VDC
250 VDC
450 VDC
250 VDC
450 VDC
250 VDC
450 VDC
tan
δ≦0.1 % (20 ˚C,1 kHz)
Between terminals:Rated voltage (VDC)×150 % 60 s
Insulation resistance (IR)
0.1 μF to 6.8 μF
0.1 μF to 4.7 μF
±3 %(H), ±5 %(J)
±5 %(J), ±10 %(K)
C
≦0.33 μF :IR≧9,000 M
Ω
(20 ˚C, 100 VDC, 60 s)
C0.33 μF :IR
≧3,000 M
Ω・μF
C
≦0.33 μF :IR≧30,000 M
Ω
(20 ˚C, 100 VDC, 60 s)
C0.33 μF :IR
≧10,000 M
Ω・μF
2
2W
250 VDC
450 VDC
H
J
K
±3%
±5%
±10 %
❈ In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage,
please refer to the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”.


Similar Part No. - ECWF2564

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWF2564 PANASONIC-ECWF2564 Datasheet
219Kb / 4P
   Metallized Polypropylene Film Capacitors
ECWF2564 PANASONIC-ECWF2564 Datasheet
408Kb / 10P
   Metallized Polypropylene Film Capacitors
ECWF2564A PANASONIC-ECWF2564A Datasheet
408Kb / 10P
   Metallized Polypropylene Film Capacitors
ECWF2564JA PANASONIC-ECWF2564JA Datasheet
408Kb / 10P
   Metallized Polypropylene Film Capacitors
ECWF2564MB PANASONIC-ECWF2564MB Datasheet
92Kb / 4P
   Metallized Polypropylene Film Capacitor
More results

Similar Description - ECWF2564

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com