Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS61JB46 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS61JB46
Description  14-Bit, Input-Buffered, 160-MSPS, Analog-to-Digital Converter with JESD204A Output Interface
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS61JB46 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS61JB46 Datasheet HTML 5Page - Texas Instruments ADS61JB46 Datasheet HTML 6Page - Texas Instruments ADS61JB46 Datasheet HTML 7Page - Texas Instruments ADS61JB46 Datasheet HTML 8Page - Texas Instruments ADS61JB46 Datasheet HTML 9Page - Texas Instruments ADS61JB46 Datasheet HTML 10Page - Texas Instruments ADS61JB46 Datasheet HTML 11Page - Texas Instruments ADS61JB46 Datasheet HTML 12Page - Texas Instruments ADS61JB46 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
Input
Clock
Input
Signal
Sample
N
N+1
N+2
N+3
N+4
CLKM
CLKP
CML Output
Data Lane 1
SYNC~ Input
(SYNC~P)
(SYNC~M)
-
N-12
N-11
N+5
N+6
N+7
N+8
N+9
t
SYNCZ-H
t
SYNCZ-SU
SYNC~ De-Active
Latency = 8 Clock Cycles
t
SYNCZ-PDI
K28.5
K28.5
K28.5
K28.5
K28.5
K28.5
K28.5
K28.5
K28.5
N-12
K28.5
K28.5
K28.5
K28.5
K28.5
K28.5
K28.5
K28.5
N-11
K28.5
Internal Clock
for Latching SYNC
(CLK_INT)
t
CLK-INT
CML Output
Data Lane 2
ADS61JB46
www.ti.com
SBAS611B – SEPTEMBER 2013 – REVISED OCTOBER 2013
Figure 6. SYNC~ De-Active Timing Diagram
Table 3. SYNC~ Rising Edge Timing at 160 MSPS
PARAMETER
DESCRIPTION
TYP
UNIT
Delay from input clock rising edge to the internal clock (CLK_INT)
10.5
ns
tCLK-INT
rising edge used to latch the SYNC~ rising edge
tSYNCZ-SU
SYNC~ active edge setup time
Minimum delay required from SYNC~ rising edge to CLK_INT rising
2
ns
edge
tSYNCZ-H
SYNC~ active edge hold time
Minimum delay required from CLK_INT rising edge to SYNC~ rising
2
ns
edge
SYNC~ de-active latency
Number of clocks for normal data to appear at the output after a
8
Clocks
SYNC~ de-activate request
tSYNCZ-PDI
SYNC~ de-active data
Similar to data propagation delay
15.3
ns
propagation delay
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADS61JB46


Similar Part No. - ADS61JB46

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS61JB23 TI-ADS61JB23 Datasheet
1Mb / 45P
[Old version datasheet]   12-Bit Input-Buffered 80 MSPS ADC with JESD204A Output Interface
ADS61JB23IRHAR TI-ADS61JB23IRHAR Datasheet
1Mb / 45P
[Old version datasheet]   12-Bit Input-Buffered 80 MSPS ADC with JESD204A Output Interface
ADS61JB23IRHAT TI-ADS61JB23IRHAT Datasheet
1Mb / 45P
[Old version datasheet]   12-Bit Input-Buffered 80 MSPS ADC with JESD204A Output Interface
More results

Similar Description - ADS61JB46

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS61JB23 TI-ADS61JB23 Datasheet
1Mb / 45P
[Old version datasheet]   12-Bit Input-Buffered 80 MSPS ADC with JESD204A Output Interface
ADS42JB46 TI1-ADS42JB46 Datasheet
3Mb / 63P
[Old version datasheet]   Dual-Channel, 14-Bit, 160-MSPS Analog-to-Digital Converter
ADC34J42 TI1-ADC34J42 Datasheet
6Mb / 90P
[Old version datasheet]   ADC34J4x Quad-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with a JESD204B Interface
ADC16DV160 TI1-ADC16DV160_15 Datasheet
1Mb / 38P
[Old version datasheet]   160 MSPS Analog-to-Digital Converter
ADC32J22 TI-ADC32J22_15 Datasheet
3Mb / 85P
[Old version datasheet]   ADC32J2x Dual-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with JESD204B Interface
ADS5424 TI-ADS5424 Datasheet
578Kb / 25P
[Old version datasheet]   14 BIT, 105 MSPS ANALOG TO DIGITAL CONVERTER
ADS5423 TI-ADS5423 Datasheet
1Mb / 24P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
ADS5424 TI1-ADS5424_14 Datasheet
1Mb / 29P
[Old version datasheet]   14 Bit, 105 MSPS Analog-to-Digital Converter
DAC5675 TI1-DAC5675 Datasheet
424Kb / 27P
[Old version datasheet]   14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com