Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

215-501-21-38_1311 Datasheet(PDF) 1 Page - Marl International Limited

Part # 215-501-21-38_1311
Description  filament replacement leds
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

215-501-21-38_1311 Datasheet(HTML) 1 Page - Marl International Limited

  215-501-21-38_1311 Datasheet HTML 1Page - Marl International Limited 215-501-21-38_1311 Datasheet HTML 2Page - Marl International Limited 215-501-21-38_1311 Datasheet HTML 3Page - Marl International Limited 215-501-21-38_1311 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
features
specifications
to order
Ordering information and typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
215 series
• Direct replacement for T3 ¼ Bayonet Automobile Cap
• Flat topped for enhanced, even illumination of large lens
areas
• Reverse polarity options available
• Ideal for industrial pushbutton switches and annunciator
panels
• Centre contact Anode as standard
• Pack Quantity = 20 Pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
215-501-21-38
Red
12 Vdc
20
Call
Call
Call
Call
-
215-521-21-38
Yellow
12 Vdc
20
Call
Call
Call
Call
-
215-532-21-38
Green
12 Vdc
20
1240
525
-30 - +85
-40 - +100
U
215-930-21-38
Blue
12 Vdc
20
252
Call
Call
Call
-
215-997-21-38
White
12 Vdc
20
785
* See pg.2
-30 - +85
-40 - +100
B
215-993-21-38
Warm White
12 Vdc
20
850
* See pg.2
-30 - +85
-40 - +100
I
215-501-23-38
Red
28 Vdc
14
Call
Call
Call
Call
-
215-521-23-38
Yellow
28 Vdc
14
Call
Call
Call
Call
-
215-532-23-38
Green
28 Vdc
14
1240
525
-30 - +85
-40 - +100
U
215-930-23-38
Blue
28 Vdc
14
252
Call
Call
Call
-
215-997-23-38
White
28 Vdc
14
785
* See pg.2
-30 - +85
-40 - +100
B
215-993-23-38
Warm White
28 Vdc
14
850
* See pg.2
-30 - +85
-40 - +100
I
^ = Voltage for 20mA product is Vf at 20mA, not Vopr
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 2.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 215 - version 2013-11-05-173250
page 1 of 4


Similar Part No. - 215-501-21-38_1311

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
215-501-21-38_1311 MARL-215-501-21-38_1311 Datasheet
226Kb / 4P
   filament replacement leds
More results

Similar Description - 215-501-21-38_1311

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
236-038-93_1307 MARL-236-038-93_1307 Datasheet
265Kb / 4P
   filament replacement leds
238-501-98_1309 MARL-238-501-98_1309 Datasheet
206Kb / 4P
   filament replacement leds
261-990-95-38_1311 MARL-261-990-95-38_1311 Datasheet
215Kb / 3P
   filament replacement leds
216-532-22-65_1310 MARL-216-532-22-65_1310 Datasheet
220Kb / 4P
   filament replacement leds
258-501-64-38_1312 MARL-258-501-64-38_1312 Datasheet
204Kb / 4P
   filament replacement leds
231-501-21_1309 MARL-231-501-21_1309 Datasheet
283Kb / 5P
   filament replacement leds
206-501-21-38_1312 MARL-206-501-21-38_1312 Datasheet
320Kb / 5P
   filament replacement leds
209-501-21-38_1312 MARL-209-501-21-38_1312 Datasheet
271Kb / 5P
   filament replacement leds
206-501-21-38_1312 MARL-206-501-21-38_1312 Datasheet
320Kb / 5P
   filament replacement leds
210-501-21-38_1312 MARL-210-501-21-38_1312 Datasheet
290Kb / 5P
   filament replacement leds
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com