Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1721253-3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1721253-3
Description  Miniature Power PCB Relay LN/LNH
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1721253-3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1721253-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1721253-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1721253-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
General Purpose Relays
PCB Relays
Miniature Power PCB Relay LN/LNH (Continued)
PCB layout / terminal assignment
Bottom view on solder pins
S0260-AN
Dimensions
S0260-AB
S0260-AC
S0486-A
Product code structure
Typical product code
LN
1
3
3
012
Type
LN Miniature Power Relay LN / LNH
Version
1
10A, 85°C
3
16A, 85°C
H 10A, 105°C
Contact configuration
1
1 form C contact (1 CO)
3
1 form A contatct (1 NO)
Contact material
0
AgCdO
3
AgSnO2
Coil
005
5VDC
012
12VDC
006
6VDC
024
24VDC
009
9VDC
036
36VDC


Similar Part No. - 1721253-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1721216-1 MACOM-1721216-1 Datasheet
178Kb / 1P
   Tyco Electronics Corporation ShenZhen, China
1721216-2 MACOM-1721216-2 Datasheet
178Kb / 1P
   Tyco Electronics Corporation ShenZhen, China
1721216-3 MACOM-1721216-3 Datasheet
178Kb / 1P
   Tyco Electronics Corporation ShenZhen, China
1721216-4 MACOM-1721216-4 Datasheet
178Kb / 1P
   Tyco Electronics Corporation ShenZhen, China
1721216-5 MACOM-1721216-5 Datasheet
178Kb / 1P
   Tyco Electronics Corporation ShenZhen, China
More results

Similar Description - 1721253-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LN133005 MACOM-LN133005 Datasheet
135Kb / 3P
   Miniature Power Relay LN / LNH
T7N MACOM-T7N Datasheet
157Kb / 3P
   Miniature Power PCB Relay
logo
DB Lectro Inc
HG4510 DBLECTRO-HG4510 Datasheet
43Kb / 2P
   Miniature PCB Power Relay
logo
Tyco Electronics
PCH MACOM-PCH Datasheet
127Kb / 3P
   Miniature Power PCB Relay
logo
Picker Components
PC459 PICKER-PC459_17 Datasheet
456Kb / 2P
   Miniature PCB Power Relay
logo
Willow Technologies Ltd
DG6L WILLOW-DG6L Datasheet
230Kb / 3P
   miniature pcb power relay
logo
DB Lectro Inc
HG4515 DBLECTRO-HG4515 Datasheet
78Kb / 2P
   Miniature PCB Power Relay
logo
American Electronic Com...
DX85-INRUSH AEC-DX85-INRUSH Datasheet
214Kb / 2P
   miniature pcb power relay
logo
Willow Technologies Ltd
DG6D WILLOW-DG6D Datasheet
203Kb / 2P
   miniature pcb power relay
logo
List of Unclassifed Man...
HG4115 ETC-HG4115 Datasheet
51Kb / 2P
   MINIATURE PCB POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com