Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN1R6-30BL Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PSMN1R6-30BL
Description  N-channel 30 V 1.9 m廓 logic level MOSFET in D2PAK
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN1R6-30BL Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PSMN1R6-30BL Datasheet HTML 6Page - NXP Semiconductors PSMN1R6-30BL Datasheet HTML 7Page - NXP Semiconductors PSMN1R6-30BL Datasheet HTML 8Page - NXP Semiconductors PSMN1R6-30BL Datasheet HTML 9Page - NXP Semiconductors PSMN1R6-30BL Datasheet HTML 10Page - NXP Semiconductors PSMN1R6-30BL Datasheet HTML 11Page - NXP Semiconductors PSMN1R6-30BL Datasheet HTML 12Page - NXP Semiconductors PSMN1R6-30BL Datasheet HTML 13Page - NXP Semiconductors PSMN1R6-30BL Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
PSMN1R6-30BL
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 22 March 2012
10 of 15
NXP Semiconductors
PSMN1R6-30BL
N-channel 30 V 1.9 m
Ω logic level MOSFET in D2PAK
Fig 15. Gate-source voltage as a function of gate
charge; typical values
Fig 16. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values
Fig 17. Source current as a function of source-drain voltage; typical values
003aad015
0
2
4
6
8
10
0
40
80
120
160
200
240
QG (nC)
VGS
(V)
VDS = 15 V
003aad016
10
2
10
3
10
4
10
5
10
-1
1
10
10
2
VDS (V)
C
(pF)
Ciss
Crss
Coss
003aad014
0
20
40
60
80
100
0
0.2
0.4
0.6
0.8
1
VSD (V)
IS
(A)
Tj = 25
°C
175
°C


Similar Part No. - PSMN1R6-30BL

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
PSMN1R6-30BL ISC-PSMN1R6-30BL Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
PSMN1R6-30BL NEXPERIA-PSMN1R6-30BL Datasheet
816Kb / 15P
   N-channel 30 V 1.9 mΩ logic level MOSFET in D2PAK
Rev. 1 - 22 March 2012
logo
NXP Semiconductors
PSMN1R6-30BL PHILIPS-PSMN1R6-30BL_15 Datasheet
219Kb / 15P
   N-channel 30 V 1.9 m logic level MOSFET in D2PAK
Rev. 1-22 March 2012
More results

Similar Description - PSMN1R6-30BL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN1R6-30BL PHILIPS-PSMN1R6-30BL_15 Datasheet
219Kb / 15P
   N-channel 30 V 1.9 m logic level MOSFET in D2PAK
Rev. 1-22 March 2012
logo
Nexperia B.V. All right...
PSMN1R6-30BL NEXPERIA-PSMN1R6-30BL Datasheet
816Kb / 15P
   N-channel 30 V 1.9 mΩ logic level MOSFET in D2PAK
Rev. 1 - 22 March 2012
logo
NXP Semiconductors
PSMN4R3-30BL NXP-PSMN4R3-30BL Datasheet
212Kb / 15P
   N-channel 30 V 4.1 m廓 logic level MOSFET in D2PAK
Rev. 1-22 March 2012
PSMN1R5-30BLE PHILIPS-PSMN1R5-30BLE_15 Datasheet
229Kb / 13P
   N-channel 30 V 1.5 m廓 logic level MOSFET in D2PAK
12 October 2012
PSMN3R4-30BLE PHILIPS-PSMN3R4-30BLE_15 Datasheet
230Kb / 13P
   N-channel 30 V 3.4 m廓 logic level MOSFET in D2PAK
12 October 2012
PSMN017-30BL PHILIPS-PSMN017-30BL_15 Datasheet
198Kb / 14P
   N-channel 30 V 17 m廓 logic level MOSFET in D2PAK
Rev. 2-3 April 2012
logo
Nexperia B.V. All right...
PSMN3R4-30BL NEXPERIA-PSMN3R4-30BL Datasheet
814Kb / 15P
   N-channel 30 V 3.3 m廓 logic level MOSFET in D2PAK
logo
NXP Semiconductors
PSMNR90-30BL PHILIPS-PSMNR90-30BL_15 Datasheet
282Kb / 13P
   N-channel 30 V 1.0 m廓 logic level MOSFET in D2PAK
2 April 2014
PSMNR90-30BL NXP-PSMNR90-30BL Datasheet
237Kb / 14P
   N-channel 30 V 1.0 m廓 logic level MOSFET in D2PAK
Rev. 2-29 February 2012
PSMN022-30BL PHILIPS-PSMN022-30BL_15 Datasheet
228Kb / 14P
   N-channel 30 V 22.6 m廓 logic level MOSFET in D2PAK
Rev. 1-21 March 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com