Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ500212A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ500212A
Description  Low System Cost, Wireless Power Controller for WPC TX A5 or A11
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ500212A Datasheet(HTML) 4 Page - Texas Instruments

  BQ500212A Datasheet HTML 1Page - Texas Instruments BQ500212A Datasheet HTML 2Page - Texas Instruments BQ500212A Datasheet HTML 3Page - Texas Instruments BQ500212A Datasheet HTML 4Page - Texas Instruments BQ500212A Datasheet HTML 5Page - Texas Instruments BQ500212A Datasheet HTML 6Page - Texas Instruments BQ500212A Datasheet HTML 7Page - Texas Instruments BQ500212A Datasheet HTML 8Page - Texas Instruments BQ500212A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
bq500212A
SLUSBD6B – JULY 2013 – REVISED NOVEMBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
IV33A
V33A = 3.3 V
8
15
IV33D
Supply current
V33D = 3.3 V
44
55
mA
ITOTAL
V33D = V33A = 3.3 V
52
60
INTERNAL REGULATOR CONTROLLER INPUTS/OUTPUTS
V33
3.3-V linear regulator
Emitter of NPN transistor
3.25
3.3
3.6
V
V33FB
3.3-V linear regulator feedback
4
4.6
IV33FB
Series pass base drive
VIN = 12 V; current into V33FB pin
10
mA
Beta
Series NPN pass device
40
EXTERNALLY SUPPLIED 3.3 V POWER
V33D
Digital 3.3-V power
TA = 25°C
3
3.6
V
V33A
Analog 3.3-V power
TA = 25°C
3
3.6
V33 slew rate between 2.3 V and 2.9 V,
V33Slew
V33 slew rate
0.25
V/ms
V33A = V33D
DIGITAL DEMODULATION INPUTS COMM_A+, COMM_A-, COMM_B+, COMM_B-
Vbias
COMM+ Bias Voltage
1.5
V
COMM+,
Modulation voltage digital resolution
1
mV
COMM-
REA
Input impedance
Ground reference
0.5
1.5
3
M
Ω
IOFFSET
Input offset current
1-k
Ω source impedance
–5
5
µA
ANALOG INPUTS V_SENSE, I_SENSE, T_SENSE, LED_MODE, LOSS_THR, SNOOZE_CAP, PWR_UP
VADDR_OPEN
Voltage indicating open pin
LED_MODE open
2.37
VADDR_SHORT
Voltage indicating pin shorted to GND
LED_MODE shorted to ground
0.36
V
VADC_RANGE
Measurement range for voltage monitoring
ALL ANALOG INPUTS
0
2.5
INL
ADC integral nonlinearity
-2.5
2.5
mV
RIN
Input impedance
Ground reference
8
M
Ω
CIN
Input capacitance
10
pF
DIGITAL INPUTS/OUTPUTS
DGND1
VOL
Low-level output voltage
IOL = 6 mA , V33D = 3 V
+ 0.25
V33D
VOH
High-level output voltage
IOH = -6 mA , V33D = 3 V
V
- 0.6V
VIH
High-level input voltage
V33D = 3V
2.1
3.6
VIL
Low-level input voltage
V33D = 3.5 V
1.4
IOH(MAX)
Output high source current
4
mA
IOL(MAX)
Output low sink current
4
SYSTEM PERFORMANCE
VRESET
Voltage where device comes out of reset
V33D Pin
2.4
V
tRESET
Pulse width needed for reset
RESET pin
2
µs
fSW
Switching Frequency
112
205
kHz
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: bq500212A


Similar Part No. - BQ500212A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500212A TI1-BQ500212A Datasheet
1Mb / 29P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A5 or A11
BQ500212ARGZR TI1-BQ500212ARGZR Datasheet
1Mb / 29P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A5 or A11
BQ500212ARGZT TI1-BQ500212ARGZT Datasheet
1Mb / 29P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A5 or A11
BQ500212A TI1-BQ500212A_17 Datasheet
1Mb / 29P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A5 or A11
More results

Similar Description - BQ500212A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500212A TI1-BQ500212A_17 Datasheet
1Mb / 29P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A5 or A11
BQ500412 TI1-BQ500412 Datasheet
922Kb / 28P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A6
BQ500412 TI1-BQ500412 Datasheet
928Kb / 28P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A6
BQ500511 TI1-BQ500511 Datasheet
1Mb / 30P
[Old version datasheet]   Low Cost 5-V Wireless Power Transmitter Controller
BQ500511A TI1-BQ500511A Datasheet
139Kb / 7P
[Old version datasheet]   Low Cost 5-V Wireless Power Transmitter Controller
logo
Richtek Technology Corp...
RT1650 RICHTEK-RT1650 Datasheet
1Mb / 26P
   Wireless Power Receiver Compliant with WPC
logo
Kinetic Technologies.
KTE7000 KINETIC-KTE7000 Datasheet
207Kb / 2P
   5W Wireless Power Receiver for WPC/Qi BPP
March 2022 - Revision 04d
logo
Wurth Elektronik GmbH &...
760308101 WURTH-760308101 Datasheet
758Kb / 6P
   WE-WPC Wireless Power Charging Coil
logo
Kinetic Technologies.
KTE7001 KINETIC-KTE7001 Datasheet
207Kb / 2P
   15W Wireless Power Receiver for WPC/Qi BPP/EPP
September 2021 - Revision 04d
logo
NXP Semiconductors
MWCT1000DS NXP-MWCT1000DS Datasheet
2Mb / 43P
   Low power (5 W) solution for Wireless Power Consortium (WPC) compliant transmitter design
Rev. 1.0, 02/2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com