Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3150 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # 3150
Description  PROGRAMMABLE, CHOPPERSTABILIZED, HALL-EFFECT SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3150 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button 3150 Datasheet HTML 4Page - Allegro MicroSystems 3150 Datasheet HTML 5Page - Allegro MicroSystems 3150 Datasheet HTML 6Page - Allegro MicroSystems 3150 Datasheet HTML 7Page - Allegro MicroSystems 3150 Datasheet HTML 8Page - Allegro MicroSystems 3150 Datasheet HTML 9Page - Allegro MicroSystems 3150 Datasheet HTML 10Page - Allegro MicroSystems 3150 Datasheet HTML 11Page - Allegro MicroSystems 3150 Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
3150
PROGRAMMABLE, CHOPPER-
STABILIZED, PRECISION,
HALL-EFFECT SWITCH
www.allegromicro.com
SENSOR LOCATIONS
(
±0.005” [0.13 mm] die placement)
Package Designators “UA” and "UA-TL"
Although sensor location is accurate to three sigma for a
particular design, product improvements may result in small
changes to sensor location.
0.045"
1.14 mm
1
3
2
Dwg. MH-008-8
0.030"
0.76 mm
NOM
ACTIVE AREA DEPTH
0.088"
2.24 mm
A
1
3
2
Dwg. MH-011-9A
0.018"
0.46 mm
NOM
BRANDED
SURFACE
ACTIVE AREA DEPTH
0.080"
2.04 mm
0.056"
1.44 mm
A
Package Designator “LT”
Allegro


Similar Part No. - 3150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3150 ETC1-3150 Datasheet
48Kb / 1P
   4700
3150 ETC2-3150 Datasheet
113Kb / 2P
   FLAT WASHERS NYLON FIBRE
logo
KR Electronics, Inc.
3150 KR-3150 Datasheet
97Kb / 3P
   1 MHz Notch Frequency
logo
Pentair plc. All rights...
3150 PENTAIR-3150 Datasheet
275Kb / 2P
   VANNE DE COMMANDE DE 2 POUCE
logo
Allegro MicroSystems
3150 ALLEGRO-3150 Datasheet
154Kb / 8P
   SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
More results

Similar Description - 3150

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1128LLTTR-T ALLEGRO-A1128LLTTR-T Datasheet
362Kb / 20P
   Highly Programmable Hall-Effect Switch
A1128 ALLEGRO-A1128 Datasheet
963Kb / 20P
   Highly Programmable Hall-Effect Switch
logo
Micronas
HAL1002 MICRONAS-HAL1002 Datasheet
400Kb / 29P
   Highly Precise Programmable Hall-Effect Switch
logo
Diodes Incorporated
AH1892 DIODES-AH1892 Datasheet
299Kb / 11P
   PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
logo
Allegro MicroSystems
ATS128 ALLEGRO-ATS128 Datasheet
539Kb / 25P
   Highly Programmable, Back-Biased, Hall-Effect Switch
logo
Melexis Microelectronic...
MLX92361 MELEXIS-MLX92361 Datasheet
795Kb / 18P
   Isolated output programmable Hall Effect Latch/Switch/Omnipolar switch
REVISION 2 - FEBRUARY 2023
logo
Micronas
HAL1000UT-A MICRONAS-HAL1000UT-A Datasheet
1Mb / 30P
   Programmable Hall Switch
HAL1000 MICRONAS-HAL1000 Datasheet
813Kb / 28P
   Programmable Hall Switch
logo
Melexis Microelectronic...
MLX92232 MELEXIS-MLX92232 Datasheet
763Kb / 12P
   End of line programmable Hall-effect Latch / Switch
logo
Diodes Incorporated
AH1894 DIODES-AH1894 Datasheet
394Kb / 13P
   PROGRAMMABLE HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com