Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KX15-70N5B Datasheet(PDF) 5 Page - Japan Aviation Electronics Industry, Ltd.

Part # KX15-70N5B
Description  KX14/15 SERIES CONNECTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

KX15-70N5B Datasheet(HTML) 5 Page - Japan Aviation Electronics Industry, Ltd.

  KX15-70N5B Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. KX15-70N5B Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. KX15-70N5B Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. KX15-70N5B Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. KX15-70N5B Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Dimensions in mm (inches).
B ± 0.1 (.004)
A ± 0.1 (.004)
2.5 (.098)
± 0.05 (.002)
0.8 (.031)
± 0.05 (.002)
0.7 (.028) DIA.
± 0.03 (.001)
0.9 (.035) DIA.
± 0.03 (.001)
0.5 (.020)
± 0.05 (.002)
2.5
(.098)
A ± 0.1 (.004)
C ± 0.2 (.008)
B ± 0.1 (.004)
D ± 0.3 (.012)
0.8
(.031)
0.8
(.031)
3.7
(.146)
1.7 (.067)
± 0.2 (.008)
0.8 (.031) ± 0.05 (.002)
(pitch)
5.75 (.226)
± 0.15 (.006)
0.25 (.010)
± 0.1 (.004)
0.58 (.023) DIA.
± 0.03 (.001)
0.78 (.031) DIA.
± 0.03 (.001)
Lot No.
KX15 • RIGHT ANGLE PLUG
Note: Shown below is mounting type D with polarization key.
Applicable PCB Dimension (Ref.)
AB
C
D
No. of
Contacts
Part Number (Note 1)
With Polarization Key
Without Polarization Key
7.2 ( .283)
8.7 ( .342)
10.3 ( .406)
16 ( .630)
11.2 ( .441)
12.7 ( .500)
14.3 ( .563)
20 ( .787)
15.2 ( .598)
16.7 ( .657)
18.3 ( .720)
24 ( .945)
19.2 ( .756)
20.7 ( .815)
22.3 ( .878)
28 (1.102)
23.2 ( .913)
24.7 ( .972)
26.3 (1.035)
32 (1.260)
27.2 (1.071)
28.7 (1.130)
30.3 (1.193)
36 (1.417)
31.2 (1.228)
32.7 (1.287)
34.3 (1.350)
40 (1.575)
39.2 (1.543)
40.7 (1.602)
42.3 (1.665)
48 (1.890)
47.2 (1.858)
48.7 (1.917)
50.3 (1.980)
56 (2.205)
55.2 (2.173)
56.7 (2.232)
58.3 (2.295)
64 (2.520)
63.2 (2.488)
64.7 (2.547)
66.3 (2.610)
72 (2.835)
20
KX15- 20KL*
KX15- 20NL*
30
KX15- 30KL*
KX15- 30NL*
40
KX15- 40KL*
KX15- 40NL*
50
KX15- 50KL*
KX15- 50NL*
60
KX15- 60KL*
KX15- 60NL*
70
KX15- 70KL*
KX15- 70NL*
80
KX15- 80KL*
KX15- 80NL*
100
KX15- 100KL*
KX15-100NL*
120
KX15- 120KL*
KX15-120NL*
140
KX15- 140KL*
KX15-140NL*
160
KX15- 160KL*
KX15-160NL*
Note 1: * – Add mounting type code D, F, J or N.
Refer to Mounting and Stacking Height Tables.
Note 2: Please consult JAE for availability.
KX14/15 SERIES CONNECTORS
0.8mm (.031") Contact Spacing, PCB-to-PCB SMT Connectors


Similar Part No. - KX15-70N5B

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
KX10M15A PETERMANN-KX10M15A Datasheet
200Kb / 3P
   HIGH RELIABILITY FOR LOW COST NARROW BANDWITH
KX10M15A1 PETERMANN-KX10M15A1 Datasheet
200Kb / 3P
   HIGH RELIABILITY FOR LOW COST NARROW BANDWITH
KX10M15A2 PETERMANN-KX10M15A2 Datasheet
200Kb / 3P
   HIGH RELIABILITY FOR LOW COST NARROW BANDWITH
KX10M15B PETERMANN-KX10M15B Datasheet
200Kb / 3P
   HIGH RELIABILITY FOR LOW COST NARROW BANDWITH
KX10M15B1 PETERMANN-KX10M15B1 Datasheet
200Kb / 3P
   HIGH RELIABILITY FOR LOW COST NARROW BANDWITH
More results

Similar Description - KX15-70N5B

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
SJ038089 JAE-SJ038089 Datasheet
173Kb / 1P
   COPLANARITY 0.1mm MAX STACKIG HEIGHT HEIGHT OF KX15 OF KX14
logo
PHOENIX CONTACT
3212646 PHOENIX-3212646 Datasheet
86Kb / 9P
   Connectors - PP-H 1,5/S/15
logo
Phihong USA Inc.
PSA15A-050P PHIHONG-PSA15A-050P Datasheet
129Kb / 2P
   15 WATT SERIES
logo
Hirose Electric
3210S-15SA41 HIROSE-3210S-15SA41 Datasheet
872Kb / 8P
   15-Pin Connectors for I/O Card Interfaces
logo
TRACO Electronic AG
TRI15 TRACOPOWER-TRI15 Datasheet
940Kb / 4P
   DC/DC Converter TRI 15 Series, 15 Watt
Rev. March 17, 2023
TON15 TRACOPOWER-TON15 Datasheet
220Kb / 3P
   DC/DC Converters TON 15 Series, 15 Watt
Rev. March 9, 2022
THN15 TRACOPOWER-THN15 Datasheet
919Kb / 5P
   DC/DC Converter THN 15 Series, 15 Watt
Rev. November 30, 2022
TEL15 TRACOPOWER-TEL15 Datasheet
240Kb / 3P
   DC/DC Converters TEL 15 Series, 15 Watt
Rev. March 17, 2023
TEN15 TRACOPOWER-TEN15 Datasheet
395Kb / 4P
   DC/DC Converters TEN 15 Series, 15 Watt
Rev. May 7, 2021
logo
Power-One
LES008YD POWER-ONE-LES008YD Datasheet
181Kb / 3P
   LES SERIES - 15 WATT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com