Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3220EBCY-L Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP3220EBCY-L
Description  High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3220EBCY-L Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP3220EBCY-L Datasheet HTML 6Page - Sipex Corporation SP3220EBCY-L Datasheet HTML 7Page - Sipex Corporation SP3220EBCY-L Datasheet HTML 8Page - Sipex Corporation SP3220EBCY-L Datasheet HTML 9Page - Sipex Corporation SP3220EBCY-L Datasheet HTML 10Page - Sipex Corporation SP3220EBCY-L Datasheet HTML 11Page - Sipex Corporation SP3220EBCY-L Datasheet HTML 12Page - Sipex Corporation SP3220EBCY-L Datasheet HTML 13Page - Sipex Corporation SP3220EBCY-L Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Rev: A Date:12/11/03
SP3220EB/EU +3.0 to +5.0V RS-232 Transceivers
© Copyright 2002 Sipex Corporation
10
Figure 13. SP3220EB Driver Loopback Test Results at
250Kbps
Figure 14. SP3220EU Driver Loopback Test Results at
1Mbps
Figure 12. SP3220EB/EU Driver Loopback Test Circuit
SP3220EB/EU
GND
TxIN
TxOUT
C1+
C1-
C2+
C2-
V+
V-
VCC
0.1µF
0.1µF
0.1µF
+
C2
C5
C1
+
+
C3
C4
+
+
0.1µF
0.1µF
LOGIC
INPUTS
VCC
5kΩ
RxIN
RxOUT
LOGIC
OUTPUTS
EN
*SHDN
(SP3220EB 1000pF)
(SP3220EU 250pF)
VCC


Similar Part No. - SP3220EBCY-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3220EBCY-L EXAR-SP3220EBCY-L Datasheet
446Kb / 20P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
MaxLinear. All Rights R...
SP3220EBCY-L MAXLINEAR-SP3220EBCY-L Datasheet
612Kb / 19P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
03/19/20
logo
Exar Corporation
SP3220EBCY-L/TR EXAR-SP3220EBCY-L/TR Datasheet
446Kb / 20P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
MaxLinear. All Rights R...
SP3220EBCY-L/TR MAXLINEAR-SP3220EBCY-L/TR Datasheet
612Kb / 19P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
03/19/20
More results

Similar Description - SP3220EBCY-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3220B SIPEX-SP3220B Datasheet
115Kb / 18P
   High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220EB SIPEX-SP3220EB Datasheet
160Kb / 19P
   High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220E SIPEX-SP3220E Datasheet
169Kb / 18P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220 SIPEX-SP3220 Datasheet
102Kb / 16P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220E SIPEX-SP3220E Datasheet
114Kb / 18P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
Exar Corporation
SP3220EBEA-L-TR EXAR-SP3220EBEA-L-TR Datasheet
446Kb / 20P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
Sipex Corporation
SP3220E SIPEX-SP3220E_05 Datasheet
478Kb / 21P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
Exar Corporation
SP3220EBEY-L EXAR-SP3220EBEY-L Datasheet
985Kb / 21P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220EUEY-L-TR EXAR-SP3220EUEY-L-TR Datasheet
446Kb / 20P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220EEA-L EXAR-SP3220EEA-L Datasheet
985Kb / 21P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com