Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM385 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
Download  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DM385 Datasheet HTML 5Page - Texas Instruments DM385 Datasheet HTML 6Page - Texas Instruments DM385 Datasheet HTML 7Page - Texas Instruments DM385 Datasheet HTML 8Page - Texas Instruments DM385 Datasheet HTML 9Page - Texas Instruments DM385 Datasheet HTML 10Page - Texas Instruments DM385 Datasheet HTML 11Page - Texas Instruments DM385 Datasheet HTML 12Page - Texas Instruments DM385 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 280 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
Table 2-2. Characteristics of the Processor (continued)
HARDWARE FEATURES
DM385/DM388
1 (1-bit or 4-bit or 8-bit modes)
and
MMC/SD/SDIO
1 (8-bit mode) or
2 (1-bit or 4-bit modes)
I2C
4 Master or Slave
Media Controller
Controls HDVPSS, HDVICP2, and ISS
2 (6/2 Serializers, each with
McASP
Transmit/Receive and DIT capability)
RTC
1
GPIO
Up to 125 pins
Spinlock Module
1 (up to 128 H/W Semaphores)
Mailbox Module
1 (with 12 Mailboxes)
Size (Bytes)
640KB RAM, 48KB ROM
ARM
32KB I-cache
32KB D-cache
256KB L2 Cache with ECC
64KB RAM
On-Chip Memory
Organization
48KB Boot ROM
ADDITIONAL SHARED MEMORY
256KB On-chip RAM
see Section 8.5.3.1, JTAG ID (JTAGID)
JTAG BSDL ID
DEVICE_ID Register (address location: 0x4814 0600)
Register Description
CPU Frequency
MHz
ARM® Cortex™-A8 up to 1000 MHz
Cycle Time
ns
ARM® Cortex™ -A8 1.0 ns
DEEP SLEEP,
Core Logic (V)
OPP100, OPP120,
0.83 V – 1.35 V
Voltage
Turbo, Nitro
I/O (V)
1.35 V, 1.5 V, 1.8 V, 3.3 V
609-Pin BGA (AAR) [with Via Channel™
Package
16 x 16 mm
Technology]
Process Technology
μm
0.045
μm
Product Preview (PP),
Product Status
Advance Information (AI),
PD
or Production Data (PD)
Copyright © 2013, Texas Instruments Incorporated
Device Overview
9
Submit Documentation Feedback
Product Folder Links: DM385 DM388


Similar Part No. - DM385

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DM385 TI1-DM385 Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
DM385 TI-DM385 Datasheet
1Mb / 281P
[Old version datasheet]   DM385 and DM388 DaVinci??Digital Media Processor
DM385AAAR01 TI1-DM385AAAR01 Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
DM385AAAR01F TI1-DM385AAAR01F Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
DM385AAAR11 TI1-DM385AAAR11 Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
More results

Similar Description - DM385

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DM385 TI-DM385_15 Datasheet
1Mb / 281P
[Old version datasheet]   DM385 and DM388 DaVinci??Digital Media Processor
DM383 TI1-DM383 Datasheet
2Mb / 267P
[Old version datasheet]   DaVinci Digital Media Processor
DM385 TI1-DM385_16 Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
TMS320DM8148_1109 TI1-TMS320DM8148_1109 Datasheet
2Mb / 360P
[Old version datasheet]   TMS320DM814x DaVinci Digital Media Processors
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
[Old version datasheet]   TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
[Old version datasheet]   TMS320DM816x DaVinci Digital Media Processors
MARCH2011
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI-TMS320DM647_10 Datasheet
1Mb / 181P
[Old version datasheet]   Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com