Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8860 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8860
Description  8 Channel Serial Interface Low-Side Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8860 Datasheet(HTML) 5 Page - Texas Instruments

  DRV8860 Datasheet HTML 1Page - Texas Instruments DRV8860 Datasheet HTML 2Page - Texas Instruments DRV8860 Datasheet HTML 3Page - Texas Instruments DRV8860 Datasheet HTML 4Page - Texas Instruments DRV8860 Datasheet HTML 5Page - Texas Instruments DRV8860 Datasheet HTML 6Page - Texas Instruments DRV8860 Datasheet HTML 7Page - Texas Instruments DRV8860 Datasheet HTML 8Page - Texas Instruments DRV8860 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
DRV8860
www.ti.com
SLRS065A – SEPTEMBER 2013 – REVISED NOVEMBER 2013
Electrical Characteristics
TA = 25°C, over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES
IVM
VM operating supply current
VM = 24V
3
mA
VUVLO
VM undervoltage lockout voltage
VM rising
8.2
V
LOGIC-LEVEL INPUTS (DIN, CLK, LATCH, ENABLE)
VIL
Input low voltage
0.6
0.7
V
VIH
Input high voltage
2
V
VHYS
Input hysteresis
0.45
V
IIL
Input low current
VIN = 0
–20
20
µA
IIH
Input high current
VIN = 3.3V
100
µA
RPD
Input pulldown resistance
100
k
Ω
nFAULT, DOUT OUTPUTS (OPEN-DRAIN OUTPUTS)
VOL
Output low voltage
IO = 5mA
0.5
V
IOH
Output high leakage current
VO = 3.3V, nFAULT
–1
1
µA
RPU
Input pullup resistance
DOUT only (Pull up to internal 5.7V)
1.4
k
Ω
LOW-SIDE FET DRIVERS
VM = 24V, IO = 150mA, TJ = 25°C
1.5
Rds(on)
FET on resistance
Ω
VM = 24V, IO = 150mA, TJ = 85°C
1.8
IOFF
Off-state leakage current
VM = 24V, TJ = 25°C
0
30
µA
HIGH-SIDE FREE-WHEELING DIODES
VF
Diode forward voltage
VM = 24V, IO = 150mA, TJ = 25°C
0.9
V
OUTPUTS
tR
Rise time
50
300
ns
IO = 150mA, VM = 24V, resistive load
tF
Fall time
50
300
ns
PROTECTION CIRCUITS
IOCP
Overcurrent protection trip level
Each channel separately monitored
620
mA
tOCP
Overcurrent protection deglitch time
VM = 24V
2.7
3.5
3.85
µs
IOL
Open load detect pull-down current
Each channel separately monitored
30
µA
VOL
Open load detect threshold voltage
Each channel separately monitored
1.2
V
tOL
Open load detect deglitch time
Each channel separately monitored
14
17
20
µs
TTSD
Thermal shutdown temperature
Die temperature
150
160
180
°C
THYS
Thermal shutdown hysteresis
Die temperature
35
°C
PWM CHOPPING FREQUENCY
Duty cycle is > 25%
45
50
55
fPWM
PWM chopping frequency
Duty cycle is 25%
22
25
28
kHz
Duty cycle is 12.5%
11
12.5
14
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DRV8860


Similar Part No. - DRV8860

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
[Old version datasheet]   8 Channel Serial Interface Low-Side Driver
DRV8860APW TI1-DRV8860APW Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel Serial Interface Low-Side Driver
DRV8860APWR TI1-DRV8860APWR Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel Serial Interface Low-Side Driver
DRV8860PW TI1-DRV8860PW Datasheet
1Mb / 31P
[Old version datasheet]   8 Channel Serial Interface Low-Side Driver
DRV8860PW TI1-DRV8860PW Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel Serial Interface Low-Side Driver
More results

Similar Description - DRV8860

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.01 ELMOS-E910.01 Datasheet
122Kb / 1P
   Low side driver (8 channel, serial interface)
logo
Texas Instruments
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
[Old version datasheet]   8 Channel Serial Interface Low-Side Driver
DRV8860 TI1-DRV8860_16 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel Serial Interface Low-Side Driver
DRV8860 TI-DRV8860_15 Datasheet
1Mb / 40P
[Old version datasheet]   DRV8860x 38-V 8-Channel Serial Interface Low-Side Driver
TPIC2603 TI-TPIC2603 Datasheet
243Kb / 17P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
TPIC2603DWG4 TI-TPIC2603DWG4 Datasheet
577Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
logo
ELMOS Semiconductor AG
E910.32 ELMOS-E910.32 Datasheet
133Kb / 1P
   Low side driver (8 channel, parallel interface)
logo
Monolithic Power System...
MP6606 MPS-MP6606 Datasheet
565Kb / 16P
   60V, 8-Channel Low-Side Driver with Serial Interface and Fault Indication
Rev. 1.0 3/11/2022
logo
Texas Instruments
DRV8804 TI1-DRV8804 Datasheet
581Kb / 15P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
NOVEMBER2011
DRV8804 TI1-DRV8804_16 Datasheet
1Mb / 27P
[Old version datasheet]   Quad Serial Interface Low-Side Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com