Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3SS6126 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS6126
Description  USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS6126 Datasheet(HTML) 6 Page - Texas Instruments

Back Button HD3SS6126 Datasheet HTML 2Page - Texas Instruments HD3SS6126 Datasheet HTML 3Page - Texas Instruments HD3SS6126 Datasheet HTML 4Page - Texas Instruments HD3SS6126 Datasheet HTML 5Page - Texas Instruments HD3SS6126 Datasheet HTML 6Page - Texas Instruments HD3SS6126 Datasheet HTML 7Page - Texas Instruments HD3SS6126 Datasheet HTML 8Page - Texas Instruments HD3SS6126 Datasheet HTML 9Page - Texas Instruments HD3SS6126 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
HD3SS6126
SLAS975 – NOVEMBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS – SIGNAL SWITCH PARAMETERS
under recommended operating conditions; RL, RSC = 50 Ω, CL = 10pF (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
SSA0/1(p/n), SSB0/1(p/n), SSC0/1(p/n) Signal Path
ton
SEL-to-Switch ton
70
250
RSC and RL = 50 Ω, See Figure 1
ns
toff
SEL-to-Switch toff
70
250
tPD
Switch propagation delay
RSC and RL = 50 Ω, See Figure 3
85
ps
tSK(O)
Inter-pair output skew (CH-CH)
20
ps
RSC and RL = 50 Ω, See Figure 3
tSK(b-b)
Intra-Pair Output Skew (bit-bit)
8
ps
CON
Outputs ON capacitance
VIN = 0 V, Outputs Open, Switch ON
1.5
pF
COFF
Outputs OFF capacitance
VIN = 0V, Outputs Open, Switch OFF
1
pF
VDD = 3.3V, VCM = 0V - 2V,
RON
Output ON resistance
5
8
Ω
IO = –8 mA
VDD = 3.3 V; 0 V ≤ VIN ≤ 2 V;
ON resistance match between pairs
ΔRON
0.7
Ω
of the same channel
IO = –8 mA
ON resistance flatness (RON(MAX)
RFLAT_ON
VDD = 3.3 V; -0 V ≤ VIN ≤ 2 V
1.15
Ω
RON(MIN )
f = 0.3 MHz
-25
RL
Differential return loss (VCM = 0 V)
f = 2.5 GHz
–11
dB
f = 4 GHz
–11
f = 0.3 MHz
-85
XTALK
Differential crosstalk (VCM = 0 V)
f = 2.5 GHz
–35
dB
f = 4 GHz
–33
f = 0.3 MHz
-85
OIRR
Differential off-isolation (VCM = 0 V)
f = 2.5 GHz
-23
dB
f = 4 GHz
–21
f = 0.3 MHz
-0.43
Differential insertion loss (VCM = 0
IL
f = 2.5 GHz
–1.1
dB
V)
f = 4 GHz
–1.3
BW
Bandwidth
At –3 dB
10
GHz
HSA(p/n), HSB(p/n), HSC(p/n) SIGNAL PATH
SEL to Switch tON
30
tON
See Figure 2
HS_OE to Switch tON
17
ns
SEL to Switch tOFF
12
tOFF
See Figure 2
HS_OE to Switch tOFF
10
tPD
(1)
Switch propagation delay
See Figure 3
250
ps
tSK(O)
(1)
Inter-pair output skew (CH-CH)
100
200
ps
tSK(P)
(1)
Intra-Pair Output Skew (bit-bit)
100
200
CON
Outputs ON capacitance
VIN = 0 V, Outputs Open, Switch ON
6
7.5
pF
COFF
Outputs OFF capacitance
VIN = 0 V, Outputs Open, Switch OFF
3.5
6
pF
VDD = 3 V, VIN = 0 V,
3
6
IO = 30 mA
RON
Output ON resistance
Ω
VDD = 3 V, VIN = 2.4 V,
3.4
6
IO = 30 mA
VDD = 3 V; VIN = 0 V;
0.2
IO = 30 mA
ON resistance match between pairs
ΔRON
Ω
of the same channel
VDD = 3 V; VIN = 1.7 V;
0.2
IO = -15 mA
(1)
Specified by design
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :HD3SS6126


Similar Part No. - HD3SS6126

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126 Datasheet
817Kb / 17P
[Old version datasheet]   USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
TEXAS ADVANCED OPTOELEC...
HD3SS6126EVM TAOS-HD3SS6126EVM Datasheet
674Kb / 12P
   HD3SS6126EVM Device Reference Design
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
[Old version datasheet]   USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
More results

Similar Description - HD3SS6126

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
[Old version datasheet]   USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Pericom Semiconductor C...
PI3USB302-A PERICOM-PI3USB302-A Datasheet
1,002Kb / 9P
   3.3V, USB 3.0, 1-Port, 2:1 Mux/DeMux Switch
PI2USB3212 PERICOM-PI2USB3212_14 Datasheet
894Kb / 8P
   5.0Gbps USB 3.0 Compatible 2:1 Mux/DeMux Switch
PI2USB4122 PERICOM-PI2USB4122 Datasheet
1Mb / 6P
   USB 3.0, 4:1 Mux/DeMux Switch
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
   Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
logo
Pericom Semiconductor C...
PI3USB304 PERICOM-PI3USB304 Datasheet
1Mb / 9P
   3.3V USB 3.0 SuperSpeed Dual 2:1 Mux/DeMux Switch with Enable
logo
Vecow Co., Ltd.
MTC-2021 VECOW-MTC-2021 Datasheet
311Kb / 2P
   2 Gigabit LAN, 1 USB 3.0, 2 USB 2.0
logo
Pericom Semiconductor C...
PI3USB10M PERICOM-PI3USB10M Datasheet
513Kb / 6P
   4.2V, Wide Bandwidth, 2-Channel 2:1 Mux/DeMux USB 2.0 Switch w/ Single Select
PI3USB10 PERICOM-PI3USB10 Datasheet
349Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PI3USB10ZEEX PERICOM-PI3USB10ZEEX Datasheet
489Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com