Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA212AQDCKRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA212AQDCKRQ1
Description  VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA212AQDCKRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA212AQDCKRQ1 Datasheet HTML 3Page - Texas Instruments INA212AQDCKRQ1 Datasheet HTML 4Page - Texas Instruments INA212AQDCKRQ1 Datasheet HTML 5Page - Texas Instruments INA212AQDCKRQ1 Datasheet HTML 6Page - Texas Instruments INA212AQDCKRQ1 Datasheet HTML 7Page - Texas Instruments INA212AQDCKRQ1 Datasheet HTML 8Page - Texas Instruments INA212AQDCKRQ1 Datasheet HTML 9Page - Texas Instruments INA212AQDCKRQ1 Datasheet HTML 10Page - Texas Instruments INA212AQDCKRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
-50
-40
-30
-20
-10
0
10
20
14
15
16
17
18
V
CM (V)
C001
5 Typical Units Shown
V
S = ±18 V
±500
±400
±300
±200
±100
0
100
200
300
400
500
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
V
SUPPLY (V)
C001
5 Typical Units Shown
V
S = ±2.25V to “18V
V
s = ±2.25V
±225
±150
±75
0
75
150
225
±20
±15
±10
±5
0
5
10
15
20
V
CM (V)
C001
5 Typical Units Shown
V
S = ±18 V
V
CM = -18.1V
V
CM =16V
±250
±200
±150
±100
±50
0
50
100
150
200
250
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
5 Typical Units Shown
V
S = ±18 V
0
5
10
15
20
25
Offset Voltage (mV)
C013
Distribution Taken From 5185 Amplifiers
0
5
10
15
20
25
Offset Voltage Drift (µV/
SC)
C013
Distribution Taken From 47 Amplifiers
Temperature = -40
SC to 125SC
OPA172
OPA2172
OPA4172
www.ti.com
SBOS618 – DECEMBER 2013
TYPICAL CHARACTERISTICS
VS = ±18 V, VCM = VS/2, RLOAD = 10 kΩ connected to VS/2, and CL = 100 pF, unless otherwise noted.
Figure 1. OFFSET VOLTAGE PRODUCTION DISTRIBUTION
Figure 2. OFFSET VOLTAGE DRIFT PRODUCTION
DISTRIBUTION
Figure 3. OFFSET VOLTAGE vs TEMPERATURE
Figure 4. OFFSET VOLTAGE vs COMMON-MODE VOLTAGE
(VS = ±18 V)
(VS = ±18 V)
Figure 5. Offset Voltage vs Common-Mode Voltage
Figure 6. OFFSET VOLTAGE vs POWER SUPPLY
(Upper Stage)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: OPA172 OPA2172 OPA4172


Similar Part No. - INA212AQDCKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA212AQDCKRQ1 TI1-INA212AQDCKRQ1 Datasheet
1Mb / 28P
[Old version datasheet]   Zero-Drift Series, Current-Shunt Monitors
INA212AQDCKRQ1 TI1-INA212AQDCKRQ1 Datasheet
1Mb / 31P
[Old version datasheet]   Automotive-Grade, Voltage Output, Low- or High-Side Measurement
More results

Similar Description - INA212AQDCKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
[Old version datasheet]   VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
INA210 TI1-INA210_17 Datasheet
1Mb / 44P
[Old version datasheet]   Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
INA210 TI-INA210_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA21x Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
INA190 TI1-INA190 Datasheet
369Kb / 20P
[Old version datasheet]   Low Supply, Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
INA210 TI1-INA210_16 Datasheet
1Mb / 40P
[Old version datasheet]   Voltage Output, Low- or High-Side Measurement, Bidirectional
INA191 TI1-INA191 Datasheet
461Kb / 22P
[Old version datasheet]   Low-supply, voltage-output, low-side or high-side measurement, zero-drift series, current-shunt monitor
logo
ON Semiconductor
NCS210R ONSEMI-NCS210R_V02 Datasheet
740Kb / 18P
   Current-Shunt Monitors, Voltage Output, Bidirectional, Zero-Drift, Low- or High-Side Current Sensing
June, 2023 - Rev. 9
NCS210R ONSEMI-NCS210R_V01 Datasheet
743Kb / 18P
   Current-Shunt Monitors, Voltage Output, Bidirectional Zero-Drift, Low- or High-Side Current Sensing
August, 2021 - Rev. 8
logo
Texas Instruments
INA210 TI-INA210_08 Datasheet
583Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
INA199A1 TI1-INA199A1_14 Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com