Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YC248-FK-0710RL Datasheet(PDF) 4 Page - YAGEO Corporation

Part # YC248-FK-0710RL
Description  ARRAY CHIP RESISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

YC248-FK-0710RL Datasheet(HTML) 4 Page - YAGEO Corporation

  YC248-FK-0710RL Datasheet HTML 1Page - YAGEO Corporation YC248-FK-0710RL Datasheet HTML 2Page - YAGEO Corporation YC248-FK-0710RL Datasheet HTML 3Page - YAGEO Corporation YC248-FK-0710RL Datasheet HTML 4Page - YAGEO Corporation YC248-FK-0710RL Datasheet HTML 5Page - YAGEO Corporation YC248-FK-0710RL Datasheet HTML 6Page - YAGEO Corporation YC248-FK-0710RL Datasheet HTML 7Page - YAGEO Corporation YC248-FK-0710RL Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SERIES
YC
248 (RoHS Compliant)
Chip Resistor Surface Mount
www.yageo.com
Oct 31, 2008 V.2
Product specification
4
8
MARKING
YC248
1-Digit marking
E-24 series: 3 digits
First two digits for significant figure and 3rd digit for number of zeros
For further marking information, please see special data sheet “Chip resistors marking”
Fig. 1
Jumper = 0 Ω
YNSC014
0
Fig. 2
Value = 240 KΩ
YNSC035
2
DIMENSIONS
TYPE
YC248
B (mm)
0.30 ±0.15
H (mm)
0.45 ±0.05
P (mm)
0.50 ±0.05
L (mm)
4.00 ±0.20
T (mm)
0.45 ±0.10
W1 (mm)
0.40 ±0.15
W2 (mm)
1.60 ±0.15
Table 1
SCHEMATIC
handbook, 2 columns
CCB258_b
16 15 14 13 12
12
3
4
8
9
5
11
6
10
7
R1 R2
R3
R4
R5 R6 R7 R8
Fig. 5 Equivalent circuit diagram
For dimension see Fig. 4 and Table 1
R1=R2=R3=R4=R5=R6=R7=R8
P
L
B
H
T
W1
W2
CCB261_b
Fig. 4 YC248 series chip resistors dimension
For dimension see Table 1
O
OU
UT
TL
LIIN
NE
ES
S
overcoat
resistive layer
inner electrode
termination
ceramic substrate YNSC069
Fig. 3 Chip resistor outlines
CONSTRUCTION
The resistor is constructed on top
of a high-grade ceramic body.
Internal metal electrodes are added
on each end to make the contacts to
the thick film resistive element. The
composition of the resistive element
is a noble metal imbedded into a
glass and covered by a second glass
to prevent environment influences.
The resistor is laser trimmed to the
rated resistance value. The resistor
is covered with a protective epoxy
coat, finally the two external terminations (matte tin on Ni-barrier) are added. See fig.3


Similar Part No. - YC248-FK-0710RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
YC248-JR-0733RL YAGEO-YC248-JR-0733RL Datasheet
428Kb / 8P
   ORDERING INFORMATION - GLOBAL PART NUMBER
More results

Similar Description - YC248-FK-0710RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
YC102-FR-070RL YAGEO-YC102-FR-070RL Datasheet
861Kb / 12P
   ARRAY CHIP RESISTORS
logo
MERITEK ELECTRONICS COR...
RTA MERITEK-RTA Datasheet
1Mb / 7P
   Chip Resistors Array
logo
YAGEO Corporation
1508227 YAGEO-1508227 Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
443424 YAGEO-443424 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC164 YAGEO-YC164 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC124-JR-0710KL YAGEO-YC124-JR-0710KL Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
TC164-JR-071K2L YAGEO-TC164-JR-071K2L Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-07560RL YAGEO-TC164-JR-07560RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-0727RL YAGEO-TC164-JR-0727RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
logo
List of Unclassifed Man...
YC248 ETC2-YC248 Datasheet
327Kb / 8P
   ARRAY CHIP RESISTORS
logo
YAGEO Corporation
TC164-JR-071KL YAGEO-TC164-JR-071KL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com