Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3197LLT Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A3197LLT
Description  PROTECTED, HIGH-TEMPERATURE, OPEN-COLLECTOR HALL-EFFECT LATCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3197LLT Datasheet(HTML) 5 Page - Allegro MicroSystems

  A3197LLT Datasheet HTML 1Page - Allegro MicroSystems A3197LLT Datasheet HTML 2Page - Allegro MicroSystems A3197LLT Datasheet HTML 3Page - Allegro MicroSystems A3197LLT Datasheet HTML 4Page - Allegro MicroSystems A3197LLT Datasheet HTML 5Page - Allegro MicroSystems A3197LLT Datasheet HTML 6Page - Allegro MicroSystems A3197LLT Datasheet HTML 7Page - Allegro MicroSystems A3197LLT Datasheet HTML 8Page - Allegro MicroSystems A3197LLT Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
3197
PROTECTED, HIGH-TEMP.,
OPEN-COLLECTOR
HALL-EFFECT LATCH
www.allegromicro.com
26 V
MAX
0+B
0
FLUX DENSITY
Dwg. GH-034-2A
-B
RP
B
VOUT(SAT)
BB
V
OP
B
OPERATION
In operation, the output transistor is OFF
until the strength of the magnetic field
perpendicular to the surface of the chip
exceeds the threshold or operate point (BOP).
When the field strength exceeds BOP, the
output transistor switches ON
(a logic low) and is capable of sinking
35 mA of current.
The output transistor switches OFF (a
logic high) when magnetic field reversal
results in a magnetic flux density below the
OFF threshold (BRP). This is illustrated in
the transfer characteristics graph. Note that
the device latches; that is, a south pole of
sufficient strength will turn the device ON.
Removal of the south pole will leave the
device ON. The presence of a north pole of
sufficient strength is required to turn the
device OFF.
The switch points increase in sensitivity
with increasing temperature to compensate
for the typical ferrite magnet temperature
characteristic. The simplest form of magnet
that will operate these devices is a ring
magnet. Other methods of operation are
possible.
TEST CIRCUIT AND TYPICAL APPLICATION
TO
µP
3
X
Dwg. EH-006A
VCC(UV) TO 26 V
WITH TRANSIENTS
L
R
L
C
REGULATED
< 26 V
VBB
VCC
BYPASS
C
2
1


Similar Part No. - A3197LLT

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3197LLT ALLEGRO-A3197LLT Datasheet
181Kb / 8P
   HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
More results

Similar Description - A3197LLT

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3195 ALLEGRO-3195_02 Datasheet
126Kb / 10P
   PROTECTED, HIGH-TEMPERATURE, HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN
3195 ALLEGRO-3195 Datasheet
89Kb / 10P
   PROTECTED, HIGH-TEMPERATURE, HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN
logo
Anachip Corp
AH175 ANACHIP-AH175 Datasheet
162Kb / 6P
   Hall Effect Latch For High Temperature
logo
Diodes Incorporated
AH175 DIODES-AH175 Datasheet
118Kb / 8P
   HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH175 Rev. 4
AH175 DIODES-AH175_10 Datasheet
166Kb / 9P
   HALL EFFECT LATCH FOR HIGH TEMPERATURE
logo
First Components Intern...
FH175 FCI-FH175 Datasheet
298Kb / 6P
   25mA FH175 Bipolar Hall Effect Latch Sensor Open collector pre-driver
logo
Nanjing Ouzhuo Technolo...
OH413 OHHALLSENSOR-OH413 Datasheet
142Kb / 2P
   Hall Effect Latch IC For High Temperature
logo
Allegro MicroSystems
A1225 ALLEGRO-A1225 Datasheet
325Kb / 12P
   Hall Effect Latch for High Temperature Operation
logo
Anachip Corp
AH174 ANACHIP-AH174 Datasheet
179Kb / 6P
   Inverted Output Hall Effect Latch For High Temperature
logo
LANSDALE Semiconductor ...
ML4335 LANSDALE-ML4335 Datasheet
2Mb / 4P
   Quad Latch (Open Collector)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com