Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM95071-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM95071-Q1
Description  LM95071/LM95071-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM95071-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  LM95071-Q1 Datasheet HTML 1Page - Texas Instruments LM95071-Q1 Datasheet HTML 2Page - Texas Instruments LM95071-Q1 Datasheet HTML 3Page - Texas Instruments LM95071-Q1 Datasheet HTML 4Page - Texas Instruments LM95071-Q1 Datasheet HTML 5Page - Texas Instruments LM95071-Q1 Datasheet HTML 6Page - Texas Instruments LM95071-Q1 Datasheet HTML 7Page - Texas Instruments LM95071-Q1 Datasheet HTML 8Page - Texas Instruments LM95071-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LM95071, LM95071-Q1
www.ti.com
SNIS137D – AUGUST 2004 – REVISED SEPTEMBER 2013
Operating Ratings
Specified Temperature Range(1), TMIN to TMAX
−40°C to +150°C
Supply Voltage Range (VDD)
2.4V to +5.5V
(1)
The life expectancy of the LM95071/LM95071-Q1 will be reduced when operating at elevated temperatures. LM95071/LM95071-Q1
θJA
(thermal resistance, junction-to-ambient) when attached to a printed circuit board with 2 oz. foil is summarized in the table below.
Thermal Characteristics
Device Number
Package Number
Thermal Resistance (
θJA)
LM95071CIMF
MF05A
250°C/W
Temperature-to-Digital Converter Characteristics
Unless otherwise noted, these specifications apply for VDD = 3.3V . Boldface limits apply for TA = TJ = TMIN to TMAX; all
other limits TA = TJ = +25°C, unless otherwise noted.
Unit
Parameter
Test Conditions
Typical(1)
Limits(2)
(Limit)
Temperature Error (3)
VDD = 3.0V to 3.6V; TA = 0°C to +70°C
±1.0
°C (max)
VDD = 3.0V to 3.6V; TA = −40°C to +150°C
±2.0
°C (max)
Line Regulation
VDD = 3.6V to 5.5V; TA = 0°C to +70°C
+0.3
°C/V (max)
VDD = 3.0V to 2.4V; TA = 0°C to +70°C
-0.6
Resolution
14
Bits
0.03125
°C
Temperature Conversion Time
(4)
130
228
ms (max)
Quiescent Current
Operating, Serial Bus Inactive
280
520
µA (max)
Shutdown
6
28
µA (max)
(1)
Typicals are at TA = 25°C and represent most likely parametric norm.
(2)
Limits are guaranteed to TI's AOQL (Average Outgoing Quality Level).
(3)
The LM95071/LM95071-Q1 will operate properly over the VDD supply voltage range of 2.4V to 5.5V.
(4)
This specification is provided only to indicate how often temperature data is updated. The LM95071/LM95071-Q1 can be read at any
time without regard to conversion state (and will yield last conversion result). A conversion in progress will not be interrupted. The output
shift register will be updated at the completion of the read and a new conversion restarted.
LOGIC ELECTRICAL CHARACTERISTICS
DIGITAL DC CHARACTERISTICS
Unless otherwise noted, these specifications apply for VDD = 2.4 to 5.5V
(1). Boldface limits apply for T
A = TJ = TMIN to TMAX;
all other limits TA = TJ = +25°C, unless otherwise noted.
Unit
Symbol
Parameter
Test Conditions
Typical(2)
Limits(3)
(Limit)
VIN(1)
Logical “1” Input Voltage
0.7 × VDD
V (min)
VDD + 0.3
V (max)
VIN(0)
Logical “0” Input Voltage
−0.3
V (min)
0.3 × VDD
V (max)
Input Hysteresis Voltage
VDD = 3.0V to 3.6V
0.4
0.33
V (min)
IIN(1)
Logical “1” Input Current
VIN = VDD
0.005
3.0
µA (max)
IIN(0)
Logical “0” Input Current
VIN = 0V
−0.005
−3.0
µA (min)
CIN
All Digital Inputs
20
pF
VOH
High Level Output Voltage
IOH = −400 µA
2.25
V (min)
VOL
Low Level Output Voltage
IOL = +1.6 mA
0.4
V (max)
IO_TRI-STATE
TRI-STATE ®Output Leakage Current
VO = GND
−1
µA (min)
VO = VDD
+1
µA (max)
(1)
The LM95071/LM95071-Q1 will operate properly over the VDD supply voltage range of 2.4V to 5.5V.
(2)
Typicals are at TA = 25°C and represent most likely parametric norm.
(3)
Limits are guaranteed to TI's AOQL (Average Outgoing Quality Level).
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM95071 LM95071-Q1


Similar Part No. - LM95071-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM95071-Q1 TI1-LM95071-Q1 Datasheet
1,010Kb / 20P
[Old version datasheet]   SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
More results

Similar Description - LM95071-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM71 TI-LM71_15 Datasheet
1Mb / 21P
[Old version datasheet]    SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
logo
National Semiconductor ...
LM71 NSC-LM71 Datasheet
249Kb / 13P
   SPI/MICROWIRE??13-Bit Plus Sign Temperature Sensor
LM71 NSC-LM71_05 Datasheet
627Kb / 13P
   SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
logo
Texas Instruments
LM95071 TI1-LM95071_15 Datasheet
1,010Kb / 20P
[Old version datasheet]   SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
logo
National Semiconductor ...
LM74 NSC-LM74_05 Datasheet
707Kb / 15P
   SPI/MICROWIRE??12-Bit Plus Sign Temperature Sensor
LM70 NSC-LM70 Datasheet
285Kb / 13P
   SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
logo
Texas Instruments
LM70CILD-3NOPB TI1-LM70CILD-3NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
LM70 TI-LM70_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
logo
National Semiconductor ...
LM70 NSC-LM70_06 Datasheet
691Kb / 14P
   SPI/MICROWIRE 10-Bit plus Sign Digital Temperature
LM74A NSC-LM74A Datasheet
605Kb / 12P
   SPI/MICROWIRE 12-Bit Plus Sign Temperature Sensor (LM74 in Die Form)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com