Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM95071CIMFX Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM95071CIMFX
Description  LM95071/LM95071-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM95071CIMFX Datasheet(HTML) 4 Page - Texas Instruments

  LM95071CIMFX Datasheet HTML 1Page - Texas Instruments LM95071CIMFX Datasheet HTML 2Page - Texas Instruments LM95071CIMFX Datasheet HTML 3Page - Texas Instruments LM95071CIMFX Datasheet HTML 4Page - Texas Instruments LM95071CIMFX Datasheet HTML 5Page - Texas Instruments LM95071CIMFX Datasheet HTML 6Page - Texas Instruments LM95071CIMFX Datasheet HTML 7Page - Texas Instruments LM95071CIMFX Datasheet HTML 8Page - Texas Instruments LM95071CIMFX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
CS
SC
SO
CS
SC
SO
t5
t5
CS
SC
SO
t3
t2
t4
t1
t4
tr
tf
LM95071, LM95071-Q1
SNIS137D – AUGUST 2004 – REVISED SEPTEMBER 2013
www.ti.com
SERIAL BUS DIGITAL SWITCHING CHARACTERISTICS
Unless otherwise noted, these specifications apply for VDD = 2.4V to 5.5V
(1); C
L (load capacitance) on output lines = 100 pF
unless otherwise specified. Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = +25°C, unless
otherwise noted.
Test
Unit
Symbol
Parameter
Typical(2)
Limits(3)
Conditions
(Limit)
t1
SC (Clock) Period
0.16
µs (min)
DC
(max)
t2
CS Low to SC (Clock) High Set-Up Time
100
ns (min)
t3
CS Low to Data Out (SO) Delay
70
ns (max)
t4
SC (Clock) Low to Data Out (SO) Delay
70
ns (max)
t5
CS High to Data Out (SO) TRI-STATE
200
ns (max)
t6
SC (Clock) High to Data In (SI) Hold Time
50
ns (min)
t7
Data In (SI) Set-Up Time to SC (Clock) High
30
ns (min)
t8
SC (Clock) High to CS High Hold Time
50
ns (min)
(1)
The LM95071/LM95071-Q1 will operate properly over the VDD supply voltage range of 2.4V to 5.5V.
(2)
Typicals are at TA = 25°C and represent most likely parametric norm.
(3)
Limits are guaranteed to TI's AOQL (Average Outgoing Quality Level).
Figure 2. Data Output Timing Diagram
Figure 3. TRI-STATE Data Output Timing Diagram
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM95071 LM95071-Q1


Similar Part No. - LM95071CIMFX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM95071CIMFX TI1-LM95071CIMFX Datasheet
1,010Kb / 20P
[Old version datasheet]   SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM95071CIMFX/NOPB TI1-LM95071CIMFX/NOPB Datasheet
1,010Kb / 20P
[Old version datasheet]   SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
More results

Similar Description - LM95071CIMFX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM71 TI-LM71_15 Datasheet
1Mb / 21P
[Old version datasheet]    SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
logo
National Semiconductor ...
LM71 NSC-LM71 Datasheet
249Kb / 13P
   SPI/MICROWIRE??13-Bit Plus Sign Temperature Sensor
LM71 NSC-LM71_05 Datasheet
627Kb / 13P
   SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
logo
Texas Instruments
LM95071 TI1-LM95071_15 Datasheet
1,010Kb / 20P
[Old version datasheet]   SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
logo
National Semiconductor ...
LM74 NSC-LM74_05 Datasheet
707Kb / 15P
   SPI/MICROWIRE??12-Bit Plus Sign Temperature Sensor
LM70 NSC-LM70 Datasheet
285Kb / 13P
   SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
logo
Texas Instruments
LM70CILD-3NOPB TI1-LM70CILD-3NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
LM70 TI-LM70_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
logo
National Semiconductor ...
LM70 NSC-LM70_06 Datasheet
691Kb / 14P
   SPI/MICROWIRE 10-Bit plus Sign Digital Temperature
LM74A NSC-LM74A Datasheet
605Kb / 12P
   SPI/MICROWIRE 12-Bit Plus Sign Temperature Sensor (LM74 in Die Form)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com