Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3240 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # 3240
Description  CHOPPER-STABILIZED, PRECISION HALL-EFFECT SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3240 Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button 3240 Datasheet HTML 2Page - Allegro MicroSystems 3240 Datasheet HTML 3Page - Allegro MicroSystems 3240 Datasheet HTML 4Page - Allegro MicroSystems 3240 Datasheet HTML 5Page - Allegro MicroSystems 3240 Datasheet HTML 6Page - Allegro MicroSystems 3240 Datasheet HTML 7Page - Allegro MicroSystems 3240 Datasheet HTML 8Page - Allegro MicroSystems 3240 Datasheet HTML 9Page - Allegro MicroSystems 3240 Datasheet HTML 10Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
3240
CHOPPER-STABILIZED,
PRECISION
HALL-EFFECT SWITCH
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
8
PACKAGE DESIGNATOR ‘LH’
(fits SC-59A solder-pad layout)
NOTES: 1.
Tolerances on package height and width represent allowable mold offsets. Dimensions given are
measured at the widest point (parting line).
2.
Exact body and lead configuration at vendor’s option within limits shown.
3.
Height does not include mold gate flash.
4.
Where no tolerance is specified, dimension is nominal.
5.
Add "LT" to part number for tape and reel.
Dimensions in Inches
(for reference only)
Dimensions in Millimeters
(controlling dimensions)
Dwg. MA-011-3 in
12
0.039
0.094
0.037
0.028
3
Dwg. MA-011-3 mm
12
1.00
2.40
0.95
0.70
3
Dwg. MA-010-3D in
12
0.006
0.000
0.0079
0.0050
0.083
0.073
0.118
0.106
0.037
BSC
0.022
REF
0.020
0.012
3
0.045
0.032
0
° TO
0.010
MIN
GAUGE PLANE
SEATING PLANE
0.010
BSC
0.122
0.114
Dwg. MA-010-3D mm
12
0.15
0.00
0.20
0.127
2.10
1.85
3.00
2.70
0.95
BSC
0.55
REF
0.50
0.30
3
1.13
0.87
0
° TO
0.25
MIN
GAUGE PLANE
SEATING PLANE
0.25
BSC
3.10
2.90


Similar Part No. - 3240

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3240 ETC2-3240 Datasheet
92Kb / 2P
   WASHERS AND NUTS
logo
Heyco.
3240 HEYCO-3240 Datasheet
233Kb / 1P
   Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Peregrine Semiconductor...
3240-00 PEREGRINE-3240-00 Datasheet
235Kb / 12P
   2.2 GHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
3240-11 PEREGRINE-3240-11 Datasheet
235Kb / 12P
   2.2 GHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
3240-12 PEREGRINE-3240-12 Datasheet
235Kb / 12P
   2.2 GHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
More results

Similar Description - 3240

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3240ELTTR-T ALLEGRO-A3240ELTTR-T Datasheet
440Kb / 11P
   Chopper-Stabilized, Precision Hall-Effect Switch
A3295 ALLEGRO-A3295 Datasheet
216Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch
A3340 ALLEGRO-A3340 Datasheet
262Kb / 9P
   Chopper-Stabilized, Precision Hall-Effect Switch
A1120 ALLEGRO-A1120 Datasheet
237Kb / 9P
   Chopper Stabilized Precision Hall Effect Switches
A3280ELHL ALLEGRO-A3280ELHL Datasheet
266Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A1120 ALLEGRO-A1120_12 Datasheet
331Kb / 15P
   Chopper Stabilized Precision Hall Effect Switches
A1121 ALLEGRO-A1121 Datasheet
312Kb / 13P
   Chopper Stabilized Precision Hall Effect Switches
A1220 ALLEGRO-A1220 Datasheet
288Kb / 13P
   Chopper Stabilized Precision Hall Effect Latches
A3283LLHLT ALLEGRO-A3283LLHLT Datasheet
584Kb / 13P
   Chopper-Stabilized, Precision Hall-Effect Latches
A1120 ALLEGRO-A1120_16 Datasheet
886Kb / 18P
   Chopper-Stabilized Precision Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com