Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ30604RKGT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ30604RKGT
Description  4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ30604RKGT Datasheet(HTML) 4 Page - Texas Instruments

  LMZ30604RKGT Datasheet HTML 1Page - Texas Instruments LMZ30604RKGT Datasheet HTML 2Page - Texas Instruments LMZ30604RKGT Datasheet HTML 3Page - Texas Instruments LMZ30604RKGT Datasheet HTML 4Page - Texas Instruments LMZ30604RKGT Datasheet HTML 5Page - Texas Instruments LMZ30604RKGT Datasheet HTML 6Page - Texas Instruments LMZ30604RKGT Datasheet HTML 7Page - Texas Instruments LMZ30604RKGT Datasheet HTML 8Page - Texas Instruments LMZ30604RKGT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
PWRGD
VIN
PGND
PH
VOUT
RT/CLK
VADJ
STSEL
SS/TR
VSENSE+
LMZ30604
PWRGD
Logic
+
+
VREF
Comp
Power
Stage
and
Control
Logic
Thermal Shutdown
Shutdown
Logic
VIN
UVLO
OSC w/PLL
INH/UVLO
AGND
OCP
LMZ30604
SNVS998 – JULY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Over -40°C to 85°C free-air temperature, VIN = 3.3 V, VOUT = 1.8 V, IOUT = 4A,
CIN1 = 47 µF ceramic, CIN2 = 220 µF poly-tantalum, COUT1 = 47 µF ceramic, COUT2 = 100 µF poly-tantalum (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Ceramic
47 (5)
CIN
External input capacitance
µF
Non-ceramic
220(5)
Ceramic
47 (6)
150
650(7)
µF
COUT
External output capacitance
Non-ceramic
100(6)
2000(7)
Equivalent series resistance (ESR)
25
m
(5)
A minimum of 47µF of ceramic capacitance is required across the input for proper operation. Locate the capacitor close to the device.
An additional 220µF of bulk capacitance is recommended. See Table 5 for more details.
(6)
The amount of required output capacitance varies depending on the output voltage (see Table 3 ). The amount of required capacitance
must include at least 47µF of ceramic capacitance. Locate the capacitance close to the device. Adding additional capacitance close to
the load improves the response of the regulator to load transients. See Table 3 and Table 5 for more details.
(7)
When using both ceramic and non-ceramic output capacitance, the combined maximum must not exceed 2200µF.
PACKAGE SPECIFICATIONS
LMZ30604
UNIT
Weight
0.85 grams
Flammability
Meets UL 94 V-O
MTBF Calculated reliability
Per Bellcore TR-332, 50% stress, TA = 40°C, ground benign
32.8 MHrs
DEVICE INFORMATION
FUNCTIONAL BLOCK DIAGRAM
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LMZ30604


Similar Part No. - LMZ30604RKGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ30604RKGT TI1-LMZ30604RKGT Datasheet
841Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
More results

Similar Description - LMZ30604RKGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ30604 TI-LMZ30604_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI-LMZ30602_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI-LMZ30606_15 Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
841Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ31704 TI1-LMZ31704 Datasheet
961Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI1-LMZ31704_14 Datasheet
970Kb / 34P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI1-LMZ30602 Datasheet
885Kb / 25P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI-LMZ30602 Datasheet
1Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com