Electronic Components Datasheet Search |
|
LM4041CIM3X-ADJ Datasheet(PDF) 8 Page - Texas Instruments |
|
LM4041CIM3X-ADJ Datasheet(HTML) 8 Page - Texas Instruments |
8 / 34 page LM4041-N, LM4041-N-Q1 SNOS641F – OCTOBER 1999 – REVISED JULY 2013 www.ti.com LM4041-N/LM4041-N-Q1 ADJ (Adjustable) Electrical Characteristics (Extended Temperature Range) Boldface limits apply for TA = TJ = TMINto TMAX; all other limits TJ = 25°C unless otherwise specified (SOT-23, see (1)), I RMIN ≤ IR ≤ 12 mA, VREF ≤ VOUT ≤ 10V. The grades C and D designate initial Reference Voltage Tolerances of ±0.5% and ±1%, respectively for VOUT = 5V. Symbol Parameter Conditions Typical(2) LM4041CEM3 LM4041DEM3 Units LM4041QCEM3(3) LM4041QDEM3(3) (Limit) VREF Reference Voltage IR = 100 μA, VOUT = 5V 1.233 V Reference Voltage IR = 100 μA, VOUT = 5V ±6.2 ±12 mV (max) Tolerance(4) ±18 ±30 mV (max) IRMIN Minimum Operating 45 μA Current 60 65 μA (max) 68 73 μA (max) ΔVREF/ΔIR Reference Voltage IRMIN ≤ IR ≤ 1 mA 0.7 mV Change with Operating SOT-23: VOUT ≥ 1.6V (1) 1.5 2.0 mV (max) Current Change(5) 2.0 2.5 mV (max) 1 mA ≤ IR ≤ 12 mA 2 mV SOT-23: VOUT ≥ 1.6V (1) 8 10 mV (max) 6 8 mV (max) ΔVREF/ΔV Reference Voltage IR = 1 mA −1.55 mV/V O Change with Output −2.0 −2.5 mV/V (max) Voltage Change −3.0 −4.0 mV/V (max) IFB Feedback Current 60 nA 100 150 nA (max) 120 200 nA (max) ΔVREF/ΔT Average Reference VOUT = 5V, IR = 10 20 ppm/°C Voltage Temperature mA Coefficient(4) IR = 1 15 ppm/°C ±100 ±150 mA (max) IR = 100 15 ppm/°C μA ZOUT Dynamic Output IR = 1 mA, f = 120 Hz, Impedance IAC = 0.1 IR VOUT = VREF 0.3 Ω VOUT = 2 Ω 10V eN Wideband Noise IR = 100 μA, VOUT = 20 μVrms VREF 10 Hz ≤ f ≤ 10 kHz ΔVREF Reference Voltage Long t = 1000 hrs, IR = 100 μA, 120 ppm Term Stability T = 25°C ±0.1°C VHYST Thermal Hysteresis(6) ΔT = −40°C to +125°C 0.08 % (1) When VOUT ≤ 1.6V, the LM4041-N ADJ in the SOT-23 package must operate at reduced IR. This is caused by the series resistance of the die attach between the die (-) output and the package (-) output pin. See the Output Saturation (SOT-23 only) curve in the Typical Performance Characteristics section. (2) Typicals are at TJ = 25°C and represent most likely parametric norm. (3) Limits are 100% production tested at 25°C. Limits over temperature are ensured through correlation using Statistical Quality Control (SQC) methods. The limits are used to calculate AOQL. (4) Reference voltage and temperature coefficient will change with output voltage. See Typical Performance Characteristics curves. (5) Load regulation is measured on pulse basis from no load to the specified load current. Ouput changes due to die temperature change must be taken into account separately.- (6) Thermal hysteresis is defined as the difference in voltage measured at +25°C after cycling to temperature -40°C and the 25°C measurement after cycling to temperature +125°C. 8 Submit Documentation Feedback Copyright © 1999–2013, Texas Instruments Incorporated Product Folder Links: LM4041-N, LM4041-N-Q1 |
Similar Part No. - LM4041CIM3X-ADJ |
|
Similar Description - LM4041CIM3X-ADJ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |