Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV103 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # BAV103
Description  Small-Signal Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BAV103 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  BAV103 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BAV103 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BAV103 Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BAV103 Datasheet HTML 4Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
WEJ
ELECTRONIC
CO.,LTD
Small-Signal Diodes
Features
High reliability
Applications
For general purpose
Absolute Maximum Ratings
Tj=25℃
Parameter
Test Conditions
Type
Symbol
Value
Unit
BAV100
VRRM
60
V
BAV101
VRRM
120
V
BAV102
VRRM
200
V
Repetitive peak reverse voltage
BAV103
VRRM
250
V
BAV100
VRRM
50
V
BAV101
VR
100
V
BAV102
VR
150
V
Reverse voltage
BAV103
VR
200
V
Peak forward surge current
t<1s, Tj=25℃
IFSM
1
A
Repetitive peak forward current
IFRM
625
mA
Forward DC current
Tamb=25℃
IF
250
mA
Rectified current (Average)
IFAV
200
mA
Power dissipation
Tamb≤25℃
Ptot
500
mW
Junction temperature
Tj
175
Storage temperature range
Tstg
-65~+175
Maximum Thermal Resistance
Tj=25℃
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
on PC board 50mmX50mmX1.6mm
RthJA
500
K/W
BAV100-103
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - BAV103

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
BAV103 FS-BAV103 Datasheet
231Kb / 3P
   Small-Signal Diode Fast Switching Diodes
logo
NXP Semiconductors
BAV103 PHILIPS-BAV103 Datasheet
34Kb / 8P
   General purpose diodes
1996 Sep 17
logo
Taiwan Semiconductor Co...
BAV103 TSC-BAV103 Datasheet
94Kb / 2P
   500mW Hermetically Sealed Glass High Voltage Switching Diodes
logo
Continental Device Indi...
BAV103 CDIL-BAV103 Datasheet
338Kb / 3P
   HIGH SPEED SILICON DIODES
logo
SHIKUES Electronics
BAV103 SKTECHNOLGY-BAV103 Datasheet
663Kb / 3P
   Small Signal Swithcing diodes, High Voltage
More results

Similar Description - BAV103

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N4148 GE-1N4148 Datasheet
150Kb / 4P
   Small Signal Diodes
1N4150 GE-1N4150 Datasheet
28Kb / 1P
   Small Signal Diodes
1N4151W GE-1N4151W Datasheet
202Kb / 4P
   SMALL SIGNAL DIODES
1N4448W GE-1N4448W Datasheet
140Kb / 4P
   Small Signal Diodes
BAV19WS GE-BAV19WS Datasheet
118Kb / 4P
   SMALL SIGNAL DIODES
BAW75 GE-BAW75 Datasheet
173Kb / 4P
   Small-Signal Diodes
LL4148 GE-LL4148 Datasheet
147Kb / 4P
   Small Signal Diodes
LL4151 GE-LL4151 Datasheet
146Kb / 4P
   Small Signal Diodes
logo
EIC discrete Semiconduc...
BAV19WS EIC-BAV19WS Datasheet
40Kb / 2P
   SMALL SIGNAL DIODES
logo
Guangdong Kexin Industr...
1N5177W KEXIN-1N5177W Datasheet
33Kb / 1P
   SMALL SIGNAL DIODES
logo
Fairchild Semiconductor
MMBD1401 FAIRCHILD-MMBD1401_02 Datasheet
57Kb / 2P
   Small Signal Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com