Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAJC226010 Datasheet(PDF) 9 Page - AVX Corporation

Part # TAJC226010
Description  Surface Mount Tantalum Capacitors
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJC226010 Datasheet(HTML) 9 Page - AVX Corporation

Back Button TAJC226010 Datasheet HTML 5Page - AVX Corporation TAJC226010 Datasheet HTML 6Page - AVX Corporation TAJC226010 Datasheet HTML 7Page - AVX Corporation TAJC226010 Datasheet HTML 8Page - AVX Corporation TAJC226010 Datasheet HTML 9Page - AVX Corporation TAJC226010 Datasheet HTML 10Page - AVX Corporation TAJC226010 Datasheet HTML 11Page - AVX Corporation TAJC226010 Datasheet HTML 12Page - AVX Corporation TAJC226010 Datasheet HTML 13Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
8
TAJ Series
Low Profile
Three additional case sizes are available
in the TAJ range offering low profile solid
tantalum chip capacitors. Designed for
applications where maximum height of
components above or below board are of
prime consideration, this height of 1.2mm
equates to that of a standard integrated
circuit package after mounting. The S&T
footprints are identical to the A&B case
size parts.
Capacitance
Rated voltage (V
R) at 85°C
µF
Code
2V
4V
6.3V
10V
16V
20V
25V
0.10
104
R/S
0.15
154
R/S
0.22
224
R/S
0.33
334
R/S
0.47
474
R/S
0.68
684
R/S
R/S/T
1.0
105
R/S
R/S/T
R/S/T
1.5
155
R/S
R/S
S
T
2.2
225
R/S
R/S
R/S
T
T
3.3
335
R/S
R/S
S/T
T
4.7
475
R
R/S
S/T
T R
6.8
685
R
S/T
T
T
W
10
106
S
R/T
R
TW
15
156
T
X
22
226
WY
33
336
W
W
47
476
X
68
686
Y
WX
Y
100
107
W
Y
Y
150
157
WX
220
227
W
X
Y
330
337
WX
Y
470
477
XY
680
687
X/Y
1000
108
Y
X = 1.5mm height in a D case footprint
CASE DIMENSIONS: millimeters (inches)
Code
EIA
W+0.2 (0.008)
L±0.2 (0.008)
H Max.
W
1±0.1 (0.004)
A+0.3 (0.012)
S Min.
Code
-0.1 (0.004)
-0.1 (0.004)
R*
2012
1.3 (0.051)
2.05 (0.081)
1.2 (0.047)
1.2 (0.047)
0.5 (0.020)
0.85 (0.033)
S**
3216L
1.6 (0.063)
3.2 (0.126)
1.2 (0.047)
1.2 (0.047)
0.8 (0.031)
1.1 (0.043)
T**
3528L
2.8 (0.110)
3.5 (0.138)
1.2 (0.047)
2.2 (0.087)
0.8 (0.031)
1.4 (0.055)
W
3.2 (0.126)
6.0 (0.236)
1.5 (0.059)
2.2 (0.087)
1.3 (0.051)
2.9 (0.114)
Y
4.3 (0.169)
7.3 (0.287)
2.0 (0.079)
2.4 (0.094)
1.3 (0.051)
4.4 (0.173)
* 0805 Equivalent
** Low Profile Versions of A & B Case
W1 dimension applies to the termination width for A dimensional area only.
Pad Stand-off is 0.1±0.1.
CAPACITANCE AND VOLTAGE RANGE (LETTER DENOTES CASE CODE)
= Standard Range
= Development Range


Similar Part No. - TAJC226010

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJC226016NJ AVX-TAJC226016NJ Datasheet
124Kb / 5P
   Standard Tantalum
TAJC226016NJ AVX-TAJC226016NJ Datasheet
140Kb / 8P
   TAJ Series Standard Tantalum
More results

Similar Description - TAJC226010

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
T493D227K006CH612A KEMET-T493D227K006CH612A Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
logo
AVX Corporation
TAJB226M010R AVX-TAJB226M010R Datasheet
902Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
AVX Corporation
TAJB335M016R AVX-TAJB335M016R Datasheet
31Kb / 1P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491X157K020AT KEMET-T491X157K020AT_15 Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491D106K020AT KEMET-T491D106K020AT Datasheet
488Kb / 1P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
Vishay Siliconix
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
438417 VISHAY-438417 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
logo
Kemet Corporation
T496X227M010ATE500 KEMET-T496X227M010ATE500 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??Fused
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com