Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3188UA Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A3188UA
Description  HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3188UA Datasheet(HTML) 2 Page - Allegro MicroSystems

  A3188UA Datasheet HTML 1Page - Allegro MicroSystems A3188UA Datasheet HTML 2Page - Allegro MicroSystems A3188UA Datasheet HTML 3Page - Allegro MicroSystems A3188UA Datasheet HTML 4Page - Allegro MicroSystems A3188UA Datasheet HTML 5Page - Allegro MicroSystems A3188UA Datasheet HTML 6Page - Allegro MicroSystems A3188UA Datasheet HTML 7Page - Allegro MicroSystems A3188UA Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3185 THRU 3189
HALL-EFFECT LATCHES
FOR HIGH-TEMPERATURE
OPERATION
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
ELECTRICAL CHARACTERISTICS over operating temperature range, at VCC = 12 V.
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage
VCC
Operating
3.8
24
V
Output Saturation Voltage
VOUT(SAT)
IOUT = 20 mA, B > BOP
175
400
mV
Output Leakage Current
IOFF
VOUT = 24 V, B < BRP
0.05
5.0
µA
Supply Current
ICC
B < BRP (Output OFF)
4.75
8.0
mA
B > BOP (Output ON)
5.7
mA
Output Rise Time
tr
RL = 820
Ω, CL = 20 pF
100
ns
Output Fall Time
tf
RL = 820
Ω, CL = 20 pF
100
ns
MAGNETIC CHARACTERISTICS in gauss over operating supply voltage range.
Part Numbers*
A3185
A3187
A3188
A3189
Characteristic
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
BOP at TA = 25
°C
170
270
50
150
100
180
50
230
over operating temp. range
140
300
50
175
80
200
50
250
BRP at TA = 25
°C
-270
-170
-150
-50
-180
-100
-230
-50
over operating temp. range
-300
-140
-175
-50
-200
-80
-250
-50
Bhys at TA = 25
°C
340
540
100
300
200
360
100
460
over operating temp. range
280
600
100
350
160
400
100
500
FUNCTIONAL BLOCK DIAGRAM
NOTES: BOP = operate point (output turns ON); BRP = release point (output turns OFF); Bhys = hysteresis (BOP - BRP).
As used here, negative flux densities are defined as less than zero (algebraic convention).
*Complete part number includes a suffix to identify operating temperature range (E or L) and package type ( LT, U, or UA).
VCC
X
REG.
Dwg. FH-005-3
GROUND
OUTPUT
1
3
2
Copyright © 1995, 1999, Allegro MicroSystems, Inc.


Similar Part No. - A3188UA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3188X ALLEGRO-A3188X Datasheet
149Kb / 8P
   HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
More results

Similar Description - A3188UA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3195X ALLEGRO-A3195X Datasheet
149Kb / 8P
   HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
logo
Unisonic Technologies
SK1901 UTC-SK1901_15 Datasheet
218Kb / 8P
   HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
SK1901 UTC-SK1901 Datasheet
235Kb / 8P
   HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
SK1901 UTC-SK1901_12 Datasheet
196Kb / 8P
   HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
logo
Allegro MicroSystems
A1225 ALLEGRO-A1225 Datasheet
325Kb / 12P
   Hall Effect Latch for High Temperature Operation
logo
Unisonic Technologies
SK1901 UTC-SK1901_17 Datasheet
222Kb / 8P
   HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
logo
Allegro MicroSystems
3121 ALLEGRO-3121 Datasheet
151Kb / 8P
   HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
APS12200 ALLEGRO-APS12200 Datasheet
1Mb / 16P
   High-Temperature Precision Hall-Effect Latches
A3141 ALLEGRO-A3141 Datasheet
717Kb / 9P
   Sensitive Hall Effect Switches for High-Temperature Operation
3141 ALLEGRO-3141 Datasheet
142Kb / 8P
   SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com