Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UGN3177UA Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # UGN3177UA
Description  HALL-EFFECT LATCHES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

UGN3177UA Datasheet(HTML) 7 Page - Allegro MicroSystems

  UGN3177UA Datasheet HTML 1Page - Allegro MicroSystems UGN3177UA Datasheet HTML 2Page - Allegro MicroSystems UGN3177UA Datasheet HTML 3Page - Allegro MicroSystems UGN3177UA Datasheet HTML 4Page - Allegro MicroSystems UGN3177UA Datasheet HTML 5Page - Allegro MicroSystems UGN3177UA Datasheet HTML 6Page - Allegro MicroSystems UGN3177UA Datasheet HTML 7Page - Allegro MicroSystems UGN3177UA Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
3175 AND 3177
HALL-EFFECT
LATCHES
HALL-EFFECT SENSORS SELECTION GUIDE
Partial Part
Avail. Oper.
Characteristics at TA = +25°C
Number
Temp.
BOP(max)
BRP(min)
Bhys(typ)
Features
Notes
HALL-EFFECT UNIPOLAR SWITCHES in order of BOP and Bhys
3240
E/L
+50
+5.0
10
chopper stabilized
1
3210
E
±70
±5.0
7.7
micropower, chopper stabilized
3361
E
+120
+50
5.0*
2-wire, chopper stabilized
3362
E
+120
+50
5.0*
2-wire, chopper stabilized
3161
E
+160
+30
20
2-wire
3141
E/L
+160
+10
55
3235
S
+175
+25
15*
output 1
2
-25
-175
15*
output 2
2
5140
E
+200
+50
55
300 mA output
1, 3
3142
E/L
+230
+75
55
3143
E/L
+340
+165
55
3144
E/L
+350
+50
55
3122
E/L
+400
+140
105
3123
E/L
+440
+180
105
3121
E/L
+450
+125
105
3150
J
+40 to +850
20
programmable, chopper stabilized
1
HALL-EFFECT LATCHES & BIPOLAR SWITCHES
in order of BOP and Bhys
3260
E/L
+30
-30
20
bipolar, chopper stabilized
3280
E/L
+40
-40
45
chopper stabilized
3134
E/L
+50
-50
27
bipolar switch
3133
K/L/S
+75
-75
52
bipolar switch
3281
E/L
+90
-90
100
chopper stabilized
3132
K/L/S
+95
-95
52
bipolar switch
3187
E/L
+150
-150
100*
3177
S
+150
-150
200
3625
S
+150
-150
200
900 mA outputs
1, 3, 5
3626
S
+150
-150
200
400 mA outputs
1, 3, 5
3195
E/L
+160
-160
220
1, 4
3197
L
+160
-160
230
1
3175
S
+170
-170
200
3188
E/L
+180
-180
200*
3283
E/L
+180
-180
300
chopper stabilized
3189
E/L
+230
-230
100*
3275
S
+250
-250
100*
5
3185
E/L
+270
-270
340*
Operating Temperature Ranges:
S = -20
°C to +85°C, E = -40°C to +85°C, J = -40°C to +115°C, K = -40°C to +125°C, L = -40°C to +150°C
Notes 1. Protected.
2. Output 1 switches on south pole, output 2 switches on north pole for 2-phase, bifilar-wound, unipolar-driven brushless dc
motor control.
3. Power driver output.
4. Active pull down.
5. Complementary outputs for 2-phase bifilar-wound, unipolar-driven brushless dc motor control.
* Minimum.
† Latches will not switch on removal of magnetic field; bipolar switches may switch on removal of field but require field
reversal for reliable operation over operating temperature range.


Similar Part No. - UGN3177UA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UGN3177 ALLEGRO-UGN3177 Datasheet
149Kb / 8P
   HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
UGN3177 ALLEGRO-UGN3177 Datasheet
119Kb / 6P
   HALL-EFFECT LATCHES
UGN3177SLT ALLEGRO-UGN3177SLT Datasheet
181Kb / 8P
   HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
UGN3177SUA ALLEGRO-UGN3177SUA Datasheet
181Kb / 8P
   HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
More results

Similar Description - UGN3177UA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3175 ALLEGRO-A3175 Datasheet
119Kb / 6P
   HALL-EFFECT LATCHES
logo
Micro Commercial Compon...
UGN3175LTTR MCC-UGN3175LTTR Datasheet
695Kb / 6P
   Hall Effect Latches
logo
List of Unclassifed Man...
OHN3175U ETC1-OHN3175U Datasheet
268Kb / 2P
   HaLLOGIC Bipolar Hall Effect Sensors(Latches)
logo
Allegro MicroSystems
A3280ELHL ALLEGRO-A3280ELHL Datasheet
266Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A1220 ALLEGRO-A1220_10 Datasheet
295Kb / 14P
   Chopper Stabilized Precision Hall Effect Latches
A1222EUA-T ALLEGRO-A1222EUA-T Datasheet
353Kb / 16P
   Chopper Stabilized Precision Hall Effect Latches
A3290 ALLEGRO-A3290 Datasheet
219Kb / 9P
   Chopper Stabilized, Precision Hall Effect Latches
3280 ALLEGRO-3280 Datasheet
197Kb / 12P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
APS12200 ALLEGRO-APS12200 Datasheet
1Mb / 16P
   High-Temperature Precision Hall-Effect Latches
A1220 ALLEGRO-A1220 Datasheet
288Kb / 13P
   Chopper Stabilized Precision Hall Effect Latches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com