Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAJD476010 Datasheet(PDF) 11 Page - AVX Corporation

Part # TAJD476010
Description  Surface Mount Tantalum Capacitors
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJD476010 Datasheet(HTML) 11 Page - AVX Corporation

Back Button TAJD476010 Datasheet HTML 7Page - AVX Corporation TAJD476010 Datasheet HTML 8Page - AVX Corporation TAJD476010 Datasheet HTML 9Page - AVX Corporation TAJD476010 Datasheet HTML 10Page - AVX Corporation TAJD476010 Datasheet HTML 11Page - AVX Corporation TAJD476010 Datasheet HTML 12Page - AVX Corporation TAJD476010 Datasheet HTML 13Page - AVX Corporation TAJD476010 Datasheet HTML 14Page - AVX Corporation TAJD476010 Datasheet HTML 15Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
10
TPS Series
Low ESR
TPS
Type
D
Case Size
See table above
107
Capacitor Code
pF code: 1st two
digits represent
significant figures,
3rd digit represents
multiplier (number of
zeros to follow)
M
Tolerance
K=±10%
M=±20%
010
Rated
DC Voltage
R
Packaging
Consult page 42
for details
0100
Maximum ESR in
Milliohms
*See note below
HOW TO ORDER
The
TPS
surface
mount
products
have inherently low ESR (equivalent series
resistance) and are capable of higher
ripple current handling, producing lower
ripple voltages, less power and heat
dissipation than standard product for the
most efficient use of circuit power. TPS
has been designed, manufactured, and
preconditioned for optimum performance
in typical power supply applications. By
combining the latest improvements in
tantalum powder technology, improved
manufacturing processes, and applica-
tion specific preconditioning tests, AVX is
able to provide a technologically superior
alternative to the standard range.
NOTE: The EIA & CECC standards for low ESR Solid Tantalum Capacitors
allow an ESR movement to 1.25 times catalog limit post mounting
Technical Data:
All technical data relate to an ambient temperature of +25°C
Capacitance Range:
1.5µF to 470µF
Capacitance Tolerance:
±20%; ±10%
Rated Voltage (V
R)
+85°C:
6.3
10
16
20
25
35
Category Voltage (V
C)
+125°C:
4
7
10
13
17
23
Surge Voltage (V
S)
+85°C:
8
13
20
26
32
46
Surge Voltage (V
S)
+125°C:
5
8
12
16
20
28
Temperature Range:
-55°C to +125°C
Environmental Classification:
55/125/56 (IEC 68-2)
Reliability:
1% per 1000h at 85°C with 0.1
Ω/V series impedance, 60% confidence level
TECHNICAL SPECIFICATIONS
CASE DIMENSIONS: millimeters (inches)
Code
EIA
W+0.2 (0.008)
L±0.2 (0.008)
H+0.2 (0.008)
W
1±0.2 (0.008)
A+0.3 (0.012)
S Min.
Code
-0.1 (0.004)
-0.1 (0.004)
-0.2 (0.008)
A
3216
1.6 (0.063)
3.2 (0.126)
1.6 (0.063)
1.2 (0.047)
0.8 (0.031)
1.1 (0.043)
B
3528
2.8 (0.110)
3.5 (0.138)
1.9 (0.075)
2.2 (0.087)
0.8 (0.031)
1.4 (0.055)
C
6032
3.2 (0.126)
6.0 (0.236)
2.6 (0.102)
2.2 (0.087)
1.3 (0.051)
2.9 (0.114)
D
7343
4.3 (0.169)
7.3 (0.287)
2.9 (0.114)
2.4 (0.094)
1.3 (0.051)
4.4 (0.173)
E
7343H
4.3 (0.169)
7.3 (0.287)
4.1 (0.162)
2.4 (0.094)
1.3 (0.051)
4.4 (0.173)
V
6.1 (0.240)
7.3 (0.287)
3.45 ±0.3
3.1 (0.120)
1.4 (0.055)
3.4 (0.133)
(0.136±0.012)
W1 dimension applies to the termination width for A dimensional area only.


Similar Part No. - TAJD476010

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJD476016NJ AVX-TAJD476016NJ Datasheet
117Kb / 5P
   Standard Tantalum
More results

Similar Description - TAJD476010

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
T493D227K006CH612A KEMET-T493D227K006CH612A Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
logo
AVX Corporation
TAJB226M010R AVX-TAJB226M010R Datasheet
902Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
AVX Corporation
TAJB335M016R AVX-TAJB335M016R Datasheet
31Kb / 1P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491X157K020AT KEMET-T491X157K020AT_15 Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491D106K020AT KEMET-T491D106K020AT Datasheet
488Kb / 1P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
Vishay Siliconix
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
438417 VISHAY-438417 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
logo
Kemet Corporation
T496X227M010ATE500 KEMET-T496X227M010ATE500 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??Fused
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com