Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF1519T-IPSQTP Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC16LF1519T-IPSQTP
Description  28/40/44-Pin Flash Microcontrollers with XLP Technology
Download  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1519T-IPSQTP Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC16LF1519T-IPSQTP Datasheet HTML 7Page - Microchip Technology PIC16LF1519T-IPSQTP Datasheet HTML 8Page - Microchip Technology PIC16LF1519T-IPSQTP Datasheet HTML 9Page - Microchip Technology PIC16LF1519T-IPSQTP Datasheet HTML 10Page - Microchip Technology PIC16LF1519T-IPSQTP Datasheet HTML 11Page - Microchip Technology PIC16LF1519T-IPSQTP Datasheet HTML 12Page - Microchip Technology PIC16LF1519T-IPSQTP Datasheet HTML 13Page - Microchip Technology PIC16LF1519T-IPSQTP Datasheet HTML 14Page - Microchip Technology PIC16LF1519T-IPSQTP Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 376 page
background image
 2010-2012 Microchip Technology Inc.
DS41452C-page 11
PIC16(L)F1516/7/8/9
TABLE 1-2:
PINOUT DESCRIPTION
Name
Function
Input
Type
Output
Type
Description
RA0/AN0/SS(2)
RA0
TTL
CMOS General purpose I/O.
AN0
AN
ADC Channel 0 input.
SS
ST
Slave Select input.
RA1/AN1
RA1
TTL
CMOS General purpose I/O.
AN1
AN
ADC Channel 1 input.
RA2/AN2
RA2
TTL
CMOS General purpose I/O.
AN2
AN
ADC Channel 2 input.
RA3/AN3/VREF+
RA3
TTL
CMOS General purpose I/O.
AN3
AN
ADC Channel 3 input.
VREF+
AN
ADC Positive Voltage Reference input.
RA4/T0CKI
RA4
TTL
CMOS General purpose I/O.
T0CKI
ST
Timer0 clock input.
RA5/AN4/SS(1)/VCAP
RA5
TTL
CMOS General purpose I/O.
AN4
AN
ADC Channel 4 input.
SS
ST
Slave Select input.
VCAP
Power
Power Filter capacitor for Voltage Regulator (PIC16F1516/7/8/9 only).
RA6/OSC2/CLKOUT
RA6
TTL
CMOS General purpose I/O.
OSC2
XTAL
Crystal/Resonator (LP, XT, HS modes).
CLKOUT
CMOS FOSC/4 output.
RA7/OSC1/CLKIN
RA7
TTL
CMOS General purpose I/O.
OSC1
XTAL
Crystal/Resonator (LP, XT, HS modes).
CLKIN
ST
External clock input (EC mode).
RB0/AN12/INT
RB0
TTL
CMOS General purpose I/O with IOC and WPU.
AN12
AN
ADC Channel 12 input.
INT
ST
External interrupt.
RB1/AN10
RB1
TTL
CMOS General purpose I/O with IOC and WPU.
AN10
AN
ADC Channel 10 input.
RB2/AN8
RB2
TTL
CMOS General purpose I/O with IOC and WPU.
AN8
AN
ADC Channel 8 input.
RB3/AN9/CCP2(2)
RB3
TTL
CMOS General purpose I/O with IOC and WPU.
AN9
AN
ADC Channel 9 input.
CCP2
ST
CMOS Capture/Compare/PWM 2.
RB4/AN11
RB4
TTL
CMOS General purpose I/O with IOC and WPU.
AN11
AN
ADC Channel 11 input.
RB5/AN13/T1G
RB5
TTL
CMOS General purpose I/O with IOC and WPU.
AN13
AN
ADC Channel 13 input.
T1G
ST
Timer1 Gate input.
RB6/ICSPCLK
RB6
TTL
CMOS General purpose I/O with IOC and WPU.
ICSPCLK
ST
CMOS In-Circuit Data I/O.
RB7/ICSPDAT
RB7
TTL
CMOS General purpose I/O with IOC and WPU.
ICSPDAT
ST
CMOS ICSP™ Data I/O.
Legend: AN = Analog input or output CMOS= CMOS compatible input or output
OD
= Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal
levels
Note 1:
Peripheral pin location selected using APFCON register (Register 12-1). Default location.
2:
Peripheral pin location selected using APFCON register (Register 12-1). Alternate location.
3:
PORTD and RE<2:0> available on PIC16(L)F1517/9 only.


Similar Part No. - PIC16LF1519T-IPSQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF1519 MICROCHIP-PIC16LF1519 Datasheet
2Mb / 344P
   28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16LF1519 MICROCHIP-PIC16LF1519 Datasheet
2Mb / 344P
   28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16LF1519 MICROCHIP-PIC16LF1519 Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC16LF1519 MICROCHIP-PIC16LF1519 Datasheet
247Kb / 8P
   PIC16(L)F1516/1517/1518/1519 Family
11/27/12
More results

Similar Description - PIC16LF1519T-IPSQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F1516 MICROCHIP-PIC16F1516_12 Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC16F1519-I MICROCHIP-PIC16F1519-I Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC18F25K20T-ISO MICROCHIP-PIC18F25K20T-ISO Datasheet
3Mb / 456P
   28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
01/05/10
PIC18F25K20T-ISS MICROCHIP-PIC18F25K20T-ISS Datasheet
3Mb / 456P
   28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
01/05/10
PIC18F23K20 MICROCHIP-PIC18F23K20_10 Datasheet
3Mb / 456P
   28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F72X MICROCHIP-PIC16F72X Datasheet
4Mb / 302P
   28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2009
PIC16F1516 MICROCHIP-PIC16F1516 Datasheet
2Mb / 344P
   28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F722 MICROCHIP-PIC16F722 Datasheet
4Mb / 302P
   28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
03/26/09
PIC12F1516 MICROCHIP-PIC12F1516 Datasheet
2Mb / 344P
   28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16F1512-I MICROCHIP-PIC16F1512-I Datasheet
5Mb / 348P
   28-Pin Flash Microcontrollers with XLP Technology
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com