Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAJB225016 Datasheet(PDF) 6 Page - AVX Corporation

Part # TAJB225016
Description  Surface Mount Tantalum Capacitors
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJB225016 Datasheet(HTML) 6 Page - AVX Corporation

Back Button TAJB225016 Datasheet HTML 2Page - AVX Corporation TAJB225016 Datasheet HTML 3Page - AVX Corporation TAJB225016 Datasheet HTML 4Page - AVX Corporation TAJB225016 Datasheet HTML 5Page - AVX Corporation TAJB225016 Datasheet HTML 6Page - AVX Corporation TAJB225016 Datasheet HTML 7Page - AVX Corporation TAJB225016 Datasheet HTML 8Page - AVX Corporation TAJB225016 Datasheet HTML 9Page - AVX Corporation TAJB225016 Datasheet HTML 10Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
5
TAJ Series
Capacitance
Rated voltage (V
R) at 85°C
µF
Code
2V
4V
6.3V
10V
16V
20V
25V
35V
50V
0.10
104
AA
0.15
154
AA/B
0.22
224
AA/B
0.33
334
AB
0.47
474
AA/B
C
0.68
684
A
A
A/B
C
1.0
105
A
A
A
B A
C
1.5
155
A
A
A
A/B
B/C A
D C
2.2
225
A
A
A/B
A/B
B A
B/C
D
3.3
335
A
A
A/B
A/B
B/C
C B
D
4.7
475
A
A
A/B
B A
B/C A
C B
C/D B
D
6.8
685
A
A/B
A/B
B/C A
B/C
C B
D C
D
10
106
A
A/B
B/C A
B/C A
C B
C/D
D CE
15
156
B A
B A
B/C A
C B
C/D B
DD C
22
226
A
B/C A
C B A
C/D B
D C B
D C
E D
33
336
A/B
C B A
C/D B
D C B
D C
E DD
47
476
AB A
C/D B
D C B
D CD C
D
E
68
686
B/C
C/D B
D C
D C
E D
E
100
107
B/C
D C B
D C
E DV D/E
150
157
BB
C/D
E DD/ V
E
220
227
C/D
C/D
E DV D/E
330
337
C
EE
D/E/ V
E
470
477
E/ V D
E
V
680
687
DE
V
1000
108
DE
1500
158
E
CAPACITANCE AND VOLTAGE RANGE
(LETTER DENOTES CASE CODE)
= Standard Range
= Extended Range
= Development Range


Similar Part No. - TAJB225016

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJB225020NJ AVX-TAJB225020NJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJB225035TNJ AVX-TAJB225035TNJ Datasheet
140Kb / 8P
   TAJ Series Standard Tantalum
TAJB225050NJ AVX-TAJB225050NJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
TAJB225050NJ AVX-TAJB225050NJ Datasheet
140Kb / 8P
   TAJ Series Standard Tantalum
TAJB225050NJ AVX-TAJB225050NJ Datasheet
117Kb / 5P
   General purpose SMT chip tantalum series
More results

Similar Description - TAJB225016

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
T493D227K006CH612A KEMET-T493D227K006CH612A Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
logo
AVX Corporation
TAJB226M010R AVX-TAJB226M010R Datasheet
902Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
AVX Corporation
TAJB335M016R AVX-TAJB335M016R Datasheet
31Kb / 1P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491X157K020AT KEMET-T491X157K020AT_15 Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491D106K020AT KEMET-T491D106K020AT Datasheet
488Kb / 1P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
Vishay Siliconix
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
438417 VISHAY-438417 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
logo
Kemet Corporation
T496X227M010ATE500 KEMET-T496X227M010ATE500 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??Fused
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com